Part Number Hot Search : 
ML4426 211YA M050B DJ33A 22102 S10043 BTS282Z MA475
Product Description
Full Text Search
 

To Download SSM9435GJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.siliconstandard.com 1 of 5 p -channel enhancement-mode power mosfet low gate-charge bv dss -30v simple drive requirement r ds(on) 50mw fast switching i d -20a description the ssm9435h is in a to-252 package, which is widely used for commercial and industrial surface mount applications, and is well suited for low voltage applications such as dc/dc converters. the through-hole version, the ssm9435j in to-251, is available for low-footprint vertical g d s to-251 (j) g d s to-252 (h) g d s mounting. these devices are manufactured with an advanced process, providing improved on-resistance and switching performance. absolute maximum ratings symbol units v ds v v gs v i d @ t c =25c i d @ t c =100c i dm a p d @ t c =25c w/c t stg t j symbol value unit rthj-c thermal resistance junction-case max. 4 c/w rthj-a thermal resistance junction-ambient max. 110 c/w parameter rating drain-source voltage -30 gate-source voltage continuous drain current -20 a continuous drain current -13 a pulsed drain current 1 -72 operating junction temperature range -55 to 150 c linear derating factor 0.25 storage temperature range total power dissipation 31 w -55 to 150 c thermal data parameter 20 pb-free; rohs compliant. ssm 9 435 g h,j 2/16/2005 re v.2.1
www.siliconstandard.com 2 of 5 ssm9435gh,j 2/16/2005 re v.2.1 electrical characteristics @ t j =25c (unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v d bv dss / d t j breakdown voltage temperature coefficient reference to 25c , i d =-1ma - -0.1 -v/c r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-10a - - 50 mw v gs =-4.5v, i d =-5a - - 90 mw v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-10a - 9.6 - s i dss drain-source leakage current (t j =25 o c) v ds =-30v, v gs =0v - - -1 ua drain-source leakage current (t j =150 o c) v ds =-24v, v gs =0v - - -25 ua i gss gate-source leakage v gs = 20v - - 100 na q g total gate charge 2 i d =-10a - 10 16 nc q gs gate-source charge v ds =-24v - 3 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 0.8 - nc t d(on) turn-on delay time 2 v ds =-15v - 9.6 - ns t r rise time i d =-10a - 18 - ns t d(off) turn-off delay time r g =3.3w , v gs =-10v - 19 - ns t f fall time r d =1.5w -14- ns c iss input capacitance v gs =0v - 463 740 pf c oss output capacitance v ds =-25v - 187 - pf c rss reverse transfer capacitance f=1.0mhz - 140 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-10a, v gs =0v - - -1.2 v t rr reverse recovery time 2 i s =-10a, v gs =0v, - 34 - ns q rr reverse recovery charge di/dt=-100a/s - 30 - nc notes: 1.pulse width limited by maximum junction temperature. 2.pulse width < 300us , duty cycle < 2%.
www.siliconstandard.com 3 of 5 ssm 9 435 g h,j 2/16/2005 re v.2.1 fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance vs. gate voltage fig 4. normalized on-resistance vs. junction temperature fig5. forward characteristic of fig 6. gate threshold voltage vs. reverse diode junction temperature 0 20 40 60 80 024681 0 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c =25 o c v g =-4.0v -4.5v -10v -8.0v -6.0v 0 10 20 30 40 50 60 70 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c =150 o c v g =-4.0v -4.5v -6.0v -10v -8.0v 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c) -v gs(th) (v) 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 30 40 50 60 70 80 90 24681 01 2 -v gs , gate-to-source voltage (v) r ds(on) (m w ) i d =-10a t c =25c 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =-10a v g =-10v
www.siliconstandard.com 4 of 5 ssm 9 435 g h,j 2/16/2005 re v.2.1 fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge 100 1000 1 5 9 1 31 72 12 52 9 -v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty=0.5 single pulse 0.1 1 10 100 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) 1ms 10ms 100ms 1s dc t c =25 o c single pulse 0 2 4 6 8 10 12 0 5 10 15 20 25 30 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d =-10a v ds =-24v
in formation furnished by silicon standard corporation is believed to be accurate and reliable. however, silicon standard corporation makes no guarantee or warranty, expre ss or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. silicon standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. no license is granted, whether expressly or by im plication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of silicon standard corporation or any third parties. www.siliconstandard.com 5 of 5 ssm 9 435 g h,j 2/16/2005 re v.2.1


▲Up To Search▲   

 
Price & Availability of SSM9435GJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X