Part Number Hot Search : 
1N5336B 1N5565B 00146 62201 PC895 2450BP PFSM100 8TRPB
Product Description
Full Text Search
 

To Download SM10100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sm1020c thur SM10100C voltage 20v~100v 10.0 amp schottky barrier rectifiers 18-aug-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a b e g d f c h rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case molded plastic ? epoxy ul 94v-0 rate flame retardant ? metallurgically bonded construction ? polarity color band denotes cathode end ? mounting position: any ? weight 1.10 grams package information package mpq leader size smc 3k 13 inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%) part number parameter symbol sm1020c sm1040c sm1060c SM10100C unit peak repetitive peak reverse voltage v rrm 20 40 60 100 working peak reverse voltage v rwm 20 40 60 100 maximum dc blocking voltage v r 20 40 60 100 v maximum average forward current, see fig. 1 i f(av) 10 peak forward surge current @ 8.3 ms half sine-wave superimposed on rated load (jedec method) i fsm 180 a maximum instantaneous forward voltage v f @ i f =10 a, t a = 25c v f 0.56 0.7 0.83 v t j = 25c 0.3 0.2 0.1 maximum dc reverse current at rated dc blocking voltage t j = 100c i r 22 15 10 ma typical junction capacitance 1 c j 380 pf typical thermal resistance r jc 10 c / w operating temperature range t j -50~150 c storage temperature t stg -65~175 c notes: 1. measured at 1mhz and applied reverse voltage of 4.0 v d.c. smc millimete r millimete r ref. min. max. ref. min. max. a 2.75 3.15 e - 0.203 b 6.60 7.11 f 7.75 8.13 c 5.59 6.22 g 0.76 1.27 d 2.00 2.62 h 0.15 0.31
elektronische bauelemente sm1020c thur SM10100C voltage 20v~100v 10.0 amp schottky barrier rectifiers 18-aug-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SM10100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X