Part Number Hot Search : 
IN4756A 3602S LLZ2V009 FFM306 2SA1839 TLGE27C 74ABT652 S29GL256
Product Description
Full Text Search
 

To Download DGSK40-025A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2001 ixys all rights reserved 1 - 2 dgs 20-022a dgsk 40-022a dgs 20-025a dgsk 40-025a v rsm v rrm type v v 220 220 dgs 20-022a 250 250 dgs 20-025a v rsm v rrm type v v 220 220 dgsk 40-022a 250 250 dgsk 40-025a preliminary data ac c to-220 ac a c (tab) a = anode, c = cathode , tab = cathode single common cathode to-220 ab a c a c (tab) aca 119 symbol conditions maximum ratings i fav t c = 25 c; dc 18 a i fav t c = 90 c; dc 13 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 30 a t vj -55...+175 c t stg -55...+150 c p tot t c = 25 c48w m d mounting torque 0.4...0.6 nm features  low forward voltage  very high switching speed  low junction capacity of gaas - low reverse current peak at turn off  soft turn off  temperature independent switching behaviour  high temperature operation capability  epoxy meets ul 94v-0 applications  mhz switched mode power supplies (smps)  small size smps  high frequency converters  resonant converters pulse test: pulse width = 5 ms, duty cycle < 2.0 % data according to iec 60747 and per diode unless otherwise specified ixys reserves the right to change limits, conditions and dimensions. gallium arsenide schottky rectifier i fav = 18 a v rrm = 220/250 v c junction = 26 pf symbol conditions characteristic values typ. max. i r t vj = 25c v r = v rrm 2.0 ma t vj = 125c v r = v rrm 2.0 ma v f i f = 7.5 a; t vj = 125c 1.3 v i f = 7.5 a; t vj = 25c 1.2 1.5 v c j v r = 100 v; t vj = 125c 26 pf r thjc 3.1 k/w r thch 0.5 k/w weight 2g
? 2001 ixys all rights reserved 2 - 2 dgs 20-022a dgsk 40-022a dgs 20-025a dgsk 40-025a 0.0 0.5 1.0 1.5 2.0 2.5 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 0.01 0.1 1 10 t s k/w 0.1 1 10 100 1000 10 100 c j i f a v f v r v pf v z thjc t vj = 125 c 25 c dgs10-015/018bs t vj = 125 c 300 30 single pulse 119 fig. 1 typ. forward characteristics fig. 2 typ. junction capacity versus blocking voltage fig. 3 typ. thermal impedance junction to case note: explanatory comparison of the basic operational behaviour of rectifier diodes and gallium arsenide schottky diodes: conduction forward characteristics turn off characteristics turn on characteristics by majority + minority carriers v f (i f ) extraction of excess carriers causes temperature dependant reverse recovery (t rr , i rm , q rr ) delayed saturation leads to v fr rectifier diode by majority carriers only v f (i f ), see fig. 1 reverse current charges junction capacity c j , see fig. 2; not temperature dependant no turn on overvoltage peak gaas schottky diode outline (center pin only for dgsk types) dim. millimeter inches min. max. min. max. a 12.70 13.97 0.500 0.550 b 14.73 16.00 0.580 0.630 c 9.91 10.66 0.390 0.420 d 3.54 4.08 0.139 0.161 e 5.85 6.85 0.230 0.270 f 2.54 3.18 0.100 0.125 g 1.15 1.65 0.045 0.065 h 2.79 5.84 0.110 0.230 j 0.64 1.01 0.025 0.040 k 2.54 bsc 0.100 bsc m 4.32 4.82 0.170 0.190 n 1.14 1.39 0.045 0.055 q 0.38 0.56 0.015 0.022 r 2.29 2.79 0.090 0.110


▲Up To Search▲   

 
Price & Availability of DGSK40-025A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X