Part Number Hot Search : 
4744A BROAD 15KP150 2SB1036 IDTQS3 T4700M JOC2351 AS5171
Product Description
Full Text Search
 

To Download DG408AK883B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  scope: 8-channel/dual 4-channel cmos, analog switches device type generic number smd number 01 dg408a(x)/883b 5962-9204201 02 dg409a(x)/883b 5962-9204202 case outline(s ). the case outlines shall be designated in mil-std-1835 and as follows: outline letter mil-std-1835 case outline package code maxim smd k e gdip1-t16 or cdip2-t16 16 lead cerdip j16 l x cdfp3-f16 16 lead flatpack f16 z 2 cqcc1-n20 20-pin ceramic lcc l20 absolute maximum ratings voltage referenced to v - v + to v - .............................................................................................................................. 44v v - to gnd ....................................................................................................................... .. 25v digital inputs overvoltage range 1/ ..................................................... .(v - -2v) to (v + +2v) or 20ma whichever occ urs first. continuous current, any terminal except s or d ........................................................... 30ma continuous current, s or d ............................................................................................ . 20ma current, s or d (pulsed at 1ms, 10% duty cycle max) .................................................... 40ma lead temperature (soldering, 10 seconds) ........................................................................ +300 c storage temperature ........................................................................................... -65 c to +150 c continuous power dissipation ........................................................................??.... t a = + 70 c 16 lead cerdip(derate 10.0mw/ c above +70 c) ..............................................??.. 800mw 16 lead flatpack(derate 6.1mw/ c above +70 c) ...........................................??.. 485mw 20 lead lcc(derate 9.1mw/ c above +70 c) .......................................................??... 727mw junction temperature t j ....................................................................................??.... +150 c thermal resistance, junction to case, jc: case outline 16 lead cerdip................................................................??.... 50 c/w case outline 16 lead flatpack .........................................................??... 65 c/w case outline 20 lead lcc .....................................................................??... 55 c/w thermal resistance, junction to ambient, ja: case outline 16 lead cerdip.............................................................??.... 100 c/w case outline 16 lead flatpack .......................................................??... 165 c/w case outline 20 lead lcc ....................................................................??... 110 c/w recommended operating conditions ambient operating range (t a ) ......................................................???..... -55 c to + 125 c positive supply voltage (v + ) ..............................................................................???.... +15v negative supply voltage (v - ) ...............................................................................???... -15v 1/ signals on s, d or in exceeding v + or v - are clamped by internal diodes. limit forward current to maximum current ratings. stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. ---------------------------- electrical characteristics of dg408a/409a/883b 19-0368 rev. b for smd 5962-92042 page 2 of 6
table 1. electrical tests: test symbol conditions -55 c <=t a <= +125 c v + =+15v, v - =-15v, gnd=0v v ah =2.4v, v al =0.8v, v en =2.4v unless otherwise specified group a subgroup device type limits min limits max units switch analog-signal range v analog note 2 1,2,3 all -15 15 v drain-source on resistance r ds(on) i s =-10ma, v d = 10v 1,3 2 all 100 125 ? r ds(on) matching between channels ? r ds (on) i s =-10ma, v d = 10v, note 3 1 all 15 ? source-off leakage current i s(off) v s = 10v, v d = 10v, v en =0v 1 2 all -0.5 -50 0.5 50 na drain-off leakage current i d(off) v s = 10v, v d = 10v, v en =0v 1 2 2 all 01 02 -1.0 -100 -50 1.0 100 50 na drain-on leakage current i d(on)+ i s(on) v s = 10v, v d = 10v, sequence each switch on 1 2 2 all 01 02 -1.0 -100 -50 1.0 100 50 na input input current/voltage high i ah v a = 2.4v, 15v 1,2,3 all -10 10 a input current/voltage low i al v a =0v, v en = 0v, 2.4v 1,2,3 all -10 10 a standby positive supply current +i sby v a =0v, v en = 0v 1,2,3 all 75 a standby negative supply current -i sby v a =0v, v en = 0v 1,2,3 all -75 a supply positive supply current i+ v a =0v, v en = 2.4v 1,3 2 all 0.5 2.0 ma negative supply current i- v a =0v, v en = 2.4v 1,2,3 all -0.5 ma dynamic transition time t trans figure 2 9,10,11 all 250 ns break before make time t open figure 4 9 all 10 ns enable turn-on time t on(en) figure 3 9,11 10 all 150 225 ns enable turn-off time t off(en) figure 3 9,10,11 all 150 ns note 2: guaranteed by design. note 3: ? r ds(on) = ? r ds(on) max- ? r ds(on) min figure 2: transition time test circuit: see commercial data sheet figure 3: enable switching time: see commercial data sheet figure 4: break-before-make interval: see commercial data sheet ---------------------------- electrical characteristics of dg408a/409a/883b 19-0368 rev. b for smd 5962-92042 page 3 of 6
ordering information: smd number circuit function pkg code dg408ak/883b 5962-9204201mea 8-channel analog multiplexer 16 cerdip dg408al/883b 5962-9204201mxc 8-channel analog multiplexer 16 flatpack dg408az/883b 5962-9204201m2c 8-channel analog multiplexer 20 lcc dg409ak/883b 5962-9204202mea dual 4-channel analog multiplexer 16 cerdip dg409al/883b 5962-9204202mxc dual 4-channel analog multiplexer 16 flatpack dg409az/883b 5962-9204202m2c dual 4-channel analog multiplexer 20 lcc truth tables: terminal connection a2 a1 a0 en dg408a on switch terminal number dg408 dg408 dg409 dg409 x x x l none j16 & f16 lcc20 j16 & f16 lcc20 l l l h 1 1 a0 nc a0 nc l l h h 2 2 en a0 en a0 l h l h 3 3 v- en v- en l h h h 4 4 s1 v- s1a v- h l l h 5 5 s2 s1 s2a s1a h l h h 6 6 s3 nc s3a nc h h l h 7 7 s4 s2 s4a s2a h hhh 8 8 d s3 da s3a 9s8s4dbs4a dg409a 10 s7 d s4b da on switch 11 s6 nc s3b nc x x x none 12 s5 s8 s2b db l l h 1 13 v+ s7 s1b s4b l h h 2 14 gnd s6 v+ s3b h l h 3 15 a2 s5 gnd s2b hhh 4 16 a1 nc a1 nc 17 v+ s1b 18 gnd v+ 19 a2 gnd 20 a1 a1 ---------------------------- electrical characteristics of dg408a/409a/883b 19-0368 rev. b for smd 5962-92042 page 4 of 6
quality assurance sampling and inspection procedures shall be in accordance with mil-prf-38535, appendix a as specified in mil- std-883. screening shall be in accordance with method 5004 of mil-std-883. burn-in test method 1015: 1. test condition, a, b, c, or d. 2. ta = +125 c minimum. 3. interim and final electrical test requirements shall be specified in table 2. quality conformance inspection shall be in accordance with method 5005 of mil-std-883, including groups a, b, c, and d inspection. group a inspection: 1. tests as specified in table 2. 2. selected subgroups in table 1, method 5005 of mil-std-883 shall be omitted. group c and d inspections: a. end-point electrical parameters shall be specified in table 1. b. steady-state life test, method 1005 of mil-std-883: 1. test condition a, b, c, d. 2. ta = +125 c, minimum. 3. test duration, 1000 hours, except as permitted by method 1005 of mil-std-883. table 2. electrical test requirements mil-std-883 test requirements subgroups per method 5005, table 1 interim electric parameters method 5004 1 final electrical parameters method 5005 1*, 2, 3, 7, 8, 9, 10, 11 group a test requirements method 5005 1, 2, 3, 7**, 8**, 9, 10, 11 group c and d end-point electrical parameters method 5005 1 * pda applies to subgroup 1 only. ** subgroups 7 and 8 tests shall be sufficient to verify the truth table. ---------------------------- electrical characteristics of dg408a/409a/883b 19-0368 rev. b for smd 5962-92042 page 5 of 6


▲Up To Search▲   

 
Price & Availability of DG408AK883B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X