Part Number Hot Search : 
DRD2412 1N4448 1N4448 MMSZ5V6 1N4448 2N3767 U2797B LH003
Product Description
Full Text Search
 

To Download 1N5399G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n 5392g 1n 5393g 1n 5394g 1n 5395g 1n 5396g 1n 5397g 1n 5398g 800 100 200 300 400 500 600 100 200 300 400 500 600 800 70 140 280 350 420 560 45 50 1.5 1.2 v 5.0 200 a pf i r 1n5391g ...... 1N5399G 1n 5399g 1000 1000 700 1n 5391g 50 50 35 20 1n 5392g 1n 5393g 1n 5394g 1n 5395g 1n 5396g 1n 5397g 1n 5398g 1n 5399g 1n 5391g siyu r ?? ? 50 --- 1000 v 1.5 a general purpose plastic rectifier reverse voltage 50 to 1000 v forward current 1.5a 1.0(25.4) min .300(7.6) .230(5.8) 1.0(25.4) min .140(3.6) .104(2.6) dia dia .034(0.9) .028(0.7) do-15 unit inch mm 210 cj ? i f = 1.5a ta= 25 ? v r = 4.0v, f = 1mhz ta=125 maximum forward voltage maximum reverse current type junction capacitance v f symbols unit ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit r ja dachang electronics features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any ?? glass passivated chip ???rohs? lead and body according with rohs standard
siyu r ? ?? i fsm (a) ??? characteristic curves maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 1 2 4 6 10 20 40 100 40 30 20 10 0 50 1n5391g ...... 1N5399G dachang electronics 0 25 50 75 100 125 150 175 1.8 1.5 1.2 0.9 0.6 0.3 0 10mm 10mm ? ta( c ) ? i f(av) (a) forward current derating curve tamb, ambient temperature (c) i f(a) average forward rectified current (a) i f (a) ?? ? v f (v) typical forward characteristic i f instantaneous forward current (a) v f instantaneous forward voltage (v) 0.8 1.0 1.2 1.4 1.6 0.01 0.1 0.2 1 2 10 tj = 25 c


▲Up To Search▲   

 
Price & Availability of 1N5399G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X