Part Number Hot Search : 
4749A HCT14 C3504 MICRF001 HD6417 BN1L3N CM32DA 30L30CT
Product Description
Full Text Search
 

To Download BLM18SG331TN1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip ferrite bead used for general electronics equipment for your design. 2009.5.1 noise suppression products/emi suppression filters > emifil r (inductor type) > chip ferrite bead 1.6 0.15 0.8 0.15 0.4 0.2 0.5 0.15 (in mm) : electrode (resistance element becomes dominant at high frequencies.) emifil r (inductor type) chip ferrite bead blm18s series (0603 size)  dimensions  equivalent circuit  packaging code packaging minimum quantity d 180mm paper tape 10000 j 330mm paper tape 30000 b bulk(bag) 1000  rated value ( p : packaging code) part number impedance (at 100mhz/20 c) impedance (at 1ghz/20 c) rated current dc resistance(max.) operating temperature range blm18sg260tn1 p 26ohm 25% - 6000ma 0.007ohm -55 c to +125 c blm18sg700tn1 p 70ohm 25% - 4000ma 0.020ohm -55 c to +125 c blm18sg121tn1 p 120ohm 25% - 3000ma 0.025ohm -55 c to +125 c blm18sg221tn1 p 220ohm 25% - 2500ma 0.040ohm -55 c to +125 c blm18sg331tn1 p 330ohm 25% - 1500ma 0.070ohm -55 c to +125 c number of circuits: 1 continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip ferrite bead used for general electronics equipment for your design. 2009.5.1 in operating temperature exceeding +85 c, derating of current is necessary for blm18sg series. please apply the derating curve shown in chart according to the operating temperature. derating operating temperature [ c] derated current [a] 85 125 0 1 2 3 1.5 2.5 4 5 6 impedance ( ? ) frequency (mhz) 1 10 100 1000 3000 0 100 200 300 400 blm18sg331tn1 blm18sg121tn1 blm18sg700tn1 blm18sg260tn1 blm18sg221tn1 1 10 100 1000 3000 frequency (mhz) impedance ( ? ) 0 10 20 30 40 z r x noise suppression products/emi suppression filters > emifil r (inductor type) > chip ferrite bead  derating of rated current  impedance-frequency characteristics (main items)  impedance-frequency characteristics blm18sg260tn1 continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 3 o this data sheet is applied for chip ferrite bead used for general electronics equipment for your design. 2009.5.1 1 10 100 1000 3000 frequency (mhz) impedance ( ? ) 0 50 100 25 75 z r x 1 10 100 1000 3000 frequency (mhz) impedance ( ? ) 0 100 200 50 150 z r x 1 10 100 1000 3000 frequency (mhz) impedance ( ? ) 0 100 200 300 50 150 250 z r x 1 10 100 1000 3000 frequency (mhz) impedance ( ? ) 0 100 200 300 400 z r x noise suppression products/emi suppression filters > emifil r (inductor type) > chip ferrite bead  impedance-frequency characteristics blm18sg700tn1  impedance-frequency characteristics blm18sg121tn1  impedance-frequency characteristics blm18sg221tn1  impedance-frequency characteristics blm18sg331tn1 ! caution (rating) do not use products beyond the rated current as this may create excessive heat and deteriorate the insulation resistance. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of BLM18SG331TN1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X