Part Number Hot Search : 
GE570 BI400 JANS1 00201 87C52 AM1402 810A505 X25C02P
Product Description
Full Text Search
 

To Download PSF75-36S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver : pa_0 update : 2012.03.09 led power psf75 series 75 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -1- electrical specifications all specifications valid at normal input vol tage, full load and +25c after warm-up time unless otherwise stated. model no. psf75-24s PSF75-36S psf75-54s max output wattage ( w ) 75.6w voltage (note2) 90-295 vac frequency (hz) 50 / 60 hz power factor pf>0.9 at full load (115 vac / 230 vac) current (full load) 1.1a max. (115 vac) / 0.55a max. (230 vac) inrush current 60 a max. (cold start at 230 vac) input leakage current < 0.7 ma max at 240 vac voltage (v.dc.) 24v 36v 54v constant current operation voltage (max) (cc mode) (note3) 18~ 24 vdc 27~36 vdc 38~54 vdc voltage tolerance 10% preset current (ma) (cc mode) 3150 2100 1400 current adjustment range (ma) (cc mode) 2360~3150 1580~2100 1050~1400 minimum load (ma) 2360 1580 1050 line regulation (100-270vac) (typ.) 4% load regulation (min-max) (typ.) 5% ripple & noise (max) 2.7vp-p 3.6vp-p 5vp-p output efficiency (at 230vac.)(typ) 88% 90% 90% over current protection auto recovery over voltage protection zener diode clamp protection short circuit protection auto recovery input-output (v.ac) 3750v input-fg (v.ac) 1880v isolation output-fg .(v.ac) 500v operating temperature -30c?+70c (with derating) storage temperature -40c?+85c temperature coefficient 0.02%/c humidity 95% rh environment mtbf >530,000 h @ 25c (mil-hdbk-217f) dimension (l x w x h) 4.92 x 2.36 x 1.38 inches (125.0 x 60.0 x 35.0 mm) tolerance 0.5 mm weight g physical cooling method free air convection safety agency approvals ul8750 iec / en 61347-2-13 iec / en 61347-1 (pending) emi (conducted & radiated emission) en 55015 (pending) ems (noise immunity) en 61547 (pending) harmonic current en 61000-3-2(at full load) en 61000-3-3 (pending) emc surge 2kv l-l, 4kv l-e key features ? fully isolated plastic case with ip65/67 level ? suitable for dry / damp / wet / locations ? universal input: 100-277 vac ? bulit-in active pfc function ? high efficiency up to 90% ? free air convection ? high reliability ? with constant current & constant voltage ? output voltage and constant current level can be adjusted through inte rnal potential meter ? led power application ? 3-years product warranty
ver : pa_0 update : 2012.03.09 led power psf75 series 75 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -2- mechanical dimension ( top view ) derating note: 1. ripple & noise are measured at 20mhz of bandwidth with 0.1uf & 47uf parallel capacitor. 2. please check the derating curve for more details. 3. input voltage=115 or 230 vac this is the suitable operation region for led related applicat ion.but please reconfirm spec ial electrical requirements for some specific ststem design. block diagram


▲Up To Search▲   

 
Price & Availability of PSF75-36S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X