Part Number Hot Search : 
74LCX54 1N5785 74LS95N FQPF6N15 PMB23 KBP01 PMB23 PMB23
Product Description
Full Text Search
 

To Download F10U60DN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2000 fairchild semiconductor international ffpF10U60DN rev. f, september 2000 ultra fast recovery power rectifier absolute maximum ratings (per diode) t c =25 c unless otherwise noted thermal characteristics electrical characteristics (per diode) t c =25 c unless otherwise noted * pulse test: pulse width=300 s, duty cycle = 2% symbol parameter value units v rrm peak repetitive reverse voltage 600 v i f(av) average rectified forward current @ t c = 100 c10 a i fsm non-repetitive peak surge current 60hz single half-sine wave 60 a t j, t stg operating junction and storage temperature - 65 to +150 c symbol parameter value units r jc maximum thermal resistance, junction to case 2.5 c/w symbol parameter min. typ. max. units v fm * maximum instantaneous forward voltage i f = 10a i f = 10a t c = 25 c t c = 100 c 2.2 2.0 v i rm * maximum instantaneous reverse current @ rated v r t c = 25 c t c = 100 c 5 50 a t rr i rr q rr maximum reverse recovery time maximum reverse recovery current maximum reverse recovery charge (i f =10a, di/dt = 200a/ s) 90 6 270 ns a nc w av l avalanche energy 1.0 mj ffpF10U60DN features ? high voltage and high reliability  high speed switching  low forward voltage applications  general purpose  switching mode power supply  free-wheeling diode for motor application  power switching circuits to-220f 1 2 3 1. anode 2.cat hode 3. anode
?2000 fairchild semiconductor international rev. f, september 2000 ffpF10U60DN typical characteristics typical characteristics figure 1. typical forward voltage drop vs. forward current figure 3. typical junction capacitance figure 5. typical reverse recovery current vs. di/dt figure 2. typical reverse current vs. reverse voltage figure 4. typical reverse recovery time vs. di/dt figure 6. forward current derating curve 0.1 1 10 20 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t c = 25 o c t c = 100 o c forward voltage , v f [v] forward current , i f [a] 0.1 1 10 100 1 25 50 75 100 typical capacitance at 0v = 80 pf capacitance , cj [pf] reverse voltage , v r [v] 100 500 0 1 2 3 4 5 6 7 8 9 10 i f = 10a t c = 25 o c reverse recovery current , i rr [a] di/dt [a/ s] 100 200 300 400 500 600 1e-3 0.01 0.1 1 10 100 1000 t c = 100 o c t c = 25 o c reverse current , i r [ a] reverse voltage , v r [v] 100 500 40 50 60 70 80 90 100 i f = 10a t c = 25 o c reverse recovery time , t rr [ns] di/dt [a/ s] 60 80 100 120 140 160 0 2 4 6 8 10 12 14 16 dc average forward current , i f(av) [a] case temperature , t c [ o c]
?2000 fairchild semiconductor international rev. f, september 2000 ffpF10U60DN package dimensions dimensions in millimeters to-220f (7.00) (0.70) max1.47 (30 ) #1 3.30 0.10 15.80 0.20 15.87 0.20 6.68 0.20 9.75 0.30 4.70 0.20 10.16 0.20 (1.00x45 ) 2.54 0.20 0.80 0.10 9.40 0.20 2.76 0.20 0.35 0.10 ? 3.18 0.10 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] 0.50 +0.10 ? 0.05
trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification p roduct status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. qfet? qs? qt optoelectronics? quiet series? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? fastr? globaloptoisolator? gto? hisec? isoplanar? microwire? optologic? optoplanar? pop? powertrench ? rev. f1 acex? bottomless? coolfet? crossvolt? dome? e 2 cmos tm ensigna tm fact? fact quiet series? fast ? vcx?


▲Up To Search▲   

 
Price & Availability of F10U60DN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X