Part Number Hot Search : 
MIC3230 1T365 DV20220 FR840F MM3ZXXVB D2024 LC2272 90814
Product Description
Full Text Search
 

To Download 1N4758A-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features hermetic glass package silicon planar zener diodes mechanical data case: do-41 glass package weight: 0.3 09 grams (approx.) maximum ratings operating temperature: -65 o c to +200 o c storage temperature: -65 o c to +200 o c for capacitive load, derate current by 20% electrical characteristics @ 25 o c unless otherwise specified note: (1) valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature. 1n4728 thru 1n476 1.0 watt zener diode 3.3 to 75 volts a b c d d cathode mark min max min max a 0.166 0.205 4.10 7.60 b 0.080 0.107 2.00 3.60 diameter c 0.026 0.034 0.70 0.90 diameter d 1.000 ----- 25.40 ----- dimensions dim inches mm note do-41g  
 omp onents 20736 marilla street chatsworth       
     mcc dc power dissipation p d 1.0w t a 50 o c forward thermal resistance r th ja 100 k /w note 1 power derating from 100 o c p tot 10mw/ o c tm micro commercial components marking : cathode band and type number www. mccsemi .com 1 of 4 1n4728 thru 1n4761 voltage v f 1.2v drop revision: 11 2008 /04/02 lead free finish/rohs compliant (note2) ("p"suffix designates compliant. see ordering information) (2) . lead in glass exemption applied, see eu directive annex 5.
note 1: the jedec type number shown with an a suffix have a 5% tolerance on nominal zener voltage. no suffix signifies a 10% tolerance, c signifies 2%. 2: the zener impedance is derived from the 60 hz ac voltage, which r esults when an ac current having an rms value equal to 10% of the dc zener current(i zt or i zk ) is superimposed on i zt or i zk . zener impedance is measured at two points to insure a sharp knee on the breakdown curve and eliminate unstable units. 3: the reve rse surge current is measured at 25 o c ambient using a 1/2 square wave or equivalent sine wave pulse 1/120 second duration superimposed on i zt . 4: voltage measurements tobe performed 90 seconds after application of dc current. mcc 5: rohs compliant already and pb-free sticker on reel , box & carto n indicated rohs compliant . mcc zener test surge maximum part number voltage current current regulator current v z @i zt i zt z zt @i zt z zk @i zk i zk i r @v r v r i r i zm volts ma ohms ohms ma ua volts ma ma 1n4728 3.3 76 10 400 1 100 1 1380 276 1n4729 3.6 69 10 400 1 100 1 1260 252 1n4730 3.9 64 9 400 1 50 1 1190 234 1n4731 4.3 58 9 400 1 10 1 1070 217 1n4732 4.7 53 8 500 1 10 1 970 193 1n4733 5.1 49 7 550 1 10 1 890 178 1n4734 5.6 45 5 600 1 10 2 810 162 1n4735 6.2 41 2 700 1 10 3 730 146 1n4736 6.8 37 3.5 700 1 10 4 660 133 1n4737 7.5 34 4 700 0.5 10 5 605 121 1n4738 8.2 31 4.5 700 0.5 10 6 550 110 1n4739 9.1 28 5 700 0.5 10 7 500 100 1n4740 10 25 7 700 0.25 10 7.6 454 91 1n4741 11 23 8 700 0.25 5 8.4 414 83 1n4742 12 21 9 700 0.25 5 9.1 380 76 1n4743 13 19 10 700 0.25 5 9.9 344 69 1n4744 15 17 14 700 0.25 5 11.4 304 61 1n4745 16 15.5 16 700 0.25 5 12.2 285 57 1n4746 18 14 20 750 0.25 5 13.7 250 50 1n4747 20 12.5 22 750 0.25 5 15.2 225 45 1n4748 22 11.5 23 750 0.25 5 16.7 205 41 1n4749 24 10.5 25 750 0.25 5 18.2 190 38 1n4750 27 9.5 35 750 0.25 5 20.6 170 34 1n4751 30 8.5 40 1000 0.25 5 22.8 150 30 1n4752 33 7.5 45 1000 0.25 5 25.1 135 27 1n4753 36 7 50 1000 0.25 5 27.4 125 25 1n4754 39 6.5 60 1000 0.25 5 29.7 115 23 1n4755 43 6 70 1500 0.25 5 32.7 110 22 1n4756 47 5.5 80 1500 0.25 5 35.8 95 19 1n4757 51 5 95 1500 0.25 5 38.8 90 18 1n4758 56 4.5 110 2000 0.25 5 42.6 80 16 1n4759 62 4 125 2000 0.25 5 47.1 70 14 1n4760 68 3.7 150 2000 0.25 5 51.7 65 13 1n4761 75 3.3 175 2000 0.25 5 56 60 12 leakage current maximum reverse maximum dynamic impedance electrical characteristics (t a = 25? unless otherwise noted). maximum v f = 1.2v at i f = 200ma 1n4728 thru 1n476 1 www. mccsemi .com 2 mcc revision: 11 2008 /04/02
1n4728 thru 1n476 1 www. mccsemi .com 3 of 4 mcc tm micro commercial components figure 3 . effect of zener current on zener impedance figure 4 . effect of zener voltage on zener impedance 1000 500 200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5 10 20 50 100 i z , zener current (ma) z z , dynamic impedance (ohms) 1000 700 500 200 100 70 50 20 10 7 5 2 1 1 2 100 v z , zener current (ma) 35710 20305070 z z , dynamic impedance (ohms) t j = 25 c i z (rms) = 0.1 i z (dc) f = 60 hz 6.2 v 27 v v z = 2.7 v 47 v t j = 25 c i z (rms) = 0.1 i z (dc) f = 60 hz 20 ma 5 ma i z = 1 ma figure 1 . typical thermal resistance versus lead length figure 2 . effect of zener current 175 150 125 100 75 50 25 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 l, lead length to heat sink (inches) jl , junction-to-lead thermal resistance (mv/ c/w) v z , temperature coefficient (mv/ c) +6 +4 +2 0 ? ? 34 5678 v z , zener voltage (volts) v z @i z t a =25 c 20 ma 0.01 ma 1ma note: below 3 volts and above 8 volts note: changes in zener current do not note: effect temperature coefficients figure 5. maximum surge power 100 70 50 30 20 10 7 5 3 2 1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000 pw, pulse width (ms) this graph represents 90 percentile data points. for worst case design characteristics, multiply surge power by 2/3. p pk , peak surge power (watts) 11 v?00 v nonrepetitive 3.3 v?0 v nonrepetitive 5% duty cycle 10% duty cycle 20% duty cycle rectangular waveform t j =25 c prior to initial pulse revision: 11 2008 /04/02
mcc tm micro commercial components www. mccsemi .com 4 of 4 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose evision ordering information device packing (part number)-tp tape&reel; 5kpcs/reel (part number)-ap ammo packing;2.5kpcs/ammobox (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of 1N4758A-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X