Part Number Hot Search : 
87832 K2998 APTGF 13TAD CS520 74HC5 3F334EL SVF7N60F
Product Description
Full Text Search
 

To Download PDTA144TEF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product data sheet supersedes data of 2004 apr 27 2004 aug 05 discrete semiconductors pdta144t series pnp resistor-equipped transistors; r1 = 47 k , r2 = open
2004 aug 05 2 nxp semiconductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series features ? built-in bias resistors ? simplified circuit design ? reduction of component count ? reduced pick and place costs. applications ? general purpose switching and amplification ? inverter and interface circuits ? circuit driver. quick reference data description pnp resistor-equipped transistor (see ?simplified outline, symbol and pinning? for package details). symbol parameter typ. max. unit v ceo collector-emitter voltage ? ? 50 v i o output current (dc) ? ? 100 ma r1 bias resistor 47 ? k r2 open ? ? ? product overview note 1. * = p: made in hong kong. * = t: made in malaysia. * = w: made in china. type number package marking code npn complement philips eiaj pdta144te sot416 sc-75 5b pdtc144te PDTA144TEF sot490 sc-89 2m pdtc144tef pdta144tk sot346 sc-59 58 pdtc144tk pdta144tm sot883 sc-101 f9 pdtc144tm pdta144ts sot54 (to-92) sc-43 ta144t pdtc144ts pdta144tt sot23 ? *af (1) pdtc144tt pdta144tu sot323 sc-70 *7a (1) pdtc144tu
2004 aug 05 3 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series simplified outline, symbol and pinning type number simplified outline and symbol pinning pin description pdta144ts 1 base 2 collector 3 emitter pdta144te 1 base PDTA144TEF 2 emitter pdta144tk 3 collector pdta144tt pdta144tu pdta144tm 1 base 2 emitter 3 collector handbook, halfpage mam352 1 2 3 2 3 1 r1 handbook, halfpage mdb272 top view 1 2 3 1 2 3 r1 mdb268 handbook, halfpage 2 1 3 bottom view 1 2 3 r1
2004 aug 05 4 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series ordering information limiting values in accordance with the absolute maximum rating system (iec 60134). notes 1. refer to standard mounting conditions. 2. reflow soldering is the only recommended soldering method. 3. refer to sot883 standard mounting conditions; fr4 with 60 m copper strip line. type number package name description version pdta144te ? plastic surface mounted package; 3 leads sot416 PDTA144TEF ? plastic surface mounted package; 3 leads sot490 pdta144tk ? plastic surface mounted package; 3 leads sot346 pdta144tm ? leadless ultra small plastic package; 3 solder lands; body 1.0 0.6 0.5 mm sot883 pdta144ts ? plastic single-ended leaded (through hole) package; 3 leads sot54 pdta144tt ? plastic surface mounted package; 3 leads sot23 pdta144tu ? plastic surface mounted package; 3 leads sot323 symbol parameter conditions min. max. unit v cbo collector-base voltage open emitter ? ? 50 v v ceo collector-emitter voltage open base ? ? 50 v v ebo emitter-base voltage open collector ? ? 5 v i o output current (dc) ? ? 100 ma i cm peak collector current ? ? 100 ma p tot total power dissipation t amb 25 c sot23 note 1 ? 250 mw sot54 note 1 ? 500 mw sot323 note 1 ? 200 mw sot346 note 1 ? 250 mw sot416 note 1 ? 150 mw sot490 notes 1 and 2 ? 250 mw sot883 notes 2 and 3 ? 250 mw t stg storage temperature ? 65 +150 c t j junction temperature ? 150 c t amb operating ambient temperature ? 65 +150 c
2004 aug 05 5 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series thermal characteristics notes 1. refer to standard mounting conditions. 2. reflow soldering is the only recommended soldering method. 3. refer to sot883 standard mounting conditions; fr4 with 60 m copper strip line. characteristics t amb = 25 c unless otherwise specified. symbol parameter conditions value unit r th(j-a) thermal resistance from junction to ambient in free air sot23 note 1 500 k/w sot54 note 1 250 k/w sot323 note 1 625 k/w sot346 note 1 500 k/w sot416 note 1 833 k/w sot490 notes 1 and 2 500 k/w sot883 notes 2 and 3 500 k/w symbol parameter conditions min. typ. max. unit i cbo collector-base cut-off current v cb = ? 50 v; i e = 0 a ? ? ? 100 na i ceo collector-emitter cut-off current v ce = ? 30 v; i b = 0 a ? ? ? 1 a v ce = ? 30 v; i b = 0; t j = 150 c ? ? ? 50 a i ebo emitter-base cut-off current v eb = ? 5 v; i c = 0 a ? ? ? 100 na h fe dc current gain v ce = ? 5 v; i c = ? 1 ma 100 ? ? v cesat collector-emitter saturation voltage i c = ? 10 ma; i b = ? 0.5 ma ? ? ? 150 mv r1 input resistor 33 47 61 k c c collector capacitance i e = i e = 0; v cb = ? 10 v; f = 1 mhz ? ? 3 pf
2004 aug 05 6 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series package outlines unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 e 2.54 e 1 1.27 l 1 (1) max. 2.5 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54 to-92 sc-43a 04-06-28 04-11-16 a l 0 2.5 5 mm scale b c d b 1 l 1 d e plastic single-ended leaded (through hole) package; 3 leads sot5 4 e 1 e 1 2 3
2004 aug 05 7 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series unit a 1 max. b p cd e e 1 h e l p qw v references outline version european projection issue date 04-11-04 06-03-16 iec jedec jeita mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot23 to-236ab b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 plastic surface-mounted package; 3 leads sot2 3
2004 aug 05 8 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series unit a 1 b p cd e e 1 h e l p qw v references outline version european projection issue date iec jedec jeita mm 0.50 0.35 0.26 0.10 3.1 2.7 1.7 1.3 0.95 e 1.9 3.0 2.5 0.33 0.23 0.2 0.2 dimensions (mm are the original dimensions) 0.6 0.2 sot346 to-236 sc-59a b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.3 1.0 0.1 0.013 c x 12 3 plastic surface-mounted package; 3 leads sot34 6 04-11-11 06-03-16
2004 aug 05 9 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series unit a 1 max b p cd e e 1 h e l p qw v references outline version european projection issue date iec jedec jeita mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 2.2 1.8 1.35 1.15 0.65 e 1.3 2.2 2.0 0.23 0.13 0.2 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot323 sc-70 w m b p d e 1 e a b a 1 l p q detail x c h e e v m a a b y 0 1 2 mm scale a x 12 3 plastic surface-mounted package; 3 leads sot32 3 04-11-04 06-03-16
2004 aug 05 10 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series unit a 1 max b p cd e e 1 h e l p qw references outline version european projection issue date iec jedec jeita mm 0.1 0.30 0.15 0.25 0.10 1.8 1.4 0.9 0.7 0.5 e 1 1.75 1.45 0.2 v 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.23 0.13 sot416 sc-75 w m b p d e 1 e a a 1 l p q detail x h e e a b b v m a 0 0.5 1 mm scale a 0.95 0.60 c x 12 3 plastic surface-mounted package; 3 leads sot41 6 04-11-04 06-03-16
2004 aug 05 11 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series unit b p cd e e 1 h e l p w v references outline version european projection issue date 05-07-28 06-03-16 iec jedec jeita mm 0.33 0.23 0.2 0.1 1.7 1.5 0.95 0.75 0.5 e 1.0 1.7 1.5 0.1 0.1 dimensions (mm are the original dimensions) 0.5 0.3 sot490 sc-89 b p d e 1 e a l p detail x h e e w m v m a b a b 0 1 2 mm scale a 0.8 0.6 c x 12 3 plastic surface-mounted package; 3 leads sot49 0
2004 aug 05 12 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series unit a 1 max. a (1) bb 1 e 1 ell 1 references outline version european projection issue date iec jedec jeita mm 0.50 0.46 0.20 0.12 0.55 0.47 0.03 0.62 0.55 0.35 0.65 dimensions (mm are the original dimensions) note 1. including plating thickness 0.30 0.22 0.30 0.22 sot883 sc-101 03-02-05 03-04-03 de 1.02 0.95 l e 2 3 1 b b 1 a 1 a d l 1 0 0.5 1 mm scale l eadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm sot88 3 e e 1
2004 aug 05 13 nxp semico nductors product data sheet pnp resistor-equipped transistors; r1 = 47 k , r2 = open pdta144t series data sheet status notes 1. please consult the most recently issued document before initiating or completing a design. 2. the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest pr oduct status information is available on the internet at url http://www.nxp.com. document status (1) product status (2) definition objective data sheet development this document contains data from the objective specification for product development. preliminary data sheet qualification this document contains data from the preliminary specification. product data sheet production this document contains the product specification. disclaimers general ? information in this docu ment is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shal l have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, airc raft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for incl usion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are fo r illustrative purposes only. nxp semiconductors makes no representation or warranty that su ch applications will be suitable for the specified use without further testing or modification. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. expo sure to limiting values for extended periods may af fect device reliability. terms and conditions of sale ? nxp semico nductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile /terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in th is document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data ? the quick refere nce data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
nxp semiconductors contact information for additional information please visit: http://www.nxp.com for sales offices addresses send e-mail to: salesaddresses@nxp.com ? nxp b.v. 2009 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liabilit y will be accepted by the publisher for any consequen ce of its use. publicat ion thereof d oes not con vey nor imply any license under patent- or other industrial or intellectual property rights. customer notification this data sheet was changed to reflect the new company name nxp semiconductors, including new legal definitions and disclaimers. no changes were made to the technical content, except for package outline drawings which were updated to the latest version. printed in the netherlands r75/03/pp14 date of release: 2004 aug 05 document order number: 9397 750 13661


▲Up To Search▲   

 
Price & Availability of PDTA144TEF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X