Part Number Hot Search : 
DF5A8 P99446G PP2FFXX A71A1 DT74ALV OPI2630 TDA154 MC1117SJ
Product Description
Full Text Search
 

To Download MTSZ5256BWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m t sz 52xxbws series 2 00mw , sod - 323l surface mount zener diodes elektronische bauelemente 6 - jan - 20 1 2 rev. a page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of - c specifies halogen & lead - free features ? wide zener voltage range selection, 3.0 v to 75v ? v z tolerance selection of 5 % ? flat lead sod - 323l small outline plastic package ? surface device type mounting ? green emc ? m atte tin(sn) lead finish ? band indicates cathode package information package mpq leader size sod - 323 l 3 k 7 inch absolute maximum ratings (t a = 25c unless otherwise specified ) parameter symbol r ating unit power dissipation p d 2 00 mw operating and storage temperature range t j , t stg - 65~ 150 c so d - 323l ref. millimeter ref. millimeter min. max. min. max. a 2.30 2.70 d 1.60 1.80 b 1.15 1.35 e 0.25 0.40 c 0.80 1.10 f 0.05 0.25
m t sz 52xxbws series 2 00mw , sod - 323l surface mount zener diodes elektronische bauelemente 6 - jan - 20 1 2 rev. a page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics ( t a = 25c unless otherwise specified , v f =900mv max imum @ i f =10ma ) type number m arking zener voltage range maximum zener impedance maximum reverse leakage curren t v z @ i zt i zt z z t @ i zt z z k @ i z k =0.25ma i z k i r @v r min(v) nom(v) max(v) ma ma a v m t sz5221b w s z2v4 2.28 2.4 2.52 20 30 1200 0.25 100 1 m t sz5222b w s z2v5 2.38 2.5 2.63 20 30 1250 0.25 100 1 m t sz5223b w s z2v7 2.57 2.7 2.84 20 30 1300 0.25 75 1 m t sz5224b w s z2v8 2.66 2.8 2.94 20 30 1400 0.25 75 1 m t sz5225b w s z3v0 2.85 3 3.15 20 29 1600 0.25 50 1 m t sz5226b w s z3v3 3.14 3.3 3.47 20 28 1600 0.25 25 1 m t sz5227b w s z3v6 3.42 3.6 3.78 20 24 1700 0.25 15 1 m t sz5228b w s z3v9 3.71 3.9 4.1 0 20 23 1900 0.25 10 1 m t sz5229b w s z4v3 4.09 4.3 4.52 20 22 2000 0.25 5 1 m t sz5230b w s z4v7 4.47 4 .7 4.94 20 19 1900 0.25 5 2 m t sz5231b w s z5v1 4.85 5.1 5.36 20 17 1600 0.25 5 2 m t sz5232b w s z5v6 5.32 5.6 5.88 20 11 1600 0.25 5 3 m t sz5233b w s z6v0 5.7 0 6 6.3 0 20 7 1600 0.25 5 3.5 m t sz5234b w s z6v2 5.89 6.2 6.51 20 7 1000 0.25 5 4 m t sz5235b w s z6v8 6.46 6.8 7.14 20 5 750 0.25 3 5 m t sz5236b w s z7v5 7.13 7.5 7.88 20 6 500 0.25 3 6 m t sz5237b w s z8v2 7.79 8.2 8.61 20 8 500 0.25 3 6.5 m t sz5238b w s z8v7 8.27 8.7 9.14 20 8 600 0.25 3 6.5 m t sz5239b w s z9v1 8.65 9.1 9.56 20 10 600 0.25 3 7 m t sz5240b w s z10v 9.5 0 10 10.5 0 20 17 600 0.25 3 8 m t sz5241b w s z11v 10.45 11 11.55 20 22 600 0.25 2 8.4 m t sz5242b w s z12v 11.4 0 12 12.6 0 20 30 600 0.25 1 9.1 m t sz5243b w s z13v 12.35 13 13.65 9.5 13 600 0.25 0.5 9.9 m t sz5244b w s z14v 13.3 0 14 14.7 0 9 15 600 0.25 0.1 10 m t sz5245 b w s z15v 14.25 15 15.75 8.5 16 600 0.25 0.1 11 m t sz5246b w s z16v 15.2 0 16 16.8 0 7.8 17 600 0.25 0.1 12 m t sz5247b w s z17v 16.15 17 17.85 7.4 19 600 0.25 0.1 13 m t sz5248b w s z18v 17.1 0 18 18.9 0 7 21 600 0.25 0.1 14 m t sz5249b w s z19v 18.05 19 19.95 6.6 23 600 0.25 0.1 14 m t sz5250b w s z20v 19 .00 20 21 .00 6.2 25 600 0.25 0.1 15
m t sz 52xxbws series 2 00mw , sod - 323l surface mount zener diodes elektronische bauelemente 6 - jan - 20 1 2 rev. a page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics ( t a = 25c unless otherwise specified , v f =900mv max imum @ i f =10ma ) type number m arking zener voltage range maximum zener impedance maximum reverse leakage c urrent v z @ i zt i zt z z t @ i zt z z k @ i z k i z k i r @v r min(v) nom(v) max(v) ma ma a v m t sz5251b w s z22v 20.9 0 22 23.1 0 5.6 29 600 0.25 0.1 17 m t sz5252b w s z24v 22.8 0 24 25.2 0 5.2 33 600 0.25 0.1 18 m t sz5253b w s z25v 23.75 25 26.25 5 35 600 0.25 0.1 19 m t sz5254b w s z27v 25.65 27 28.35 4.6 41 600 0.25 0.1 21 m t sz5255b w s z28v 26.6 0 28 29.4 0 4.5 44 600 0.25 0.1 21 m t sz5256b w s z30v 28.5 0 30 31.5 0 4.2 49 600 0.25 0.1 23 m t sz5257b w s z33v 31.35 33 34.65 3.8 58 700 0.25 0.1 25 m t sz5258b w s z36v 34.2 0 36 37.8 0 3. 4 70 700 0.25 0.1 27 m t sz5259b w s z39v 37.05 39 40.95 3.2 80 800 0.25 0.1 30 m t sz5260b w s z43v 40.85 43 45.15 3 93 900 0.25 0.1 33 m t sz5261b w s z47v 44.65 47 49.35 2.7 105 1000 0.25 0.1 36 m t sz5262b w s z51v 48.45 51 53.55 2.5 125 1100 0.25 0.1 39 m t sz5263 b w s z56v 53.2 0 56 58.8 0 2.2 150 1300 0.25 0.1 43 m t sz5264b w s z60v 57 00 60 63 .00 2.1 170 1400 0.25 0.1 46 m t sz5265b w s z62v 58.9 0 62 65.1 0 2 185 1400 0.25 0.1 47 m t sz5266b w s z68v 64.6 0 68 71.4 0 1.8 230 1600 0.25 0.1 52 m t sz5267b w s z75v 71.25 75 78.75 1.7 270 1700 0.25 0.1 56 notes: 1. the z ener v oltage ( v z ) is te sted under pulse condition of 1 ms. 2. the device numbers listed have a standard tolerance on the nominal z ener voltage of 5 %. 3 . the zener impedance is derived from the 60 - cycle ac voltage, which results when an ac current having an rms value equal to 10% of the d c zener current ( i zt or i zk ) is superimposed to i zt or i zk . characteristic curves
m t sz 52xxbws series 2 00mw , sod - 323l surface mount zener diodes elektronische bauelemente 6 - jan - 20 1 2 rev. a page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of MTSZ5256BWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X