Part Number Hot Search : 
CM1962B IDTQS3 15420 P5616 C1206 HE871 LFPHV001 16100
Product Description
Full Text Search
 

To Download 28FHSY-RSM1-GAN-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  513 this zif (zero insertion force) type flip lock fpc connector achieves a low profile feature of a 0.9mm (.035") mounting height despite the thickness of the fpc being 0.3mm (.012"). features ?space saving design this space-saving housing realizes 3.4mm (.134") in depth. ?heat resistant design for surface mounting application the housing is made of heat resistant resin to allow reflow soldering. ?embossed tape for automatic mounting supplied in embossed tape packaging for automatic surface mounting operation. specifications ?current rating: 0.5a ac, dc ?voltage rating: 50v ac, dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/60m ? max. after environmental testing/60m ? max. (variance from the initial) ?insulation resistance: 800m ? min. ?withstanding voltage: 200v ac/minute ?applicable fpc: lead pitch/0.5mm (.020") lead width/0.35mm (.014") mating part thickness/ 0.3 0.05mm (.012" .002") * contact jst if lead-free product is required. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 fhsy connector connectors for fpc 0.5mm (.020") pitch emboss tape
514 w1 ( ) +2.5 - 1.0 +.098 - .039 carrier tape feeding direction [13(.512)dia.] 2.0 0.5 (.079 .020) 330 2.0(12.992 .079)dia. cover tape 4.0 0.1 (.157 .004) 1.55 0.05 (.061 .002)dia. 0.98 0.1 (.039 .004) 0.98 0.1 (.039 .004) 1.55 0.05 (.061 .002)dia. 8.0 0.1 (.315 .004) 3.65 0.1 (.144 .004) 0.5 (.020) w 0.3(.012) f 0.1(.004) 1.75 0.1 (.069 .004) carrier tape cover tape 4.0 0.1 (.157 .004) 1.55 0.05 (.061 .002)dia. 8.0 0.1 (.315 .004) 3.65 0.1 (.144 .004) 0.5 (.020) w 0.3(.012) f 0.1(.004) 1.75 0.1 (.069 .004) carrier tape cover tape 4.0 0.1 (.157 .004) 0.98 0.1 (.039 .004) 8.0 0.1 (.315 .004) 3.65 0.1 (.144 .004) 0.5 (.020) w 0.3(.012) f 0.1(.004) 1.75 0.1 (.069 .004) feeding direction cover tape leader carrier tape the end part 160(6.299)min. connector mounting part 400(15.748)min. leader part 100(3.937)min. connector 0.5(.020) 0.15(.006) 3.15(.124) c 0.9 0.1 (.035 .004) a b contact: copper alloy, nickel-undercoated, selective gold-plated cover: heat resisting resin, ul94v-0 housing: heat resisting resin, ul94v-0 solder tab: copper alloy, copper-undercoated, tin-plated model no. dimensions mm(in.) a b q'ty / reel cir- cuits material and finish 05fhsy-rsm1-gan-tb 06fhsy-rsm1-gan-tb 11fhsy-rsm1-gan-tb 12fhsy-rsm1-gan-tb 16fhsy-rsm1-gan-tb 18fhsy-rsm1-gan-tb 20fhsy-rsm1-gan-tb 24fhsy-rsm1-gan-tb 28FHSY-RSM1-GAN-TB 3.0(.118) 3.5(.138) 6.0(.236) 6.5(.256) 8.5(.335) 9.5(.374) 10.5(.413) 12.5(.492) 14.5(.571) c 4.56(.180) 5.06(.199) 7.56(.298) 8.06(.317) 10.06(.396) 11.06(.435) 12.06(.475) 14.06(.554) 16.06(.632) 2.0(.079) 2.5(.098) 5.0(.197) 5.5(.217) 7.5(.295) 8.5(.335) 9.5(.374) 11.5(.453) 13.5(.531) 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 5 6 11 12 16 18 20 24 28 taping specifications fhsy connector circuits taping dimensions mm(in.) reel dimensions mm(in.) fww1 q'ty / reel 5 6 to 16 18 to 28 5.5(.217) 7.5(.295) 11.5(.453) 12.0(.472) 16.0(.630) 24.0(.945) 17.5( .689) 17.5( .689) 25.5(1.004) 3,000 3,000 3,000 (5 circuits) (6 to 16 circuits) (18 to 28 circuits) note: 1. specifications conform to jis c 0806. the tape width, connector loading recess square hole dimensions, etc. are determined by the number of circuits and external shape of the connector to be loaded. 2. specifications are subject to change without prior notice.
515 0.5 0.1 (.020 .004) 0.35 0.04 (.014 .002) 0.5 0.03 (.020 .001) 2.5(.098)min. [0.5(.020)x(number of circuits +1)] 0.05( .002) [0.5(.020)x(number of circuits ?1)] 0.03( .001) 2 0.2(.008) r 0.3 0.05 (.012 .002) [3.0(.118)] reinforcing layer cover lay lead section dimensions of fpc a 0.03(.001) 0.3 0.03 (.012 .001) 0.5 0.03 (.020 .001) 0.35 0.05 (.014 .002) 0.7 0.05 (.028 .002) 1.36 0.05 (.054 .002) 1.2 0.05 (.047 .002) 0.8 0.05 (.031 .002) 0.4 0.05 (.016 .002) 0.15(.006) 3.25(.128) 0.9(.035) pc board layout (viewed from component side) and assembly layout fhsy connector note: 1. tolerances are non-cumulative: 0.03mm ( .001") for all centers. 2. the dimensions above should serve as a guideline. contact jst for details.


▲Up To Search▲   

 
Price & Availability of 28FHSY-RSM1-GAN-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X