Part Number Hot Search : 
W52NK25Z A2011 1N5391 P010027 A103M 30C01SP ACM4004C TA202412
Product Description
Full Text Search
 

To Download D11-CRCW060310022R005P5-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay d r a lori c ? 32 features ? metal glaze on high quality ceramic ? protective overglaze ? snpb contacts on ni barrier layer ? excellent stability at different environmental conditions ? high volume product suitable for commercial and special applications thick film, rectangular d... C crcw general parameters type size p (w) at 70 c limiting element tcr tolerance resistance range e-series inch metric cecc eia- voltage 40401-802 575 vpmax ppm/k % w 50 0,5 / 1 100r C 1m0 24 + 96 d10 100 0,5 / 1 10r C 4m7 24 + 96 crcw0402 0402 1005 0,063 50 100 1 1r0 C 9r1 24 200 5 1r0 C 10m 24 zero-ohm-resistor : r max = 20mw i max = 1a 50 0,5 / 1 100r C 10m 24 + 96 d11 100 0,5 10r C 10m 24 + 96 crcw0603 0603 1608 0,1 0,0625 75 100 1 1r0 C 10m 24 + 96 200 5 1r0 C 10m 24 zero-ohm-resistor : r max = 20mw i max = 1,5a 50 0,5 / 1 100r C 10m 24 + 96 d12 100 0,5 10r C 10m 24 + 96 crcw0805 0805 2012 0,125 0,1 150 100 1 1r0 C 10m 24 + 96 200 5 1r0 C 10m 24 zero-ohm-resistor : r max = 20mw i max = 2a 50 0,5 / 1 100r C 10m 24 + 96 d25 100 0,5 10r C 10m 24 + 96 crcw1206 1206 3216 0,25 0,125 200 100 1 1r0 C 10m 24 + 96 200 5 1r0 C 10m 24 zero-ohm-resistor : r max = 20mw i max = 2,5a crcw1210 1210 3225 0,33* ) 0,25 200 100 1 1r0 C 1m0 24 + 96 200 5 1r0 C 1m0 24 zero-ohm-resistor : r max = 20mw i max = 2,5a 50 0,5 / 1 100r C 2m2 24 + 96 crcw1218 1218 3246 1,0* ) 200 100 1 1r0 C 2m2 24 + 96 200 5 1r0 C 2m2 24 zero-ohm-resistor : r max = 20mw i max = 4a 50 0,5 / 1 100r C 10m 24 + 96 100 0,5 10r C 10m 24 + 96 crcw2010 2010 5025 0,5* ) 0,5 400 100 1 1r0 C 10m 24 + 96 200 5 1r0 C 10m 24 zero-ohm-resistor : r max = 20mw i max = 3a 50 0,5 / 1 100r C 10m 24 + 96 100 0,5 10r C 10m 24 + 96 crcw2512 2512 6332 1,0* ) 1,0 500 100 1 1r0 C 10m 24 + 96 200 5 1r0 C 10m 24 zero-ohm-resistor : r max = 20mw i max = 4a ask for further value range special terminations for conductive adhesive attachment on request power rating depends on the max. temperature at the solder point , marking: see page 72 the component placement density and the substrate material packaging: see pages 73-75 * ) size not specified in cecc
33 vishay d r a lori c ? size solder pad dimensions (mm) reflow soldering wave soldering inch metric a b l a b l 0402 1005 0,4 0,6 0,5 0603 1608 0,5 0,9 1,0 0,9 0,9 1,0 0805 2012 0,7 1,3 1,2 0,9 1,3 1,3 1206 3216 0,9 1,7 2,0 1,1 1,7 2,3 1210 3225 0,9 2,5 2,0 1,1 2,5 2,2 1218 3246 1,05 4,9 1,9 1,25 4,8 1,9 2010 5025 1,0 2,5 3,9 1,2 2,5 3,9 2512 6332 1,0 3,2 5,2 1,2 3,2 5,2 thick film, rectangular d... C crcw size dimensions ( mm ) inch metric l w h t1 t2 0402 1005 1,0 0,05 0,5 0,05 0,35 0,05 0,25 0,2 0,1 0603 1608 1,55 0,85 0,1 0,45 0,05 0,3 0,2 0,3 0,2 0805 2012 2,0 1,25 0,15 0,45 0,05 0,3 0,3 0,2 1206 3216 3,2 1,6 0,15 0,55 0,05 0,45 0,2 0,4 0,2 1210 3225 3,2 0,2 2,5 0,2 0,55 0,05 0,45 0,2 0,4 0,2 1218 3246 3,2 4,6 0,15 0,55 0,05 0,45 0,2 0,4 0,2 2010 5025 5,0 0,15 2,5 0,15 0,60 0,05 0,6 0,2 0,6 0,2 2512 6332 6,3 0,2 3,15 0,15 0,60 0,05 0,6 0,2 0,6 0,2 ordering information d11 C crcw0603 100 562r 1% pn style tc resistance value tolerance packaging ppm / k w % pn-papertape 20000 pcs + 0,05 C 0,10 + 0,10 C 0,05 + 0,20 C 0,10 + 0,20 C 0,10 + 0,10 C 0,20 + 0,10 C 0,20 technical characteristics parameter unit d10 d11 d12 d25 crcw1210 crcw1218 crcw2010 crcw2512 crcw0402 crcw0603 crcw0805 crcw1206 rated dissipation at 70 c w 0,063 0,1 0,063 0,125 0,1 0,25 0,125 0,33 1,0 0,5 1,0 (cecc 40401 | eia 575) limiting element voltage 2) v p 50 75 150 200 200 200 400 500 insulation voltage (1 min) v peek > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 thermal resistance k/w 870 1) 550 1) 440 1) 220 1) 3) 3) 3) 3) insulation resistance w > 10 9 category temperature range c -55 / +125 (+155) failure rate h C1 0,3 10 C9 weight / 1000pcs g 0,65 2 5,5 10 16 29,5 25,5 40,5 1) measuring conditions in acc. to cecc 40401 2) rated voltage: ? pxr 3) depending on solder pad dimensions
vishay d r a lori c ? 34 thick film, rectangular d... C crcw packaging type reel bulk packaging code bulk feeding magazine tapewidth diameter pieces/reel pieces / magazine paper blister pieces code d10 8mm 180mm / 7" 10000 p0 crcw0402 papertape 330mm / 13" 50000 pz 50000 2) mz d11 8mm 180mm / 7" 5000 p5 b5 crcw0603 paper-/ 255mm / 10" 10000 p0 25000 mu blistertape 1) 330mm / 13" 20000 pn bn d12 8mm 180mm / 7" 5000 p5 b5 crcw0805 paper-/ 255mm / 10" 10000 p0 10000 mo blistertape 1) 330mm / 13" 20000 pn bn d25 8mm 180mm / 7" 5000 p5 b5 crcw1206 paper-/ 255mm / 10" 10000 p0 blistertape 1) 330mm / 13" 20000 pn bn 8mm 180mm / 7" 5000 p5 b5 crcw1210 paper-/blistertape 1) 330mm / 13" 20000 pn bn 12mm 180mm / 7" 4000 b4 crcw1218 blistertape 12mm 180mm / 7" 4000 b4 crcw2010 blistertape 12mm 180mm / 7" 2000 b2 crcw2512 blistertape 4000 b4 1) only in combination with 180mm / 7" and 330mm / 13" plastic reel 2) on request, further information about packaging: see pages 73-75
35 vishay d r a lori c ? thick film, rectangular d... C crcw
vishay d r a lori c ? 36 thick film, rectangular d... C crcw
37 vishay d r a lori c ? thick film, rectangular d... C crcw performance test conditions of test test results % 0402 0805 1218 0603 1206 2010 1210 2512 endurance test at 70 c iec 60115-1 4.25.1 1000h at 70 c 1 0,5 1,0 endurance at uct iec 60115-1 4.25.3 1000h at 125 c without load 1 0,5 1,0 overload test iec 60115-1 4.13 short time overload 0,5 0,25 0,5 thermal shock iec 60115-1 4.19 iec 60068-2-14 rapid change between upper and lower category temperature 0,5 0,25 0,5 damp heat steady state iec 60115-1 4.24 iec 60068-2-3 56 days at 40 c and 93% relative humidity 1,0 0,5 1,0 resistance to soldering heat iec 60115-1 4.18 iec 600 68-2-20 10 seconds at 260 c solder bath temperature 0,5 0,25 0,5 applicable specifications cecc40000 / 40400 / 40401-004,-006,-007,-802 en140400 / iec 60115 C 1


▲Up To Search▲   

 
Price & Availability of D11-CRCW060310022R005P5-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X