Part Number Hot Search : 
294003 VRE405AD 2405DR 08U0M 1N5229 1A71B MAX39 ZD06V8
Product Description
Full Text Search
 

To Download SNC-20-15-1-1-FCAPC-9L-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dicon?s single window narrowband fbt coupler is a compact low loss singlemode component designed for splitting power signals in the 1550 nm or 1310 nm windows.   l ow insertion loss  low pdl  low wavelength dependence loss  tested to telecordia gr-1221 (bare fiber version) 
  single window narrowband fbt couplers are designed for power splitting and tapping in telecommunication equipment, catv networks, and test equipment. these components are available individually or integrated into dicon?s modules for fiber protection switching, mux/dmux, optical channel monitoring, and add/drop multiplexing applications.  
    
   
 specifications subject to change. copyright ?2001 dicon fiberoptics, inc. all rights reserved. 
 
dicon fiberoptics, inc. 1689 regatta blvd. richmond, ca 94804 tel. (510)620-5000 fax. (510)620-4100 www.diconfiber. com  
    
   
 0064a      1        
 units: mm 3.05 62.0 2.54 47.0 51.0 loose tube package bare fiber package      snc - - - - - - tap ratio 11% 22% 55% 10 10% 20 20% 30 30% 40 40% 50 50% passband 13 15 1290 - 1330 nm 1530 - 1570 nm x specify value grade 1 premium 2 standar 2 2x2 d port configuration 1 1x2 connector type fc fc/spc fc/apc fc/apc fc/upc fc/upc sc sc/spc sc/apc sc/apc sc/upc sc/upc st st/spc st/upc st/upc lc lc/spc lc/upc lc/upc mu/upc mu/upc n none fiber jacket 2 250 micron, 200 kpsi bare fiber 9l 900 micron, loose tube pigtail length 1 1 meter x specify x meters - grade uniformity directivity back-reflection thermal stability fiber type operating temperature storage temperature 50 db min. (for 1 x 2) 60 db min. (for 2 x 2) -50 db max. (for 1 x 2) -60 db max. (for 2 x 2) 0.002 db/ 0 c max. 9/125 corning smf-28 -40 0 c to + 70 0 c -40 0 c to + 85 0 c 1. all specifications r 2. for 50/50 coupler only. eferenced without connectors. premium 0.5 db max. standard 0.7 db max. 2  
! "
 standard 0.3 0.25 0.25 0.2 0.2 0.2 0.2 premium 0.2 0.15 0.15 0.1 0.1 0.1 0.1 tap ratio 1% 2% 5% 10% 20% 30% 40% premium 0.2 0.25 0.4 0.6 1.2 1.7 2.4 standard 0.3 0.35 0.5 0.8 1.3 1.9 2.7 premium 21 18.2 14 10.8 7.3 5.5 4.3 insertion loss p1 insertion loss p2 pdl standard 22.5 19.2 17.8 11.8 7.9 6.0 4.7 0.15 0.1 50% 3.3 3.6 3.3 3.6


▲Up To Search▲   

 
Price & Availability of SNC-20-15-1-1-FCAPC-9L-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X