Part Number Hot Search : 
242003B HD61200 CY22391 SI851X EE320 ATMEGA MAZ3027 XR1015CN
Product Description
Full Text Search
 

To Download BZX84C33S-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzx84c2v4s - bzx84c39s dual 200mw surface mount zener diode ds30108 rev. 10 - 2 1 of 3 bzx84c2v4s - bzx84c39s www.diodes.com  diodes incorporated features  planar die construction  200mw power dissipation  zener voltages from 2.4v - 39v  ultra-small surface mount package  available in lead free/rohs compliant version (note 6)  case: sot-363  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 5, on page 1  polarity: see diagram  marking: see table page 2  weight: 0.006 grams (approx.) mechanical data characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j, t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g f sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0  8 all dimensions in mm * add -7 to the appropriate type number in table 1 from sheet 2 example: 6.2v zener = bzx84c6v2s-7. notes: 1. mounted on fr4 pc board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. 3. f = 1khz. 4. for packaging details, got to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. example : bzx84c39s-7-f. 6. no purposefully added lead. device packaging shipping (type number)-4* sot-363 3000/tape & reel (note 4) ordering information nc c 1 a 1 a 2 c 2 nc
ds30108 rev.10 - 2 2 of 3 bzx84c2v4s - bzx84c39s www.diodes.com type number marking code zener voltage range (note 7) maximum zener impedance (note 8) maximum reverse current (note 7) temperature coefficient of zener voltage @i zt = 5ma mv/  c v z @i zt i zt z zt @ i zt z zk @ i zk i zk i r v r nom (v) min (v) max (v) ma  ma ua v min max bzx84c2v4s kzb 2.4 2.2 2.6 5.0 100 600 1.0 50 1.0 -3.5 0 bzx84c2v7s kzc 2.7 2.5 2.9 5.0 100 600 1.0 20 1.0 -3.5 0 bzx84c3v0s kzd 3.0 2.8 3.2 5.0 95 600 1.0 10 1.0 -3.5 0 bzx84c3v3s kze 3.3 3.1 3.5 5.0 95 600 1.0 5.0 1.0 -3.5 0 bzx84c3v6s kzf 3.6 3.4 3.8 5.0 90 600 1.0 5.0 1.0 -3.5 0 bzx84c3v9s kzg 3.9 3.7 4.1 5.0 90 600 1.0 3.0 1.0 -3.5 0 bzx84c4v3s kzh 4.3 4.0 4.6 5.0 90 600 1.0 3.0 1.0 -3.5 0 bzx84c4v7s kz1 4.7 4.4 5.0 5.0 80 500 1.0 3.0 2.0 -3.5 0.2 bzx84c5v1s kz2 5.1 4.8 5.4 5.0 60 480 1.0 2.0 2.0 -2.7 1.2 bzx84c5v6s kz3 5.6 5.2 6.0 5.0 40 400 1.0 1.0 2.0 -2.0 -2.5 bzx84c6v2s kz4 6.2 5.8 6.6 5.0 10 150 1.0 3.0 4.0 0.4 3.7 bzx84c6v8s kz5 6.8 6.4 7.2 5.0 15 80 1.0 2.0 4.0 1.2 4.5 bzx84c7v5s kz6 7.5 7.0 7.9 5.0 15 80 1.0 1.0 5.0 2.5 5.3 bzx84c8v2s kz7 8.2 7.7 8.7 5.0 15 80 1.0 0.7 5.0 3.2 6.2 bzx84c9v1s kz8 9.1 8.5 9.6 5.0 15 100 1.0 0.5 6.0 3.8 7.0 bzx84c10s kz9 10 9.4 10.6 5.0 20 150 1.0 0.2 7.0 4.5 8.0 bzx84c11s ky1 11 10.4 11.6 5.0 20 150 1.0 0.1 8.0 5.4 9.0 bzx84c12s ky2 12 11.4 12.7 5.0 25 150 1.0 0.1 8.0 6.0 10.0 bzx84c13s ky3 13 12.4 14.1 5.0 30 170 1.0 0.1 8.0 7.0 11.0 bzx84c15s ky4 15 13.8 15.6 5.0 30 200 1.0 0.1 10.5 9.2 13.0 bzx84c16s ky5 16 15.3 17.1 5.0 40 200 1.0 0.1 11.2 10.4 14.0 bzx84c18s ky6 18 16.8 19.1 5.0 45 225 1.0 0.1 12.6 12.4 16.0 bzx84c20s ky7 20 18.8 21.2 5.0 55 225 1.0 0.1 14.0 14.4 18.0 bzx84c22s ky8 22 20.8 23.3 5.0 55 250 1.0 0.1 15.4 16.4 20.0 bzx84c24s ky9 24 22.8 25.6 5.0 70 250 1.0 0.1 16.8 18.4 22.0 bzx84c27s kya 27 25.1 28.9 2.0 80 300 0.5 0.1 18.9 21.4 25.3 bzx84c30s kyb 30 28.0 32.0 2.0 80 300 0.5 0.1 21.0 24.4 29.4 bzx84c33s kyc 33 31.0 35.0 2.0 80 325 0.5 0.1 23.1 27.4 33.4 bzx84c36s kyd 36 34.0 38.0 2.0 90 350 0.5 0.1 25.2 30.4 37.4 bzx84c39s kye 39 37.0 41.0 2.0 130 350 0.5 0.1 27.3 33.4 41.2 electrical characteristics @ t a = 25  c unless otherwise specified notes: 7. short duration test pulse used to minimize self-heating effect. 8. f = 1khz. month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code npr stuvw date code key kxx = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september kxx ym kxx ym marking information
ds30108 rev. 10 - 2 3 of 3 bzx84c2v4s - bzx84c39s www.diodes.com 0 10 20 30 40 50 01 2 3 4 5 6 7 8910 i , zener current (ma) z v , zener voltage (v) z fi g . 2 zener breakdown characteristics t = 25c j c2v7 c3v3 c3v9 c4v7 c5v6 c6v8 c8v2 test current i z 5.0ma c , total capacitance (pf) t 10 100 1000 10 100 1 v , nominal zener voltage (v) z fig. 4. total capacitance vs nominal zener voltage t=25c j v=1v r v=2v r v=1v r v=2v r t , ambient temperature, (c) a fi g . 1. power deratin g curve p , power dissipation (mw) d see note 1 200 100 300 0 0 100 200 0 10 20 30 0 i , zener current (ma) z v , zener voltage (v) z fi g . 3, zener breakdown characteristics 10 20 30 40 t = 25c j te s t c u r r e n t i z 5ma test current i z 2ma c10 c12 c18 c22 c27 c33 c36 c15 c39


▲Up To Search▲   

 
Price & Availability of BZX84C33S-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X