Part Number Hot Search : 
1N445 MAX68 TJ49150 LOGIC G4PH30K GB4600 FA5109P D1755
Product Description
Full Text Search
 

To Download SP6330EK1-LYHDTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 1 sp6330, sp6332 and sp6334 quad po wer supervisory circuits with manual reset & watchdog sp6330-sp6332- sp6334 quad power supervisory circuit family is a family of microprocessor reset supervisory circuits with multiple reset voltages. the family provides low voltage monitoring ability for up-to four supplies with two precision factory-set thresholds and two user defined custom thresholds. these circuits perform a single function: if any of the input supply voltages drops below its associated threshold, reset outputs are asserted. the sp6330, sp6332, and sp6334 are packaged in an 8-pin tsot package. all devices are fully specified over -40 o c to +85 o c temperature range. features low operating voltage of 1.6v low operating current of 20 a typical monitors up to four supplies simultaneously adjustable inputs monitor down to 0.5v reset asserted down to 0.9v 2% accuracy over temperature range open drain (od) or cmos rstb output or cmos rst output 4 reset timeout periods: 50ms, 100ms, 200ms and 400 ms watch dog input functionality -- wdi manual reset input (active low) -- mrib 8 pin tsot package description available in lead free packaging see page 2 for other available pinouts 1 2 3 4 5 6 7 8 8 pin tsot v2 sp6330 v1 mrib v3 wdi gnd v4 rstb open drain reset typical application circuit
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 2 terminal voltage (with respect to gnd) v1, v2..................................................... -0.3 to +6v open-drain rstb ....................................... -0.3 to +6v cmos rst, rstb, . ............... .... . -0.3 to (v1+0.3v) input current/output current...... ............................,,.............. ..........20ma v3, v4, mrib, wdi ........................ -0.3 to (v1+0.3v) absolute maximum ratings feature and pinout diagram operating temperature range ............................................... -4 0 c to +85 c storage temperature range...............................................-65 c to 150 c thermal resistance q ja ..............................134 c/w part number v1 v2 v3 v4 reset mrib wdi sp6330 od active low sp6332 cmos active low sp6334 cmos active high 1 2 3 4 5 6 7 8 8 pin tsot v2 sp6330 v1 mrib v3 wdi gnd v4 rstb open drain reset 1 2 3 4 5 6 7 8 8 pin tsot v2 sp6332 v1 mrib v3 wdi gnd v4 rstb cmos reset 1 2 3 4 5 6 7 8 8 pin tsot v2 sp6334 v1 mrib v3 wdi gnd v4 rst cmos reset these are stress ratings only and functional operation of the device at these ratings or any other above those indicated in th e operation sections of the specifications below is not implied. exposure to absolute maximum rating conditions for extended periods of time may af fect reliability and cause permanent damage to the device. representative samples available pinout diagrams sipex product product description package v1 (volts) v2 (volts) v3 (volts) v4 (volts) reset (ms) ordering # sp6330 quad supervisor open drain low 8 pin tsot 2.925 1.575 0.5 0.5 200 sp6330ek1-l-w-g-c sp6330 quad supervisor o p en drain low 8 pin tsot 3.075 2.313 0.5 0.5 200 sp6330ek1-l-x-j-c sp6330 quad supervisor open drain low 8 pin tsot 4.625 2.313 0.5 0.5 200 sp6330ek1-l-z-j-c sp6332 quad supervisor cmos low 8 pin tsot 2.625 1.575 0.5 0.5 200 sp6330ek1-l-v-g-c
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 3 electrical characteristics parameter min typ max units conditions operating voltage ran g e 0.9 5.5 v t a = -40oc to +85oc 20 30 ua v1 < 5.5v, v2 < 3.60v, all i/o pins open 15 25 v1 < 3.6v, v2 < 2.75v, all i/o pins open 4.532 4.625 4.718 z ( valid for v1 fallin g) 4.287 4.375 4.463 y ( valid for v1 fallin g) 3.013 3.075 3.137 x ( valid for v1 fallin g) 2.866 2.925 2.984 w ( valid for v1 fallin g) v1 reset 2.572 2.625 2.678 v ( valid for v1 fallin g) threshold 2.273 2.320 2.367 u ( valid for v1 fallin g) 2.146 2.190 2.234 t ( valid for v1 fallin g) 1.636 1.670 1.704 s ( valid for v1 fallin g) 1.548 1.580 1.612 r ( valid for v1 fallin g) 2.266 2.313 2.360 j ( valid for v2 fallin g) 2.144 2.188 2.232 i ( valid for v2 fallin g) 1.631 1.665 1.698 h ( valid for v2 fallin g) 1.543 1.575 1.607 g ( valid for v2 fallin g) v2 reset 1.360 1.388 1.416 f ( valid for v2 fallin g) threshold 1.286 1.313 1.340 e ( valid for v2 fallin g) 1.087 1.110 1.133 d ( valid for v2 fallin g) 1.029 1.050 1.071 c ( valid for v2 fallin g) 0.816 0.833 0.850 b ( valid for v2 fallin g) 0.772 0.788 0.804 a ( valid for v2 fallin g) threshold 1 tempco 0.06 mv/oc threshold 2 tempco 0.04 mv/oc threshold 1 h y steresis 0.65 % reference to vth1 typical threshold 2 h y steresis 0.5 % reference to vth2 typical v1 to rst/rstb dela y 50 us v1 = vth1 to (vth1-0.1v), vth1 = 3.075 v2 to rst/rstb dela y 50 us v2 = vth2 to (vth2-0.1v), vth2 = 1.575 reset timeout period ( t1 ) 37 50 63 ms topt-1 reset timeout period ( t2 ) 74 100 126 ms topt-2 reset timeout period ( t3 ) 148 200 252 ms topt-3 reset timeout period (t4) 296 400 504 ms topt-4 v1 =1.6v to 5.5v; ta = -40oc to +85oc; unless otherwise noted. typical values are at ta =+25oc supply current v v
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 4 electrical characteristics parameter min typ max units conditions v3 input threshold 490 500 510 mv v3 input current -50 50 na t a = +25oc v3 threshold hysteresis 1.5 mv v4 input threshold 490 500 510 mv v4 in p ut current -50 50 na t a = +25oc v4 threshold h y steresis 1.5 mv mrib input threshold 0.2*v1 v vil mrib input threshold 0.8*v1 v vih mrib minimum in p ut pulse width 1us mrib glitch re j ection 150 ns mrib to rst/rstb dela y 100 ns mrib pull-up resistance 30 55 85 k? watchdog timeout period 1.3 1.6 1.9 sec wdi pulse width 0.1 ns wdi input threshold 0.2*v1 v vil wdi input threshold 0.8*v1 v vih wdi input current -500 500 na wdi = 0.0v or v1 rstb (cmos or od) 0.2*v1 v v1 = vth1 - 0.1v, isink = 1ma, output asserted rstb (cmos) 0.8*v1 v v1 = vth1 + 0.1v, isource = 1ma, out p ut not asserted rst (cmos) 0.8*v1 v v1 = vth1 - 0.1v, isource = 1ma, out p ut asserted rst (cmos) 0.2*v1 v v1 = vth1 + 0.1v, v2 > vth2, v3 > 0.5, v4 > 0.5, isource = 1ma, out p ut not asserted rstb output od leakage current 2nat a = +25oc v3 reset comparator input v4 reset comparator input mrib - manual reset input v1 =1.6v to 5.5v; ta = -40oc to +85oc; unless otherwise noted. typical values are at ta =+25oc reset outputs rst / rstb wdi - watchdog input
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 5 pin description pin # name description 1v1 first supply voltage input. also powers internal circuitry. trip threshold voltage internally set. 2v 2s econd supply voltage input. trip threshold voltage internally set. 3 mrib manual reset input pin. active low. it has an internal pull-up resistor. reset asserted when mrib is pulled low and is kept asserted for 200ms after mrib is released or pulled high. leave open if not used. 4v 3i nput for the third supply voltage. trip threshold is 0.5v. 5v 4i nput for the fourth supply voltage. trip threshold is 0.5v. 6 gnd common ground reference pin. 7wdi watch-dog input pin. when no transition is detected at the wdi pin for the duration of wdi timeout period, reset is asserted. leave open if not used. rst/rstb output is used to signal watchdog timeout overflow. rst/rstb output pulses high/low (depending on the active reset polarity) for the reset timeout period after each watchdog timeout overflow. the watchdog timer clears whenever the reset is asserted or manual reset is asserted or a transition is observed at wdi pin. watchdog timer functionality can be disabled in parts by leaving this input floating. 8 rst/rstb reset output. open-drain or cmos, active high or low. reset is asserted when any of the four supply inputs is below its trip threshold. it stays asserted for 200 ms (typical / default) after the last supply input traverses its trip threshold. reset is guaranteed to be in the correct state for v1>0.9v. rst/rstb asserts when v1 or v2 or v3 or v4 drop below their corresponding reset thresholds, or mrib is pulled low or the watchdog timer triggers a reset (devices without wdob). rst/rstb remains asserted for the reset timeout period after v1 and v2 and v3 and v4 exceed their corresponding reset thresholds or mrib goes low to high. open-drain outputs require an external pull-up resistor. cmos outputs are referenced to v1.
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 6 the sp6330, sp6332, and sp6334 include a low-voltage precision bandgap reference, four precision comparators, an oscillator, a digital counter chain, a logic control block, trimmed resistor divider chains and additional supporting circuitry. the family is designed to supervise up to 4 independent supply voltages. v1 and v2 supply inputs have their resistor dividers on the chip. their trip thresholds are factory trimmed. v3 and v4 inputs allow user to customize block diagram theory of operation two additional supply thresholds to be monitored by means of external resistor dividers. the devices also feature manual reset and watchdog functionalities. as these devices do not have watchdog outputs, the watchdog timer is serviced in ternally during the watchdog timeout period when wdi is left unconnected. the watchdog functionality can be disabled by leaving the wdi input floating. osc wdi logic control logic v1 v2 v3 v4 wdi rstb (rst) gnd 1.25v 0.5v mrib bandgap ref
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 7 figure 1 : functionality of a sp63xx family member with manual reset and watchdog capabilities but without wdob output. ? v1 > vth1, v2 > vth2 , v3 > vth3 and v4 > vth4 (all supplies over their corresponding thresholds)---> rstb is de-asserted after reset timeout period (trp). ? mrib goes to low to force reset ----> rstb is asserted immediately. ? wdi does not make any transition during watchdog timeout period (twd) ---->rstb is asserted for a duration of reset timeout period (trp). ? one of the supplies drops below its corresponding threshold (in this case v3)---->rstb is asserted immediately. theory of operation v1 v2 v3 v4 vth1 vth2 vth3=0.5v vth4=0.5v mrib wdi rstb trp trp twd trp t date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 8 v1 rstb resetb timeout delay application information v1 rstb wdi = gnd, v1=v2=v3=v4=5v, mrib = open. wa tc hdog timeout peri od = 1 .52s watchdog timeout period
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 9 0 100 200 300 400 500 85 80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 deg c reset timeout (msec) reset timeout vs. temperature resettimeout delay vs. temperature rstb vs. v1 (v2 = gnd) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 00.5 11.5 22.533.5 44.55 v1 (vdc) rstb (volts dc) reset good application information
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 10 v1 and v2 glit ch rejection 0 50 100 150 200 250 02040608 0 100 120 overdrive (mv) rs tb asser ted above line duration (usec) v3 and v4 g litc h re je c tio n 0 20 40 60 80 100 120 02040608 0100 120 o verdrive (mv) rs tb asser ted above line duration (usec) v1 and v2 glitch rejection v3 and v4 glitch rejection application information
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 11 package: 8 pin tsot front view l ? gauge plane l2 c r r1 ? seating plane side view a a1 a2 seating plane d e e/2 e1 3 2 1 b e e1 e1/2 5 4 pin1 designator to be within this index area (d/2 x e1/2) to p view (l1) d/2 8 7 6 min nom max min nom max a- - 1.10 - - 0.043 a1 0.00 - 0.10 0.000 - 0.004 a2 0.70 0.90 1.00 0.028 0.036 0.039 c 0.08 - 0.20 0.003 - 0.008 d e e1 l 0.30 0.45 0.60 0.012 0.018 0.024 l1 l2 0?48048 1 4? 10 12 4 10 12 r 0.10 - - 0.004 - - r1 0.10 - 0.25 0.004 - 0.010 b 0.22 - 0.38 0.009 - 0.015 e e1 1.95 bsc 0.60 ref 0.024 ref 1.60 bsc 0.063 bsc 0.077 bsc 0.65 bsc 0.026 bsc 0.25 bsc 0.010 bsc sipex pkg signoff date/rev: jl oct3-05 / rev a symbol 8 pin tsot jedec mo-193 variation ba 2.90 bsc 0.114 bsc 2.80 bsc 0.110 bsc dimensions in millimeters: controlling dimension dimensions in inches conversion factor: 1 inch = 25.40 mm
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 12 pa rt naming nomenclature sp63nn - th1 - th2 - topt t1 -- 50 ms t2 -- 100 ms t3 -- 200 ms t4 -- 400 ms a -- 0.788 v b -- 0.833 v c -- 1.050 v d -- 1.110 v e -- 1.313 v f -- 1.388 v g -- 1.575 v h -- 1.665 v i -- 2.188 v j -- 2.313 v z -- 4.625 v y -- 4.375 v x -- 3.075 v w -- 2.925 v v -- 2.625 v u -- 2.320 v t -- 2.190 v s -- 1.670 v r -- 1.580 v 30 -- quad sp, mr, wdi, od rstb 31 -- quad sp, od rstb 32 -- quad sp, mr, wdi, cmos rstb 33 -- quad sp, cmos rstb 34 -- quad sp, mr, wdi, cmos rst 35 -- quad sp, cmos rst 36 -- triple sp, wdi, pf, od rstb 37 -- triple sp, wdi, pf, cmos rstb 38 -- triple sp, wdi, pf, cmos rst 39 -- triple sp, mr, wdi, od rstb - wdob 40 -- dual sp, wdi, od rstb - wdob 41 -- triple sp, wdi, pf, cmos rstb - wdob 42 -- dual sp, wdi, cmos rstb - wdob { { { a b c d e f g h i j k l m a b c d example: azjd means: sp6330 in tsot-8 lead package v1 threshold is 4.625v v2 threshold is 2.313v reset timeout is 400ms azjd pin 1
date: 4/10/06 rev k sp6330/32/34 quad power supervisory circuit family ? copyright 2006 sipex corporation 13 model temperature range package types sp6330ek1-l-x-x-x...........................................-40 c to +85 c.................................lead free 8-pin tsot sp6330ek1-l-x-x-x/tr......................................-40 c to +85 c.................................lead free 8-pin tsot sp6332ek1-l-x-x-x............................................-40 c to +85 c.................................lead free 8-pin tsot sp6332ek1-l-x-x-x/tr......................................-40 c to +85 c.................................lead free 8-pin tsot sp6334ek1-l-x-x-x............................................-40 c to +85 c.................................lead free 8-pin tsot sp6334ek1-l-x-x-x/tr......................................-40 c to +85 c.................................lead free 8-pin tsot available in lead free packaging only. /tr = tape and reel pack quantity 2,500 fortsot-8 contact factory for availability of particular voltage threshold and reset timeout options. note that the ordering information denoting those options corresponds to the part naming nomenclature shown on the previous page. ordering example: sp6330ek1-l-w-g-c/tr == w -- 2.925v for voltage threshold 1; g -- 1.575v for voltage threshold 2; and c -- 200ms reset timeout. ordering information sipex corporation headquarters and sales office 233 south hillview drive milpitas, ca 95035 tel: (408) 934-7500 fax: (408) 935-7600 solved by sipex tm sipex corporation reserves the right to make changes to any products described herein. sipex does not assume any liability aris ing out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor t he rights of others.


▲Up To Search▲   

 
Price & Availability of SP6330EK1-LYHDTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X