Part Number Hot Search : 
CJQ4828 UC3842TN SS6680 50031 1060CT R6021425 TA78L08F EM78P
Product Description
Full Text Search
 

To Download HMC663LC310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 1 hmc663lc3 gaas mmic double-balanced high ip3 m i x e r, 6 - 12 ghz v03.0709 general description features functional diagram high lo/ r f i solation: 40 db wide i f bandwidth: dc - 4 ghz passive double-balanced topology low conversion loss: 8 db 16 lead ceramic 3x3mm s mt package: 9mm2 electrical specifcations, t a = +25 c, if= 100 mhz, lo= +21 dbm* typical applications the hmc663lc3 is ideal for: ? point-to-point r adios ? point-to-multi-point r adios ? test e quipment & s ensors ? military e nd-use the hmc663lc3 is a general purpose double balanced mixer in a leadless r oh s compliant ceramic s mt package that can be used as an upconverter or downconverter between 6 and 12 ghz. this passive mixer is fabricated in a gaas m es f e t process, requires no dc bias and no external components or matching circuitry. the hmc663lc3 provides excellent lo to r f and lo to i f isolation due to optimized balun structures and operates with lo drive levels as low as +17 dbm. the hmc663lc3 eliminates the need for wire bonding, and is compatible with high volume surface mount manufacturing techniques. parameter min. typ. max. units frequency r ange, r f 6 to 12 ghz frequency r ange, lo 6 to 14 ghz frequency r ange, i f dc to 4 ghz conversion loss 8 12 db noise figure ( ss b) 10 db lo to r f i solation 29 40 db lo to i f i solation 27 42 db r f to i f i solation 8 20 db i p3 ( i nput) 30 dbm i p2 ( i nput) 55 dbm 1 db gain compression ( i nput) 20 dbm *unless otherwise noted, all measurements performed as downconverter, with high side lo and with if= 100 mhz.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 2 conversion gain vs. temperature isolation if bandwidth r eturn loss hmc663lc3 v03.0709 gaas mmic double-balanced high ip3 m i x e r, 6 - 12 ghz -20 -15 -10 -5 0 5 6 7 8 9 10 11 12 13 +25 c +85 c -40 c conversion gain (db) frequency (ghz) -20 -15 -10 -5 0 5 6 7 8 9 10 11 12 13 +17 dbm +19 dbm +21 dbm +23 dbm conversion gain (db) frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 0 1 2 3 4 5 6 7 8 if return loss conversion gain response (db) frequency (ghz) -25 -20 -15 -10 -5 0 4 5 6 7 8 9 10 11 12 13 14 15 rf lo return loss (db) frequency (ghz) -70 -60 -50 -40 -30 -20 -10 0 2 3 4 5 6 7 8 9 10 11 12 13 14 rf/if lo/rf lo/if isolation (db) frequency (ghz) conversion gain vs. lo drive, if= 3000 mhz conversion gain vs. lo drive, if= 100 mhz -20 -15 -10 -5 0 3 4 5 6 7 8 9 10 11 12 13 +17 dbm +19 dbm +21 dbm +23 dbm conversion gain (db) frequency (ghz)
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 3 input ip2 vs. temperature* input ip3 vs. lo drive, if = 100 mhz * input ip3 vs. lo drive, if = 3000 mhz * input ip3 vs. temperature* input ip2 vs. lo drive * * two-tone input power = -5 dbm each tone, 1 mhz spacing. hmc663lc3 v03.0709 gaas mmic double-balanced high ip3 m i x e r, 6 - 12 ghz 40 50 60 70 80 5 6 7 8 9 10 11 12 13 +17 dbm +19 dbm +21 dbm +23 dbm ip2 (dbm) frequency (ghz) 20 25 30 35 40 5 6 7 8 9 10 11 12 13 +25 c +85 c -40 c ip3 (dbm) frequency (ghz) 20 25 30 35 40 5 6 7 8 9 10 11 12 13 +17 dbm +19 dbm +21 dbm +23 dbm ip3 (dbm) frequency (ghz) 40 50 60 70 80 5 6 7 8 9 10 11 12 13 +25 c +85 c -40 c ip2 (dbm) frequency (ghz) input p1db vs. temperature * 10 15 20 25 30 5 6 7 8 9 10 11 12 13 +25 c +85 c -40 c p1db (dbm) frequency (ghz) 20 25 30 35 40 3 4 5 6 7 8 9 10 11 12 13 +17 dbm +19 dbm +21 dbm +23 dbm ip3 (dbm) frequency (ghz)
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 4 mxn spurious outputs nlo m r f 0 1 2 3 4 0 xx 22 31 50 48 1 14 0 34 60 71 2 90 77 77 77 111 3 116 121 90 78 89 4 114 119 124 117 113 r f = 9.0 ghz @ -5 dbm lo = 9.1 ghz @ +21 dbm all values in dbc below the i f output power level (-1 r f +1 lo). absolute maximum r atings rf / if input +23 dbm lo drive +23 dbm channel temperature 150 c continuous pdiss (t= 85 c) (derate 17 mw/c above 85 c) 1.08 w thermal r esistance (channel to ground paddle) 60 c/w s torage temperature -65 to +150 c operating temperature -40 to +85 c e l e ct ro s tat ic se n si t i v e de v ic e ob ser v e handl i ng p re caut i on s hmc663lc3 v03.0709 gaas mmic double-balanced high ip3 m i x e r, 6 - 12 ghz harmonics of lo nlo s pur at r f port lo freq. (ghz) 1 2 3 4 4 59 60 66 81 5 40 48 69 92 6 35 42 68 83 7 37 39 80 74 8 46 48 71 70 9 45 64 70 106 10 46 70 70 69 11 44 63 60 66 12 40 59 64 xx 13 38 58 62 xx 14 35 59 64 xx 15 34 60 xx xx lo = +21 dbm values in dbc below input lo level measured at r f port. upconverter performance conversion gain vs. lo drive -20 -15 -10 -5 0 5 6 7 8 9 10 11 12 13 +17 dbm +19 dbm +21 dbm +23 dbm conversion gain (db) frequency (ghz)
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 5 pin number function description i nterface schematic 1, 4, 5, 8 - 13, 16 n/c not connected 2 lo this pin is ac coupled and matched to 50 ohms. 3, 6, 15 gnd these pins and package base must be connected to r f/dc ground. 7 i f this pad is dc coupled. for applications not requiring operation to dc, this port should be dc blocked externally using a series capacitor whose value has been chosen to pass the necessary i f frequency range. for operation to dc, this pin must not source or sink more than 2 ma of current or part non-function and possible part failure will result. 14 r f this pin is ac coupled and matched to 50 ohms. pin descriptions hmc663lc3 v03.0709 gaas mmic double-balanced high ip3 m i x e r, 6 - 12 ghz outline drawing not es : 1. packag e body mat eri al: alum i na. 2. l e ad and g r ound paddl e plat i ng: 30-80 m i c r o i nch es gold ov er 50 m i c r o i nch es m i n i mum n i ck e l. 3. d i m e n si on s a re i n i nch es (m i ll i m e t ers ). 4. l e ad s pac i ng tol er anc e is non-cumulat i v e . 5. cha r act ers to b e h e lv e t i ca m e d i um, .025 h i gh, black i nk, o r la ser ma r k locat e d app r o x . a s s hown. 6. packag e wa r p s hall not ex c ee d 0.05mm datum C c C 7. all g r ound l e ad s and g r ound paddl e mu s t b e s old ere d to pcb r f g r ound. 8. cla ssi f ie d a s mo is tu re se n si t i v i ty l e v e l (m s l) 1.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com mixers - si ngl e & doubl e balanc e d - s mt 10 10 - 6 evaluation pcb i tem description j1, j2 pcb mount s ma sri connector j3 pcb mount s ma connector u1 hmc663lc3 mixer pcb [2] 122393 e valuation pcb [1] r eference this number when ordering complete evaluation pcb [2] circuit board material: r ogers 4350 or arlon 25 f r , f r 4 the circuit board used in this application should use r f circuit design techniques. s ignal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be con - nected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb 122395 [1] hmc663lc3 v03.0709 gaas mmic double-balanced high ip3 m i x e r, 6 - 12 ghz


▲Up To Search▲   

 
Price & Availability of HMC663LC310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X