Part Number Hot Search : 
LM321 XC6204 2511NZ MS6308U CQ10A03L WC101 EF9345 180RKI80
Product Description
Full Text Search
 

To Download DMN5L06VAK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e s d p r o t e c t e d u p t o 2 k v l e a d - f r e e g r e e n ds30769 rev. 2 - 2 1 of 5 dmn5l06vk/v ak www.diodes.co m ? diodes incorporated dmn5l0 6vk/vak dual n-channel enhancem ent mode f ield effect t ransisto r features dual n-channel mosfet low on- resistance very low gate t hreshold voltage low input capacitance fast switching speed low input/o utput leakage ultra-small surface mount pac kage lead free by design/r ohs compli ant (note 2) ?green? device (note 3 ) esd p rotected up to 2 kv maximum ratings @ t a = 25 c unless otherwise s pecified characteristic symbol value units drain-source voltage v dss 50 v drain-gate voltage r gs 1.0m w v dgr 50 v gate-source voltage continuous pulsed v gss 20 40 v drain current (note 1) continuous i d 280 ma drain current (note 1) pulsed i d m 1.5 a total power dissipation (note 1) p d 150 mw thermal resistance, j unction to ambient (note 1) r q ja 833 c /w operating and storage temperature range t j , t stg -55 to +150 c a m l b c h k g d mechanical data case: sot-563 case material: molded p lastic , "green" molding compound. ul flamm ability classifi cation rating 94v-0 moisture sensi tivity: level 1 per j-std-0 20c terminals connections : see diagram ter minals: finish ? matte tin annealed over copper leadframe. solderable per mil-std-202, method 208 marking: date code and type code, see page 2 ordering & date code information: see page 2 weight: 0.006 grams (approximate) notes: 1. device mounted on fr-4 pc b, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http :// www .diodes.com/ datasheets /ap02001. pdf . 2. no purposefully added lead. 3. diodes inc?s ?green? policy can be found on our webs ite at http:/ /www.diodes.com/products/lead_free/index.php . t c u d o r p w e n g 1 d 1 d 2 s 2 s 1 g 2 DMN5L06VAK (kae type code) sot-563 dim min max typ a 0.15 0.30 0.25 b 1.10 1.25 1.20 c 1.55 1.70 1.60 d 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 k 0.56 0.60 0.60 l 0.10 0.30 0.20 m 0.10 0.18 ? all dimensions in m m s 1 d 1 d 2 s 2 g 1 g 2 dmn5l06vk (kab type code)
0 0 . 3 0 . 6 0 . 9 0 1 2 3 4 5 v , d r a i n - s o u r c e v o l t a g e ( v ) d s f i g . 1 t y p i c a l o u t p u t c h a r a c t e r i s t i c s i , d r a i n c u r r e n t ( a ) d 1 . 2 1 . 5 6 v 1 0 v 5 v 3 v 4 v v = 1 0 v g s 8 v 6 v 5 v 4 v 3 v 8 v v , g a t e - s o u r c e v o l t a g e ( v ) g s f ig . 2 t y p ic a l t r a n s fe r c h a r a c te r is ti c s 0 .0 1 3 i , d r a i n c u r r e n t ( a ) d 0 .1 1 0 1 2 v = 1 0 v d s p u ls e d t = - 5 5 c a t = - 2 5 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a t = 1 5 0 c a ds30769 rev. 2 - 2 2 of 5 dmn5l06vk/v ak www.diodes.co m electri cal character isti cs @ t a = 25 c unless otherwise s pecified characteristic symbol min typ max unit test condition off characteristics (note 4) drain-source break down voltage bv dss 50 ? ? v v gs = 0v, i d = 10 m a zero gate voltage drain current @ t c = 25c i dss ? ? 60 na v ds = 50v, v gs = 0v gate-body leak age i gss ? ? 1 500 50 a na na v gs = 12v, v ds = 0v v gs = 10v, v ds = 0v v gs = 5v, v ds = 0v on characteristics (note 4) gate thres hold voltage v gs ( th ) 0.49 ? 1.2 v v ds = v gs , i d = 250 m a static drain-source on- resistance r ds (on) ? ? ? ? ? ? 3.0 2.5 2.0 w v gs = 1.8v, i d = 50ma v gs = 2.5v, i d = 50ma v gs = 5.0v, i d = 50ma on-state drain current i d(on) 0.5 1.4 ? a v gs = 10v, v ds = 7.5v forward transc onductance | y fs | 200 ? ? ms v ds =10v, i d = 0.2a source-drain diode forwar d voltage v sd 0.5 ? 1.4 v v gs = 0v, i s = 115ma dynamic characteristics input capacitance c iss ? ? 50 pf v ds = 25v, v gs = 0v f = 1.0mhz output capacitance c oss ? ? 25 pf reverse t ransfer capac itance c rss ? ? 5.0 pf t c u d o r p w e n
ds30769 rev. 2 - 2 3 of 5 dmn5l06vk/v ak www.diodes.co m t c u d o r p w e n t , c ha nn el te m pe ra tu re ( c) ch fi g. 3 g at e th re sh old v olt ag e vs . c ha nn el t em pe ra tu re 0 -5 5 -2 5 0 25 50 75 10 0 12 5 15 0 v g a t e t h r e s h o l d v o l t a g e ( v ) g s ( t h ) , 0 .1 0 .2 0 .3 0 .4 0 .5 0 .6 0 .7 0 .8 0 .9 1 .0 v = 1 0 v d s i = 1 m a d p u l s e d 0.1 i , dr ain cu rr en t (a) d fig . 4 s tatic d rain -so urc e o n-r esi stance vs. dr ain cu rren t 1 10 0.0 01 0.0 1 0.1 1 v = 10 v gs puls ed t = 15 0 c a t = -5 5 c a t = -2 5 c a t = 25 c a t = 12 5 c a t = 85 c a v ga te so ur ce vo l t ag e ( v) gs, fig . 6 s t atic dr ain -so urc e o n-r esi st an ce vs. ga te- so urc e v olt ag e 0 0 2 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2 4 6 8 10 12 14 16 18 t = 2 5 c a puls ed i = 14 0ma d i = 28 0ma d 1 i , dra in cu rren t (a) d fig. 5 s t atic d rain-s ource on-r esist ance vs. dr ain cu rrent 10 0.1 1 0.001 0.01 0.1 v = 5v gs pulsed t = -55 c a t = 150 c a t = -25 c a t = 25 c a t = 125 c a t = 85 c a i , r e v e r s e d r a i n c u r r e n t ( a ) d r 0 . 0 0 1 0 . 0 1 0 . 1 0 . 5 0 1 1 v , s o u r c e - d r a i n v o l t a g e ( v ) s d f i g . 8 r e v e r s e d r a i n c u r r e n t v s . s o u r c e - d r a i n v o l t a g e v = 0 v g s p u l s e d t = - 5 5 c a t = 1 5 0 c a t = - 2 5 c a t = 2 5 c a t = 8 5 c a t = 1 2 5 c a t , c h a n n e l t e m p e r a t u r e ( c ) ch f ig . 7 s t a ti c d ra in -s o u rc e o n -s t a te r e s is t a n c e v s . c h a n n e l t e m p e ra tu re -5 0 -2 5 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 0 1 2 3 v = 10 v gs pu lse d i = 28 0m a d i = 14 0m a d
ds30769 rev. 2 - 2 4 of 5 dmn5l06vk/v ak www.diodes.co m notes: 4. short durat ion test pulse used to minimize self-heating effect. 5. for packaging details, go to our website at http: //www.diodes.com/datasheets/ap02007.pdf . marking i nformat ion kab = dmn5l06vk p roduct ty pe marking code (see note 6) ym = date code marking y = year ex: u = 2007 m = month ex: 9 = september k a b y m s 1 d 2 g 1 d 1 s 2 g 2 kae = DMN5L06VAK product type mar king code (see note 6) ym = date code marking y = year ex: u = 2007 m = month ex: 9 = september k a e y m s 1 d 2 g 1 d 1 s 2 g 2 notes: 6. package is non-polarized. parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). (note 6) date code key month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d t c u d o r p w e n 1 i , d r a in c u r r e n t ( a ) d f ig .1 0 f o rw a rd t ra n s fe r a d m it tan c e v s . d ra in c u rr e n t | y | , f o r w a r d t r a n s f e r a d m i t t a n c e ( s ) f s 0 .0 0 1 0 .0 1 0 .1 0 .0 1 0 .1 1 v = 1 0 v d s p u ls e d t = - 5 5 c a t = - 2 5 c a t = 1 5 0 c a t = 1 2 5 c a t = 8 5 c a t = 2 5 c a - 5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b i e n t t e m p e r a t u r e ( c ) a f i g . 1 1 d e r a t i n g c u r v e - t o ta l p , p o w e r d i s s i p a t i o n ( m w ) d 1 0 .0 0 1 0 .0 1 0 .1 1 0 i , r e v e r s e d r a i n c u r r e n t ( a ) d r v , s o u r c e -d r a in v o l t a g e ( v ) s d f ig . 9 r e v e rs e d ra in c u rr e n t v s . s o u rc e -d ra in v o lta g e 0 .2 0 .4 0 .6 0 .8 v = 10 v gs v = 0v gs t = 2 5 c a p u ls e d orderi ng inform ation (note 5) device packaging shipping dmn5l06vk-7 sot-563 3000/tape & reel DMN5L06VAK-7 sot-563 3000/tape & reel year 2006 2007 2008 2009 code t u v w
ds30769 rev. 2 - 2 5 of 5 dmn5l06vk/v ak www.diodes.co m t c u d o r p w e n i m p o r t a n t n o t i c e d i o d e s , i n c . a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o r r e c t i o n s , m o d i f i c a t i o n s , e n h a n c e - m e n t s , i m p r o v e m e n t s , o r o t h e r c h a n g e s . d i o d e s , i n c . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t t h e p r o d u c t s l o c a t e d o n o u r w e b s i t e a t w w w . d i o d e s . c o m a r e n o t r e c o m m e n d e d f o r u s e i n l i f e s u p p o r t s y s t e m s w h e r e a f a i l u r e o r m a l f u n c t i o n o f t h e c o m p o n e n t m a y d i r e c t l y t h r e a t e n l i f e o r c a u s e i n j u r y w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of DMN5L06VAK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X