Part Number Hot Search : 
ATC504L ATMEGA88 XEB332 0203A IN9270 77034052 NTE18 MAX20
Product Description
Full Text Search
 

To Download BAW101S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type www.kexin.com.cn 1 diodes so t -363 unit: mm 1.3 +0.1 -0.1 0.65 0.525 1.25 +0.1 -0.1 0.36 0.1 +0.05 -0.02 0.1max 0.95 +0.05 -0.05 2.3 +0.15 -0.15 0.3 +0.1 -0.1 2.1 +0.1 -0.1 high voltage double diode BAW101S features small plastic smd package high switching speed: max. 50 ns high continuous reverse voltage: 300 v electrically insulated diodes. absolute maximum ratings ta = 25 parameter symbol conditions min max unit 300 series connection 600 300 series connection 600 single diode loaded; 250 double diode loaded; 140 repetitive peak forward current i frm 625 ma non-repetitive peak forward current i fsm square wave; t j =25 prior to surge;t = 1 s 4.5 a total power dissipation p tot ts = 25 350 mw storage temperature t stg -65 +150 junction temperature t j 150 operating ambient temperature t amb -65 +150 thermal resistance from junction to soldering point r th j-s 255 k/w thermal resistance from junction to ambient r th j-a 357 k/w per diode continuous forward current i f continuous reverse voltage v r v repetitive peak forward current v rrm v ma
smd type diodes 2 www.kexin.com.cn BAW101S electrical characteristics ta = 25 parameter symbol conditions min max unit reverse breakdown voltage v br(r) i r = 100 a 300 forward voltage v f i f = 100 ma; note 1 1.1 mv v r = 25 v 150 na v r = 250 v; t amb = 150 50 a when switched from i f =30matoi r =30ma; r l = 100 ; measured at i r =3ma; diode capacitance c d v r =0;f=1mhz; 2 pf note 1. pulse test: pulse width = 300 s; ? = 0.02. 50 ns reverse current i r reverse recovery time t rr marking marking k2


▲Up To Search▲   

 
Price & Availability of BAW101S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X