Part Number Hot Search : 
10N65KL WV8B8 TA78M12S BD9241F FDG6313N HC1G14 13N50 L8560
Product Description
Full Text Search
 

To Download BAW10111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  baw101 surface mount dual, isolated high voltage silicon switching diodes description: the central semiconductor baw101 consists of two electrically islolated high voltage switching diodes packaged in an epoxy molded sot-143 surface mount case. this device is designed for applications requiring dual high voltage switching diodes. marking codes: cjp or baw101 maximum ratings: (t a =25 c) symbol units continuous reverse voltage v r 300 v peak repetitive reverse voltage v rrm 300 v continuous forward current i f 200 ma peak repetitive forward current i frm 400 ma peak forward surge current, tp=1.0s i fsm 4.5 a power dissipation p d 350 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 357 c/w electrical characteristics per diode: (t a =25 c unless otherwise noted) symbol test conditions min typ max units i r v r =250v 150 na i r v r =250v, t a =150 c 50 a bv r i r =100a 300 v v f i f =100ma 0.9 1.3 v c t v r =0, f=1.0mhz 5.0 pf t rr i f =i r =30ma, i rr =3.0ma, r l =100 50 ns sot-143 case r7 (8-february 2011) www.centralsemi.com
baw101 surface mount dual, isolated high voltage silicon switching diodes sot-143 case - mechanical outline lead code: 1) cathode d1 2) cathode d2 3) anode d2 4) anode d1 marking codes: cjp or baw101 pin configuration www.centralsemi.com r7 (8-february 2011)


▲Up To Search▲   

 
Price & Availability of BAW10111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X