Part Number Hot Search : 
SG3843M 476M0 500J0 R1510L GM78L00 P6SMB 1N5999B USM6G48A
Product Description
Full Text Search
 

To Download SMP30-XXXSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smp30-xxx series ? bidirectional crowbar protection. voltage range: from 62 v to 270 v. holding current : i h = 150 ma min. repetitive peak pulse current : i pp = 30 a, 10/1000 m s. jedec registered package outline features sma (jedec do-214aa) the smp30-xxx series has been designed to protect telecommunication equipment against lightning surges and overvoltages induced by ac power lines. description schematic diagram trisil tm november 1998 - ed: 5a complies with the following standards: peak surge voltage (v) voltage waveform ( m s) current waveform ( m s) admissible ipp (a) necessary resistor ( w ) (ccitt) itu-k20 1000 10/700 5/310 25 - (ccitt) itu-k17 1500 10/700 5/310 38 - vde0433 2000 10/700 5/310 40 10 vde0878 2000 1.2/50 1/20 50 - iec-1000-4-5 level 2 level 3 10/700 1.2/50 5/310 8/20 25 50 - - fcc part 68, lightning surge type a 1500 800 10/160 10/560 10/160 10/560 65 50 15.5 8.0 fcc part 68, lightning surge type b 1000 9/720 5/320 25 - bellcore tr-nwt-001089 first level 2500 1000 2/10 10/1000 2/10 10/1000 125 30 15.0 23.3 bellcore tr-nwt-001089 second level 5000 2/10 2/10 125 15.0 cnet l31-24 1000 0.5/700 0.8/310 25 - 1/6
symbol parameter value unit p power dissipation on infinite heatsink t amb =50 c3 w i pp peak pulse current 10/1000 m s 8/20 m s 30 60 a i tsm non repetitive surge peak on-state current tp = 20 ms 15 a i 2 ti 2 t value for fusing tp = 20 ms 1 a 2 s dv/dt critical rate of rise of off-state voltage v rm 5 kv/ m s t stg t j storage temperature range maximum junction temperature - 55 to + 150 150 c c t l maximumlead temperaturefor solderingduring 10s at 5mm forcase 260 c absolute maximum ratings (t amb =25 c) symbol parameter value unit r th (j-l) junction to leads 30 c/w r th (j-a) junction to ambient on printed circuit with standard footprint dimension 120 c/w thermal resistances symbol parameter v rm stand-off voltage i rm leakage current at stand-off voltage v r continuous reverse voltage v br breakdown voltage v bo breakover voltage i h holding current i bo breakover current i pp peak pulse current c capacitance electrical characteristics (t amb =25 c) smp30-xxx series 2/6
type marking i rm @v rm i r @v r v bo @i bo i h c max max note 1 max note 2 min note 3 typ note 4 typ note 5 m av m av vmama pf smp30-62 smp30-68 smp30-100 smp30-120 smp30-130 smp30-180 smp30-200 smp30-220 smp30-240 smp30-270 qaa qab qac qad qae qaf qag qah qai qaj 2 2 2 2 2 2 2 2 2 2 56 61 90 108 117 162 180 198 216 243 50 50 50 50 50 50 50 50 50 50 62 68 100 120 130 180 200 220 240 270 82 90 133 160 173 240 267 293 320 360 800 800 800 800 800 800 800 800 800 800 150 150 150 150 150 150 150 150 150 150 50 50 40 40 35 35 30 30 30 30 20 20 16 16 14 14 12 12 12 12 note 1: i r measured at v r guarantee v brmin v r note 2: measured at 50 hz (1 cycle) - see test circuit 1. note 3: see test circuit 2. note 4: v r = 1v, f = 1mhz. note 5: v r = 50v, f = 1mhz test circuit 1 for i bo and v bo parameters: 220v static relay. r1 r2 240 140 d.u.t v bo measure i bo measure tp =20ms k transformer 220v/800v 5a auto transformer 220v/2a v out test procedure : pulse test duration (tp = 20ms): - for bidirectional devices = switch k is closed - for unidirectional devices = switch k is open. v out selection - device with v bo < 250 volt -v out = 250 v rms ,r 1 = 140 w . - device with v bo 250 volt -v out = 480 v rms ,r 2 = 240 w . smp30-xxx series 3/6
test circuit 2 for i h parameter. r -v p v bat = - 48 v surge generator d.u.t. this is a go-nogo test which allows to confirm the holding current (i h ) level in a functional test circuit. test procedure : 1) adjust the current level at the i h value by short circuiting the ak of the d.u.t. 2) fire the d.u.t with a surge current : ipp = 10a , 10/1000 m s. 3) the d.u.t will come back off-state within 50 ms max. smp30-xxx series 4/6
1e-2 1e-1 1e+0 1e+1 1e+2 1e+3 0 5 10 15 20 t(s) itsm(a) f = 50hz fig. 1: non repetitive surge peak on-sate current versus overload duration (tj initial=25 c). 012345678910 1 2 5 10 20 50 vt(v) it(a) tj = 25 c fig. 4: on-state voltage versus on-state current (typical values). -40 -20 0 20 40 60 80 100 120 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 tj( c) ih[tj] / ih[tj=25 c] fig. 2: relative variation of holding current versus junction temperature. 1e-3 1e-2 1e-1 1e+0 1e+1 1e+2 5e+2 1e-1 1e+0 1e+1 1e+2 tp(s) zth(j-a)( cw) fig. 5: variation of thermal impedance junction to ambient versus pulse duration. 1 10 100 300 0.1 0.2 0.5 1.0 vr(v) c[vr]/c[vr=1v] f = 1mhz fig. 3: relative variation of junction capacitance versus reverse applied voltage (typical values) note: for vrm upper than 56v, the curve is extrapolated (dotted line) -40 -20 0 20 40 60 80 100 0.90 0.95 1.00 1.05 1.10 tj( c) vbo[tj]/vbo[tj=25 c] 62 v 270 v fig. 6: relative variation of v bo voltage versus junction temperature. smp30-xxx series 5/6
order code smp 30 - 62 i pp =30a voltage surface mount protection packaging : tape and reel. marking : logo, date code, part number. information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap- proval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics ? 1998 stmicroelectronics - printed in italy - all rights reserved. stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com weight: 0.06 g package mechanical data sma (jedec do-214aa) e c l e1 d a1 a2 b ref. dimensions millimeters inches min. max. min. max. a1 1.90 2.70 0.075 0.106 a2 0.05 0.20 0.002 0.008 b 1.25 1.65 0.049 0.065 c 0.15 0.41 0.006 0.016 e 4.80 5.60 0.189 0.220 e1 3.95 4.60 0.156 0.181 d 2.25 2.95 0.089 0.116 l 0.75 1.60 0.030 0.063 foot print (in millimeters) 2.40 1.65 1.45 1.45 smp30-xxx series 6/6


▲Up To Search▲   

 
Price & Availability of SMP30-XXXSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X