Part Number Hot Search : 
GBU35A K1449 HB13210 00MTR 2931C 0M75J H9013 ESD0521C
Product Description
Full Text Search
 

To Download PSMN017-30LL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet rev. 03 ? 7 july 2010 product data sheet 1. product profile 1.1 general description logic level n-channel mosfet in qfn3333 package qualified to 150 c. this product is designed and qualified for use in a wide range of industrial, communications and power supply equipment. 1.2 features and benefits ? high efficiency due to low switching and conduction losses ? small footprint for compact designs ? suitable for logic level gate drive sources 1.3 applications ? battery protection ? dc-to-dc converters ? load switching ? power oring 1.4 quick reference data table 1. quick reference data symbol parameter conditions min typ max unit v ds drain-source voltage t j 25 c; t j 150c --30v i d drain current t mb =25c; v gs =10v; see figure 1 --15a p tot total power dissipation t mb = 25 c; see figure 2 --37w t j junction temperature -55 - 150 c static characteristics r dson drain-source on-state resistance v gs =4.5v; i d =5a; t j =25c; see figure 12 -20.525m ? v gs =10v; i d =5a; t j = 100 c; see figure 13 --23.4m ? v gs =10v; i d =5a; t j =25c; see figure 12 - 1517m ?
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 2 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet 2. pinning information 3. ordering information dynamic characteristics q gd gate-drain charge v gs =10v; i d =5a; v ds =15v; see figure 14 ; see figure 17 -1.5-nc q g(tot) total gate charge - 10 - nc v gs =4.5v; i d =5a; v ds =15v; see figure 17 ; see figure 14 -5-nc avalanche ruggedness e ds(al)s non-repetitive drain-source avalanche energy v gs =10v; t j(init) =25c; i d =35a; v sup 30 v; unclamped; r gs =50 ? --8mj table 1. quick reference data ?continued symbol parameter conditions min typ max unit table 2. pinning information pin symbol description simplified outline graphic symbol 1ssource sot873-1 (qfn3333) 2ssource 3ssource 4 g gate 5,6,7,8 d mounting base; connected to drain 1234 8765 transparent top view s d g m bb076 table 3. ordering information type number package name description version PSMN017-30LL qfn3333 plastic thermal enhanced very thin small outline package; no leads; 8 terminals sot873-1
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 3 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet 4. limiting values table 4. limiting values in accordance with the absolute maxi mum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage t j 25 c; t j 150 c - 30 v v dgr drain-gate voltage t j 150 c; t j 25 c; r gs =20k ? -30v v gs gate-source voltage -20 20 v i d drain current v gs =10v; t mb = 100 c; see figure 1 -15a v gs =10v; t mb =25c; see figure 1 -15a i dm peak drain current pulsed; t p 10 s; t mb =25c; see figure 3 - 140 a p tot total power dissipation t mb =25c; see figure 2 -37w t stg storage temperature -55 150 c t j junction temperature -55 150 c t sld(m) peak soldering temperature - 260 c source-drain diode i s source current t mb =25c - 15 a i sm peak source current pulsed; t p 10 s; t mb = 25 c - 140 a avalanche ruggedness e ds(al)s non-repetitive drain-source avalanche energy v gs =10v; t j(init) =25c; i d =35a; v sup 30 v; unclamped; r gs =50 ? -8mj
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 4 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet fig 1. continuous drain current as a function of mounting base temperature fig 2. normalized total power dissipation as a function of solder point temperature fig 3. safe operating area; continuous and peak drain currents as a function of drain-source voltage 003aae257 0 10 20 30 40 0 50 100 150 200 t mb ( c) i d (a) (1) t mb ( c) 0 200 150 50 100 003aab937 40 80 120 p der (%) 0 003aae405 10 -1 1 10 10 2 10 3 10 -1 1 10 10 2 v ds (v) i d (a) limit r dson = v ds / i d dc 100 ms 10 ms 1 ms 100 s t p =10 s
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 5 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet 5. thermal characteristics [1] r th(j-a) is guaranteed by design and assumes that the device is mounted on a 40mm x 40mm x 70m copper pad at 20c ambient temperature. in practice r th(j-a) will be determined by the cust omer?s pcb characteristics table 5. thermal characteristics symbol parameter conditions min typ max unit r th(j-mb) thermal resistance from junction to mounting base see figure 4 -3.68.4k/w r th(j-a) thermal resistance from junction to ambient [1] - 5760k/w fig 4. transient thermal impedance from junction to mounting base as a function of pulse duration; typical values 003aae259 10 -2 10 -1 1 10 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 t p (s ) single shot 0.2 0.1 0.05 0.02 z th(j-mb) (k/w) = 0.5 t p t p t t p t =
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 6 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet 6. characteristics table 6. characteristics symbol parameter conditions min typ max unit static characteristics v (br)dss drain-source breakdown voltage i d =0.25ma; v gs =0v; t j = -55 c 27 - - v i d =0.25ma; v gs =0v; t j =25c 30--v v gs(th) gate-source threshold voltage i d =1ma; v ds =v gs ; t j = 150 c; see figure 10 0.5--v i d =1ma; v ds =v gs ; t j =25c; see figure 11 ; see figure 10 1.3 1.7 2.15 v i d =1ma; v ds =v gs ; t j =-55c; see figure 10 --2.55v i dss drain leakage current v ds =30v; v gs =0v; t j = 25 c - 0.02 1 a v ds =30v; v gs =0v; t j =125c --50a i gss gate leakage current v gs =20v; v ds =0v; t j = 25 c - 5 100 na v gs =-20v; v ds =0v; t j = 25 c - 5 100 na r dson drain-source on-state resistance v gs =4.5v; i d =5a; t j =25c; see figure 12 - 20.5 25 m ? v gs =10v; i d =5a; t j = 100 c; see figure 13 - - 23.4 m ? v gs =10v; i d =5a; t j = 150 c; see figure 13 - 27 30.6 m ? v gs =10v; i d =5a; t j =25c; see figure 12 - 1517m ? r g internal gate resistance (ac) f=1mhz - 1.23 - ? dynamic characteristics q g(tot) total gate charge i d =5a; v ds =15v; v gs =10v; see figure 14 ; see figure 17 -10-nc i d =5a; v ds =15v; v gs =4.5v; see figure 17 ; see figure 14 -5-nc i d =0a; v ds =0v; v gs =10v -9-nc q gs gate-source charge i d =5a; v ds =15v; v gs =10v; see figure 14 -1.8-nc q gs(th) pre-threshold gate-source charge -1-nc q gs(th-pl) post-threshold gate-source charge -0.8-nc q gd gate-drain charge i d =5a; v ds =15v; v gs =10v; see figure 14 ; see figure 17 -1.5-nc v gs(pl) gate-source plateau voltage v ds =15v; see figure 14 ; see figure 17 -2.7-v c iss input capacitance v ds =15v; v gs = 0 v; f = 1 mhz; t j =25c; see figure 15 - 526 - pf c oss output capacitance - 108 - pf c rss reverse transfer capacitance -53-pf
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 7 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet t d(on) turn-on delay time v ds =15v; r l =3 ? ; v gs =4.5v; r g(ext) =4.7 ? ; t j =25c -13-ns t r rise time - 12 - ns t d(off) turn-off delay time - 18.3 - ns t f fall time - 5.8 - ns source-drain diode v sd source-drain voltage i s =5a; v gs =0v; t j =25c; see figure 16 - 0.85 1.2 v t rr reverse recovery time i s =5a; di s /dt = 100 a/s; v gs =0v; v ds =15v -10-ns q r recovered charge - 17 - nc table 6. characteristics ?continued symbol parameter conditions min typ max unit fig 5. input and reverse transfer capacitances as a function of gate-source voltage, typical values fig 6. drain-source on-state resistance as a function of gate-source voltage; typical values 003aae263 0 250 500 750 1000 036912 v gs (v) c (pf) c iss c rss 003aae266 0 15 30 45 60 0 5 10 15 20 v gs (v) r dson (m )
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 8 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet fig 7. forward transconductance as a function of drain current; typical values fig 8. output characteristics: drain current as a function of drain-source voltage; typical values i d = 1 ma; v ds = v gs fig 9. transfer characteristics: drain current as a function of gate-source voltage; typical values fig 10. gate-source threshold voltage as a function of junction temperature 003aae262 0 10 20 30 0 5 10 15 20 i d (a) g fs (s) 003aae260 0 5 10 15 20 0 0.25 0.5 0.75 1 v ds (v) i d (a) 3.0 v gs (v) = 2.6 4.5 2.8 3.5 4.0 10 003aae261 0 5 10 15 20 01234 v gs (v) i d (a) t j = 25 c t j = 150 c 003aae453 0 1 2 3 -60 0 60 120 180 t j ( c) v gs(th) (v) max typ min
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 9 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet fig 11. sub-threshold drain current as a function of gate-source voltage fig 12. drain-source on-state resistance as a function of drain current; typical values fig 13. normalized drain-source on-state resistance factor as a function of junction temperature fig 14. gate charge waveform definitions 003aab271 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 0123 v gs (v) i d (a) max typ min 003aae265 0 20 40 60 0 5 10 15 20 i d (a) r dson (m ) 4.0 v gs (v) = 30 4.5 3.5 10 03aa27 0 0.5 1 1.5 2 ? 60 0 60 120 180 t j ( c) a 003aaa508 v gs v gs(th) q gs1 q gs2 q gd v ds q g(tot) i d q gs v gs(pl)
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 10 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet fig 15. input, output and reverse transfer capacitances as a function of drain-source voltage; typical values fig 16. source (diode forward) current as a function of source-drain (diode forward) voltage; typical values fig 17. gate-source voltage as a function of gate charge; typical values 003aae264 10 10 2 10 3 10 -1 1 10 10 2 v ds (v) c (pf) c iss c rss c oss 003aae268 0 5 10 15 20 0 0.3 0.6 0.9 1.2 v sd (v) i s (a) t j = 25 c t j = 150 c 003aae267 0 2.5 5 7.5 10 036912 q g (nc) v gs (v) v ds = 15v 24v 6v
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 11 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet 7. package outline fig 18. package outline sot873-1 (qfn3333) references outline version european projection issue date iec jedec jeita sot873-1 sot873- 1 10-03-10 19-04-10 dimensions (mm are the original dimensions) q fn3333: plastic thermal enhanced very thin small outline package; no leads; 8 terminals; body 3.3 x 3.3 x 1.0 mm - - - - - - - - - unit a max. a 1 bc ee 1 l 1 y w v mm 1 0.05 0.00 0.45 0.25 0.2 3.4 3.2 0.65 1.80 1.58 0.05 0.1 y 1 0.1 0.1 1.95 0.55 0.45 l 2 0.52 0.35 de 3.4 3.2 d h e h 2.4 2.2 0 1 2 mm scale detail x a a 1 c b e 1 e a c b v m c w m l 1 l 2 e h d h 8 4 1 5 terminal 1 index area e terminal 1 index area d x b a c y c y 1
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 12 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet 8. revision history table 7. revision history document id release date data sheet status change notice supersedes PSMN017-30LL v.3 20100707 product data sheet - PSMN017-30LL v.2 modifications: ? status changed from preliminary to product. PSMN017-30LL v.2 20100624 preliminary data sheet - -
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 13 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet 9. legal information 9.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple de vices. the latest product status information is available on the internet at url http://www.nxp.com . 9.2 definitions draft ? the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 9.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on a weakness or default in the customer application/use or the application/use of customer?s third party customer(s) (hereinafter both referred to as ?application?). it is customer?s sole responsibility to check whether the nxp semiconductors product is suitable and fit for the application planned. customer has to do all necessary testing for the application in order to avoid a default of the application and the product. nxp semiconducto rs does not accept any liability in this respect. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as th e item(s) described herein may be subject to export control regulati ons. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objective specification for product development. preliminary [short] data sheet qualific ation this document contains data fr om the preliminary specification. product [short] data sheet production this doc ument contains the product specification.
PSMN017-30LL all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 03 ? 7 july 2010 14 of 15 nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive s pecifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully in demnifies nxp semi conductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive appl ications beyond nxp semiconductors? standard warranty and nxp semicond uctors? product specifications. 9.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. adelante , bitport , bitsound , coolflux , coreuse , desfire , ez-hv , fabkey , greenchip , hipersmart , hitag , i2c-bus logo, icode , i-code , itec , labelution , mifare , mifare plus , mifare ultralight , moreuse , qlpak , silicon tuner , siliconmax , smartxa , starplug , topfet , trenchmos , trimedia and ucode ? are trademarks of nxp b.v. hd radio and hd radio logo ? are trademarks of ibiquity digital corporation. 10. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors PSMN017-30LL n-channel qfn3333 30 v 17 m ? logic level mosfet ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 7 july 2010 document identifier: PSMN017-30LL please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 11. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.1 general description . . . . . . . . . . . . . . . . . . . . . .1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . .1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . .1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . .2 3 ordering information . . . . . . . . . . . . . . . . . . . . . .2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3 5 thermal characteristics . . . . . . . . . . . . . . . . . . .5 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .6 7 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 11 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . .12 9 legal information. . . . . . . . . . . . . . . . . . . . . . . .13 9.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . .13 9.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 9.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 9.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .14 10 contact information. . . . . . . . . . . . . . . . . . . . . .14


▲Up To Search▲   

 
Price & Availability of PSMN017-30LL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X