Part Number Hot Search : 
PR2001G1 4148W REF01EN8 TN058 D3524 NCP120 SM6150S VO4256
Product Description
Full Text Search
 

To Download KTA127007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 6. 8 1/2 semiconductor technical data kta1270 epitaxial planar pnp transistor revision no : 1 general purpose application. switching application. features excellent h fe linearity : h fe (2)=25(min.) at v ce =-6v, i c =-400ma. complementary to ktc3202. maximum rating (ta=25 ) to-92 dim millimeters a b c d f g h j k l 4.70 max 4.80 max 3.70 max 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 max 2.30 d 1 2 3 b a j k g h f f l e c e c m n 0.30 m 1.00 n 1. emitter 2. collector 3. base + _ +0.10 - 0.05 electrical characteristics (ta=25 ) note : h fe (1) classification 0:70 140, y:120 240 h fe (2) classification 0:25min., y:40min. characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-35v, i e =0 - - -0.1 a emitter cut-off current i ebo v eb =-5v, i c =0 - - -0.1 a dc current gain h fe (1) (note) v ce =-1v, i c =-100ma 70 - 240 h fe (2) (note) v ce =-6v, i c =-400ma 25 - - collector-emitter saturation voltage v ce(sat) i c =-100ma, i b =-10ma - -0.1 -0.25 v base-emitter voltage v be v ce =-1v, i c =-100ma - -0.8 -1.0 v transition frequency f t v ce =-6v, i c =-20ma - 200 - mhz collector output capacitance c ob v cb =-6v, i e =0, f=1mhz - 13 - pf characteristic symbol rating unit collector-base voltage v cbo -35 v collector-emitter voltage v ceo -30 v emitter-base voltage v ebo -5 v collector current i c -500 ma base current i e 500 ma collector power dissipation p c 625 mw junction temperature t j 150 storage temperature range t stg -55 150
2007. 6. 8 2/2 kta1270 revision no : 1 i c - v ce collector-emitter voltage v ce (v) 0-1-2 -100 0 collector current i c (ma) collector current i c (ma) i b - v be base-emitter voltage v be (v) collector-emitter voltage v ce (v) 0 -0.2 -0.3 base current i b ( a) 10 dc current gain h fe 1k -0.3 collector current i c (ma) h fe - i c -0.01 -0.5 collector current i c (ma) v ce(sat) - i c -3 -4 -5 -200 -300 -400 -500 -600 common emitter ta=25 c i =-1ma b -2 -3 -4 -5 -6 -7 -8 collector-emitter saturation voltage v ce(sat) (v) -1 -3 -10 -30 -100 -300 -1k -0.03 -0.05 -0.1 -0.3 -0.5 -1 -3 common emitter i /i =10 c b ta=100 c ta=25 c ta=-25 c -1 -0.1 safe operating area -1 -10 -100 -10 -100 -1000 -10000 -1 -3 -10 -30 -100 -300 -1 k 30 50 100 300 500 common emitter ta=100 c ta=25 c ta=-25 c v =-1v ce ce v =-6v -0.4 -0.6 -0.8 -1.0 -1.2 -30 -1 -3 -10 -100 -300 -1k -3k common emitter v =-6v ce ta=1 00 c ta=25 c ta= -25 c 0 *single nonrepetitive pulse ta=25 c curves must be derated linearly with increase in temperature 100ms* 10ms* 1ms* i c max(pulse)* i c max(continuous) dc dperation(ta=25 c)


▲Up To Search▲   

 
Price & Availability of KTA127007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X