Part Number Hot Search : 
TX0246A PE4252 TX0246A WM8594 SMCJ16A 3DZ53 T3004 EA100
Product Description
Full Text Search
 

To Download IPP07N03LBG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ipp07n03lb g opti mos ? 2 power-transistor features ? ideal for high-frequency dc/dc converters ? qualified according to jedec 1) for target application ? n-channel - logic level ? excellent gate charge x r ds(on) product (fom) ? very low on-resistance r ds(on) ? superior thermal resistance ? 175 c operating temperature ? d v /d t rated ? pb-free lead plating; rohs compliant maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c 2) 50 a t c =100 c 50 pulsed drain current i d,pulse t c =25 c 3) 200 avalanche energy, single pulse e as i d =50 a, r gs =25 ? 164 mj reverse diode d v /d t d v /d t i d =50 a, v ds =20 v, d i /d t =200 a/s, t j,max =175 c 6 kv/s gate source voltage 4) v gs 20 v power dissipation p tot t c =25 c 94 w operating and storage temperature t j , t stg -55 ... 175 c iec climatic category; din iec 68-1 55/175/56 1) j-std20 and jesd22 value v ds 30 v r ds(on),max 6.6 m ? i d 50 a product summary pg-to220-3-1 type package marking ipp07n03lb g pg-to220-3-1 07n03lb rev. 0.95 page 1 2008-05-06
ipp07n03lb g parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 1.8 k/w smd version, device on pcb r thja minimal footprint - - 62 6 cm 2 cooling area 5) --40 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =1 ma 30 - - v gate threshold voltage v gs(th) v ds = v gs , i d =40 a 1.2 1.6 2 zero gate voltage drain current i dss v ds =30 v, v gs =0 v, t j =25 c - 0.1 1 a v ds =30 v, v gs =0 v, t j =125 c - 10 100 gate-source leakage current i gss v gs =20 v, v ds =0 v - 1 100 na drain-source on-state resistance r ds(on) v gs =4.5 v, i d =30 a - 7.7 9.6 m ? v gs =10 v, i d =50 a - 5.5 6.6 gate resistance r g - 1.2 - ? transconductance g fs | v ds |>2| i d | r ds(on)max , i d =50 a 78 - s 4) t j,max =150 c and duty cycle d <0.25 for v gs <-5 v 5) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. 5 diagrams are related to straight lead versions. values 2) current is limited by bondwire; with an r thjc =1.8 k/w the chip is able to carry 84 a. 3) see figure 3 rev. 0.95 page 2 2008-05-06
ipp07n03lb g parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 2092 2782 pf output capacitance c oss - 745 991 reverse transfer capacitance c rss - 97 145 turn-on delay time t d(on) - 7 11 ns rise time t r -69 turn-off delay time t d(off) -2538 fall time t f - 4.0 6.0 gate char g e characteristics 6) gate to source charge q gs - 7.9 11 nc gate charge at threshold q g(th) - 3.9 5.1 gate to drain charge q gd - 5.0 7.5 switching charge q sw -913 gate charge total q g -1925 gate plateau voltage v plateau - 3.3 - v gate charge total, sync. fet q g(sync) v ds =0.1 v, v gs =0 to 5 v -1419nc output charge q oss v dd =15 v, v gs =0 v -1722 reverse diode diode continous forward current i s - - 50 a diode pulse current i s,pulse - - 200 diode forward voltage v sd v gs =0 v, i f =50 a, t j =25 c - 0.94 1.2 v reverse recovery charge q rr v r =15 v, i f = i s , d i f /d t =400 a/s - - 10 nc 6) see figure 16 for gate charge parameter definition t c =25 c values v gs =0 v, v ds =15 v, f =1 mhz v dd =15 v, v gs =10 v, i d =20 a, r g =2.7 ? v dd =15 v, i d =40 a, v gs =0 to 5 v rev. 0.95 page 3 2008-05-06
ipp07n03lb g 1 power dissipation 2 drain current p tot =f( t c ) i d =f( t c ); v gs 10 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t c =25 c; d =0 z thjc =f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 10 ms dc 1 10 100 1000 0.1 1 10 100 v ds [v] i d [a] limited by on-state resistance single pulse 0.01 0.02 0.05 0.1 0.2 0.5 0.001 0.01 0.1 1 10 0 0 0 0 0 0 1 t p [s] z thjc [k/w] 0 10 20 30 40 50 60 70 80 90 0 50 100 150 200 t c [c] p tot [w] 0 20 40 60 0 50 100 150 200 t c [c] i d [a] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 rev. 0.95 page 4 2008-05-06
ipp07n03lb g 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c parameter: t j 3 v 3.2 v 3.5 v 3.8 v 4.1 v 4.5 v 10 v 0 5 10 15 20 25 0 20 40 60 80 100 120 140 i d [a] r ds(on) [m ? ] 25 c 175 c 0 20 40 60 80 100 120 140 160 012345 v gs [v] i d [a] 0 10 20 30 40 50 60 70 80 90 100 0 20406080 i d [a] g fs [s] 2.8 v 3 v 3.2 v 3.5 v 3.8 v 4.1 v 4.5 v 10 v 0 20 40 60 80 100 120 140 0123 v ds [v] i d [a] rev. 0.95 page 5 2008-05-06
ipp07n03lb g 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =50 a; v gs =10 v v gs(th) =f( t j ); v gs = v ds parameter: i d 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz i f =f( v sd ) parameter: t j typ 98 % 0 1 2 3 4 5 6 7 8 9 10 11 12 -60 -20 20 60 100 140 180 t j [c] r ds(on) [m ? ] 40 a 400 a 0 0.5 1 1.5 2 2.5 -60 -20 20 60 100 140 180 t j [c] v gs(th) [v] ciss coss crss 10 100 1000 10000 0 5 10 15 20 25 30 v ds [v] c [pf] 25 c 175 c 25c 98% 175c 98% 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 v sd [v] i f [a] rev. 0.95 page 6 2008-05-06
ipp07n03lb g 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 ? v gs =f( q gate ); i d =40 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =1 ma 5 v 15 v 20 v 0 2 4 6 8 10 12 0 10203040 q gate [nc] v gs [v] 20 22 24 26 28 30 32 34 36 38 -60 -20 20 60 100 140 180 t j [c] v br(dss) [v] v gs q gate v gs(th) q g(th) q gs q gd q sw q g 25 c 100 c 150 c 1 10 100 1 10 100 1000 t av [s] i av [a] rev. 0.95 page 7 2008-05-06
ipp07n03lb g pg-to220-3-1 rev. 0.95 page 8 2008-05-06
ipp07n03lb g published by infineon technologies ag 81726 munich, germany ? 2008 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office (www.infineon.com). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 0.95 page 9 2008-05-06


▲Up To Search▲   

 
Price & Availability of IPP07N03LBG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X