Part Number Hot Search : 
I3033LS RFN10B3S 00390 TQP9218 SCDAR1F MN6147 HT66F018 A0337M
Product Description
Full Text Search
 

To Download IDH05S120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IDH05S120 thinq! tm sic schottky diode features ? revolutionary semiconductor material - silicon carbide ? switching behavior benchmark ? no reverse recovery / no forward recovery ? temperature independent switching behavior ? high surge current capability ? pb-free lead plating; rohs compliant ? qualified according to jedec 1) for target applications ? optimized for high temperature operation thinq! tm diode designed for fast switching applications like: ? lowest figure of merit q c /i f ? smps e.g.; ccm pfc ? motor drives; solar applications; ups v dc 1200 v q c 18 nc i f ; t c < 130 c 5 a product summary type package marking pin 1 pin 2 IDH05S120 pg-to220-2 d05s120 c a v dc 1200 v q c 18 nc i f ; t c < 130 c 5 a product summary pg-to220-2 v dc 600 v q c 3.2 nc i f ; t c < 130 c 3 a product summary v dc 1200 v q c 18 nc i f ; t c < 130 c 5 a product summary pg-to220-2 v dc 600 v q c 3.2 nc i f ; t c < 130 c 3 a product summary v dc 1200 v q c 18 nc i f ; t c < 130 c 5 a product summary pg-to220-2 rev. 2.0 page 1 2010-04-20 maximum ratings parameter symbol conditions unit continuous forward current i f t c <130 c 5a i f,sm t c =25 c, t p =10 ms 29 t c =150 c, t p =10 ms 25 non-repetitive peak forward current i f,max t c =25 c, t p =10 s 110 i 2 d t t c =25 c, t p =10 ms 4 a 2 s t c =150 c, t p =10 ms 3 repetitive peak reverse voltage v rrm t j =25 c 1200 v diode dv/dt ruggedness d v/ d t v r = 0?.960 v 50 v/ns power dissipation p tot t c =25 c 75 w operating and storage temperature t j , t stg -55 ... 175 c soldering temperature, wavesoldering only allowed at leads t sold 1.6mm (0.063 in.) from case for 10s 260 mounting torque m3 and m3.5 screws 60 mcm i 2 t value value surge non-repetitive forward current, sine halfwave v dc 1200 v q c 18 nc i f ; t c < 130 c 5 a product summary type package marking pin 1 pin 2 IDH05S120 pg-to220-2 d05s120 c a v dc 1200 v q c 18 nc i f ; t c < 130 c 5 a product summary pg-to220-2 v dc 600 v q c 3.2 nc i f ; t c < 130 c 3 a product summary v dc 1200 v q c 18 nc i f ; t c < 130 c 5 a product summary pg-to220-2 v dc 600 v q c 3.2 nc i f ; t c < 130 c 3 a product summary v dc 1200 v q c 18 nc i f ; t c < 130 c 5 a product summary pg-to220-2 rev. 2.0 page 1 2010-04-20
IDH05S120 parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 2 k/w thermal resistance, junction - ambient thermal resistance, junction- ambient, leaded --62 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics dc blocking voltage v dc i r =0.05 ma, t j =25 c 1200 - - v diode forward voltage v f i f =5 a, t j =25 c - 1,65 1,8 i f =5 a, t j =150 c - 2,55 - reverse current i r v r =1200 v, t j =25 c - 5 120 a v r =1200 v, t j =150 c - 20 1000 values r thja rev. 2.0 page 2 2010-04-20 ac characteristics total capacitive charge q c -18-nc switching time 2) t c - - <10 ns total capacitance c v r =1 v, f =1 mhz - 250 - pf v r =300 v, f =1 mhz -20- v r =600 v, f =1 mhz -18- 1) j-std20 and jesd22 v r =400 v, i f i f,max , d i f /d t =200 a/s, t j =150 c 2) t c is the time constant for the capacitive displacement current waveform (independent from t j , i load and di/dt), different from t rr which is dependent on t j , i load and di/dt. no reverse recovery time constant t rr due to absence of minority carrier injection 4) only capacitive charge occuring, guaranteed by design 3) under worst case z th conditions. rev. 2.0 page 2 2010-04-20
IDH05S120 1 power dissipation 2 diode forward current p tot =f( t c ) i f =f( t c ) 3) ; t j 175 c; parameter: d = t p /t 0 10 20 30 40 50 60 70 80 25 75 125 175 p tot [w] t c [c] 1 0.7 0.5 0.3 0.1 0 10 20 30 40 50 25 75 125 175 i f [a] t c [c] rev. 2.0 page 3 2010-04-20 3 typ. forward characteristic 4 typ. reverse current vs. reverse voltage i f =f( v f ); t p =400 s e c =f(v r ) parameter: t j 0 10 20 30 40 50 60 70 80 25 75 125 175 p tot [w] t c [c] -55 c 25 c 100 c 150 c 175 c 0 2 4 6 8 10 0246 i f [a] v sd [v] 1 0.7 0.5 0.3 0.1 0 10 20 30 40 50 25 75 125 175 i f [a] t c [c] -55 c 25 c 100 c 150 c 175 c 10 -3 10 -2 10 -1 10 0 10 1 10 2 200 400 600 800 1000 1200 i r [a] v r [v] rev. 2.0 page 3 2010-04-20
IDH05S120 5 typ. capacitance charge vs. current slope 6 transient thermal impedance q c =f(d i f /d t ) 4) ; t j =150 c; i f i f,max z thjc =f( t p ) parameter: d = t p / t 0 0.02 0.05 0.1 0.2 0.5 10 -5 10 -4 10 -3 10 -2 10 -1 10 -2 10 -1 10 0 10 1 z thjc [k/w] t [s] 0 5 10 15 20 100 400 700 1000 q c [nc] di f /dt [a/s ] rev. 2.0 page 4 2010-04-20 7 typ. capacitance vs. reverse voltage 8 typ. c stored energy c =f( v r ); t c =25 c, f =1 mhz e c =f( v r ) 0 0.02 0.05 0.1 0.2 0.5 10 -5 10 -4 10 -3 10 -2 10 -1 10 -2 10 -1 10 0 10 1 z thjc [k/w] t [s] 0 5 10 15 20 100 400 700 1000 q c [nc] di f /dt [a/s ] 0 50 100 150 200 250 1 10 100 1000 c [pf] v r [v] 0 1 2 3 4 0 200 400 600 e c [c] v r [v] rev. 2.0 page 4 2010-04-20
IDH05S120 pg-to220-2: outline thinq! tm 2g diode designed for fast switching applications like: rev. 2.0 page 5 2010-04-20 dimensions in mm/inches rev. 2.0 page 5 2010-04-20
IDH05S120 published by infineon technologies ag 81726 munich, germany ? 2010 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights thinq! tm 2g diode designed for fast switching applications like: information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office (www.infineon.com). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain rev. 2.0 page 6 2010-04-20 and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 2.0 page 6 2010-04-20


▲Up To Search▲   

 
Price & Availability of IDH05S120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X