Part Number Hot Search : 
SN74LS08 VF60100C AON2800 AT60500 TS34118 AN1510 PMN40LN EL5293
Product Description
Full Text Search
 

To Download CEGS0312V-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bidirectional esd / transient suppressor ce series -g (rohs device) (16kv) iec 61000-4-2 rating surface mount package high component density esd suppression transient suppression automotive can bus applications schematic application schematic specifications (t a = 25 o c) features connector gnd. transceiver -v bd 0v +v bd cea C ( sot23-3 ) ceb C ( sot23-6 ) cec C ( sot23-6 ) ced C ( sot23-5 ) 3 1 2 3 1 2 4 6 5 3 1 4 6 5 2 3 1 2 4 5 vp (transient) v clamp 0 v sot23-6 sot23-5 sot-23-3 symbol characteristic min. max. units t o operation temperature range -55 +125 o c 3 1 4 1 ce g C ( sot-143 ) 2
bidrectional esd / transient suppressor specifications: ( ta = 25 o c ) 36v characteristic preliminary symbol characteristic min typ max units test condition v bd diode breakdown voltage 38 40 v i f = 1 ma i l leakage current 0.1 2.0 ua 36v c t capacitance 5 pf @ 1mhz v esd channel clamp voltage - + 40 v 8kv event v pv peak esd voltage capability 16 kv iec 61000-4-2 ipp * peak pulse current 15 a 8 / 20 us 24v characteristic (can bus) symbol characteristic min typ max units test condition v bd diode breakdown voltage 25 28 v i f = 1 ma i l leakage current 0.1 2.0 ua 24v c t capacitance 10 pf @ 1mhz v esd channel clamp voltage - + 25 v 8kv event v pv peak esd voltage capability 16 kv iec 61000-4-2 ipp * peak pulse current 15 a 8 / 20 us 12v characteristic preliminary symbol characteristic min typ max units test condition v bd diode breakdown voltage 14 17 v i f = 1 ma i l leakage current 0.1 2.0 ua 12v c t capacitance 12 pf @ 1mhz v esd channel clamp voltage - + 17 v 8kv event v pv peak esd voltage capability 16 kv iec 61000-4-2 ipp * peak pulse current 15 a 8 / 20 us 5v0 characteristic symbol characteristic min typ max units test condition v bd diode breakdown voltage 5.1 7.0 v i f = 1 ma i l leakage current + 0.1 + 2.0 ua 5v c t capacitance 15 20 pf @ 1mhz v esd channel clamp voltage - + 7.0 v 8kv event v pv peak esd voltage capability 16 kv iec 61000-4-2 ipp * peak pulse current 5.1 a 8 / 20 us * one diode conducting package information: w l p s03 d w l p s06 d w l p s14 d w l p s05 d p dimensions in ( mm ): code power pins l + 0.2 w + 0.2 p + 0.1 p + 0.1 pkg. height d + 0.1 s03 225 mw 3 2.90 2.30 - - 1.90 1.0 0.43 s05 225 mw 5 2.90 2.80 0.95 1.90 1.90 1.0 0.43 s06 s14 225 mw 225 mw 6 4 2.90 2.90 2.80 2.80 0.95 - 1.0 1.0 0.43 0.43 ordering information: s03 5v0 -g package code voltage rohs compliant from table above 5v0 / 12v 12v / 24v cea type cea ceb cec ced ceg 0.7


▲Up To Search▲   

 
Price & Availability of CEGS0312V-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X