Part Number Hot Search : 
L9953TR UML500 2N5088 SK025 IP317AK AT49L MBD444 D74LVC16
Product Description
Full Text Search
 

To Download KBP304G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ul recoganized file #e-326243 ? glass passivated junction ? high case dielectric strength ? typical ir less than 0.1ua ? high surge current capability mechanical data kbp30xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol kbp 301g kbp 302g kbp 303g kbp 304g kbp 305g kbp 306g kbp 307g unit v rrm 50 100 200 400 600 800 1000 v v rms 35 70 140 280 420 560 700 v v dc 50 100 200 400 600 800 1000 v i (av) a i fsm a i 2 ta 2 s cj pf r ja r jl o c/w t j o c t stg o c ? weight: 1.54 grams (0.055 ounce) typical thermal resistance (note 2) type number maximum average forward rectified current @ta=50 ? mounting position : any - 55 to + 150 30 11 note 1 : measured at 1mhz and applied reverse bias of 4.0v dc kbp301g - kbp307g marking diagram kbp v 26.5 single phase 3.0amps. glass passivated bridge rectifiers ? plastic material has underwriters laboratory flammability classification 94v-0 features ? ideal for printed circuit board peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) note 2 : unit mount on p.c.b. 0.4" x 0.4" (10mmx10mm) copper pads, 0.375"(9.5mm) lead length operating temperature range storage temperature range - 55 to + 150 ua 80 10 500 typical junction capacitance per leg (note 1) 215 version:e10 ? case: molded plastic body maximum dc reverse current @t a =25 at rated dc block voltage @ t a =125 i r maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 3 rating of fusing ( t<8.3ms) maximum instantaneous forward voltage @3.0a ? high temperature soldering guaranteed: 260 /10 seconds at 5 lbs.,(2.3kg) tension v f 1.1 dimensions in inches and (millimeters) ? green compound with suffix "g" on packing code & prefix "g" on datecode ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 pb rohs compliance rohs compliance
version:e10 ratings and characteristic curves (kbp301g thru kbp307g) fig.1 forward current derating curve 0 1 2 3 4 0 20 40 60 80 100 120 140 160 case temperature ( o c) average forward a current (a) fig. 2 maximum non-repetitive forward surge current 0 20 40 60 80 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave (jedec method) fig. 3 typical reverse characteristics 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse a current (ma) ta=25 ta=125 fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) capacitance (pf) a fig. 4 typical forward characterisrics 0.01 0.1 1 10 100 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 forward voltage (v) instantaneous forward a current (a)


▲Up To Search▲   

 
Price & Availability of KBP304G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X