Part Number Hot Search : 
102J0 2SK3799 16CTQPBF 1N2627 HY5DU BAT54L UFT72SM BC32716
Product Description
Full Text Search
 

To Download USB-2-485 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i n t e r f a c e s b u s i n t e r f a c e c o n v e r t e r s i n f o m a in ch a r ac t er is t ic s www.trinamic.com C for detailed information and datasheets 1 0 m m o r d e r c o d e d e s c r i p t i o n tmc USB-2-485 usb interface converter (with usb cable) the USB-2-485 device is a low-cost interface converter that sup - plies a simple-to-use rs485 interface to a pc with an usb port. the USB-2-485 device can be used erverywhere where an rs485 interface is needed, since it does not require special software. it can be operated with most simple terminal programes support - ing the serial interface. the software supplied with this product can be used with every version of the windows operating system that supports usb (windows 98, windows me, windows 2000, windows xp). the USB-2-485 device can be connected to usb 1.1 or usb 2.0 hosts and supports the full bitrate of 12mbit/s. it is fully powered by the bus, so no extra power supply is needed. u s b host interface connection to usb 1.1 or usb 2.0 hosts possible (a cable is included) usb full speed device (12mbit/s) bus powered (no extra power supply needed) r s 4 8 5 half duplex communication mode supports all standard baud rates up to 3mb/s supported software virtual com port driver included can be used with standard terminal programs, e.g. hyperterminal ro h s compliant ? ? ? ? u s b - 2 - 4 8 5 u s b t o r s 4 8 5 i n t e r f a c e c o n v e r t e r w i t h v i r t u a l c o m p o r t d r i v e r usb - 2 - rs485 rs - 485 usb 64


▲Up To Search▲   

 
Price & Availability of USB-2-485

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X