Part Number Hot Search : 
DA103M RT3N66U 2N4859 TC144E IPG20 MP2158 KA78R09 D4602
Product Description
Full Text Search
 

To Download MUR1620CTRD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 october, 2000 rev. 2 1 publication order number: mur1620ctr/d mur1620ctr preferred device switchmode ? dual ultrafast power rectifier . . . designed for use in negative switching power supplies, inverters and as free wheeling diodes. also, used in conjunction with common cathode dual ultrafast rectifiers, makes a single phase fullwave bridge. these stateoftheart devices have the following features: ? common anode dual rectifier (8.0 a per leg or 16 a per package) ? ultrafast 35 nanosecond reverse recovery times ? exhibits soft recovery characteristics ? high temperature glass passivated junction ? low leakage specified @ 150 c case temperature ? current derating @ both case and ambient temperatures ? epoxy meets ul94, v o @ 1/8 ? complement to mur1620ct common cathode device mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? marking: u1620r maximum ratings (per leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 200 v average rectified forward voltage (rated v r , t c = 160 c) per leg per total device i f(av) 8.0 16 a peak repetitive surge current (rated v r , square wave, 20 khz, t c = 140 c) per diode i fm 16 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 100 a operating junction and storage temperature range t j , t stg 65 to +175 c device package shipping ordering information mur1620ctr to220 http://onsemi.com to220ab case 221a style 7 50 units/rail 3 4 1 ultrafast rectifier 16 amperes 200 volts 1 3 2, 4 preferred devices are recommended choices for future use and best overall value. 2 marking diagram u1620r u1620r = device code
mur1620ctr http://onsemi.com 2 thermal characteristics (per leg) rating symbol value unit thermal resistance e junction to case r q jc 2.0 c/w electrical characteristics (per leg) maximum instantaneous forward voltage (note 1.) (i f = 8.0 amps, t c = 25 c) (i f = 8.0 amps, t c = 150 c) v f 1.2 1.1 volts maximum instantaneous reverse current (note 1.) (rated dc voltage, t c = 25 c) (rated dc voltage, t c = 150 c) i r 5.0 500 m a maximum reverse recovery time (i f = 1.0 amp, di/dt = 50 amps/ m s) (i f = 0.5 amp, di/dt = 100 amps/ m s) t rr 85 35 ns 1. pulse test: pulse width = 5.0 ms, duty cycle 10%. figure 1. typical forward voltage (per leg) v f, instantaneous voltage (volts) 0 0.6 0.4 0.8 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f v r , reverse voltage (volts) 060 40 100 120 500 1000 0.1 0.05 0.02 10 5 2 200 50 20 100 t j = 175 c i r 20 80 200 figure 2. typical reverse current* (per leg) t c , case temperature ( c) 140 150 0 4.0 2.0 6.0 10 8.0 14 12 i 180 figure 3. current derating, case (per leg) 0.7 10 70 1.0 1.4 1.2 100 c t j = 175 c 25 c 160 180 140 1 0.5 0.2 , reverse current ( a)  100 c 25 c 160 170 16 i rated v r applied , average forward current (amps) f(av) square wave dc 0.2 150 c r  jc = 2 c/w 0.01 150 c * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r .
mur1620ctr http://onsemi.com 3 t a , ambient temperature ( c) 025 2.0 4.0 i f(av) 0 6.0 8.0 10 12 14 50 75 100 125 150 175 200 figure 4. current derating, ambient (per leg) 0 4.0 2.0 4.0 6.0 8.0 0 8.0 12 16 i f(av) , average forward current (amps) p f(av) figure 5. power dissipation (per leg) , average power dissipation (watts) square wave dc , average forward current (amps) t j = 175 c dc square wave 2.0 6.0 10 14 10 12 14 16 r  ja = 16 c/w 16 0.01 0.02 0.05 0.1 0.2 0.5 1.0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1000 t, time (ms) figure 6. thermal response d = 0.5 0.05 single pulse p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 z q jc(t) = r(t) r q jc d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z q jc(t) r(t), transient thermal resistance (normalized) 1000 0 200 100 300 1.0 10 100 v r , reverse voltage (volts) figure 7. typical capacitance (per leg) c, capacitance (pf) 0.1 0.01 400 500 600 700 800 900 0.1 0.2 0.3 0.5 0.7 0.2 0.3 0.5 0.7 20 30 50 70
mur1620ctr http://onsemi.com 4 package dimensions to220 threelead to220ab case 221a09 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane t c s t u r j style 7: pin 1. cathode 2. anode 3. cathode 4. anode on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mur1620ctr/d switchmode is a trademark of semiconductor components industries, llc. north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MUR1620CTRD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X