Part Number Hot Search : 
25201 28F160 SN74L CV123PVG CXA1635 41WC18VD B6411 20H100
Product Description
Full Text Search
 

To Download 1N5399G-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e 3 ds30194 rev. 3 - 2 1 of 3 1n5391g - 1n5399g www.diodes.com  diodes incorporated 1n5391g - 1n5399g 1.5a glass passivated rectifier features a a b c d do-15 dim min max a 25.40 ? b 5.50 7.62 c 0.686 0.889 d 2.60 3.6 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified  glass passivated die construction  high current capability and low forward voltage drop  surge overload rating to 50a peak  low reverse leakage current  lead free finish, rohs compliant (note 3) mechanical data  case: do-15  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish ? tin. solderable per mil-std-202, method 208  polarity: cathode band  marking: type number  weight: 0.4 grams (approximate) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol 1n53 91g 1n53 92g 1n53 93g 1n53 95g 1n53 97g 1n53 98g 1n53 99g unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 55c i o 1.5 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 50 a forward voltage @ i f = 1.5a v fm 1.1 v peak reverse current @ t a = 25c at rated dc blocking voltage @ t a = 100c i rm 5.0 200 a i 2 t rating for fusing (t < 8.3ms) i 2 t 10.4 a 2 s typical total capacitance (note 2) c t 15 pf typical thermal resistance junction to ambient r  ja 80 c/w operating and storage temperature range t j, t stg -65 to +175 c notes: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7 .
ds30194 rev. 3 - 2 2 of 3 1n5391g - 1n5399g www.diodes.com 0.4 0.8 1.2 0.01 0.1 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g .2t y pical forward characteristics f 10 1.6 2.0 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive peak fwd sur g e current 8.3ms single half sine-wave 0 20 40 5 0 30 10 0.01 0.1 1000 10 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) fi g .5 t y pical reverse characteristics 1.0 100 t = 125c j t = 25c j t = 150c j 40 60 80 100 120 140 160 180 0 0.3 0.6 0.9 1.2 1 .5 i , average forward rectified current (a) (av) t , ambient temperature (oc) fi g . 1 forward current deratin g curve a 1.0 10 100 1.0 10 100 c total capacitance (pf) t, v , reverse voltage (v) fi g .4 t y pical total capacitance r t=25c f=1mhz j
ds30194 rev. 3 - 2 3 of 3 1n5391g - 1n5399g www.diodes.com ordering information (note 4) device packaging shipping 1n5391g-t do-15 4k/tape & reel, 13-inch 1n5392g-t do-15 4k/tape & reel, 13-inch 1n5393g-t do-15 4k/tape & reel, 13-inch 1n5395g-t do-15 4k/tape & reel, 13-inch 1n5397g-t do-15 4k/tape & reel, 13-inch 1n5398g-t do-15 4k/tape & reel, 13-inch 1N5399G-T do-15 4k/tape & reel, 13-inch notes: 4. for packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf. important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of 1N5399G-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X