Part Number Hot Search : 
AMF59 TPQ6100 240128 CPH6204 LT1776I F0805 MBF200 A12010
Product Description
Full Text Search
 

To Download CS4362A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advance product information this document contains information for a new product. cirrus logic reserves the right to modify this produ ct without notice. copyright ? cirrus logic, inc. 2004 (all rights reserved) http://www.cirrus.com cs4382a 114 db, 192 khz 8-channel d/a converter features z advanced multi-bit delta sigma architecture z 24-bit conversion z up to 192 khz sample rates z 114 db dynamic range z -100 db thd+n z direct stream digital mode ? on-chip 50 khz filter ? matched pcm and dsd analog output levels z selectable digital filters z volume control with 1- db step size and soft ramp z low clock jitter sensitivity z +5 v analog supply, +2.5 v digital supply z separate 1.8 to 5 v logic supplies for the control & serial ports z footprint compatible with cs4382 ? see transition appnote an260 description the cs4382a is a complete 8-channel digital-to-analog system. this d/a system includes digital de-emphasis, one-db step size volume control, atapi channel mixing, selectable fast and slow digi tal interpolatio n filters fol- lowed by an oversampled, multi-bit delta sigma modulator which includes mismatch shaping technology that eliminates distortion due to capacitor mismatch. fol- lowing this stage is a multi- element switched capacitor stage and low-pass filter with differential analog outputs. the cs4382a also has a proprietary dsd processor which allows for 50 khz on-chip filtering without an inter- mediate decimation stage. the cs4382a accepts pcm data at sample rates from 4 khz to 216 khz, dsd audio data, and delivers excel- lent sound quality. these features are ideal for multi- channel audio systems including sacd players, a/v re- ceivers, digital tv?s, mi xing consoles, effects processors, sound cards and automotive audio systems. ordering in formation cs4382a-cqz -10 to 70 c 48-pin lqfp, lead-free cs4382a-dqz -40 to 85 c 48-pin lqfp, lead-free cdb4382a evaluation board i control & serial audio port supplies = 1.8 v to 5 v register/hardware c onfiguration internal voltage reference reset s e ria l inte rfa ce level translator level translator digital supply = 2.5 v hardware mode or i 2 c /spi software mode control data analog supply = 5 v differential outputs 8 8 pcm serial audio input volume controls digital filters switch-cap dac and analog filters multi-bit ? modulators dsd audio in p u t dsd processor -50 kh z filte r external mute control mute signals 2 8 nov ?04 ds618a1
cs4382a 2 ds618a1 table of contents 1. pin description ........................................................................................................... ........ 4 2. characteristics and specifications ........................................................................ 6 specified operating conditions . .............. ................ ............. ............. ............. ........... 6 absolute maximum ratings ...... ................ ................ ................ ............. ............. ........... 6 dac analog characteristics ....................................................................................... 7 power and thermal characteristics....................................................................... 8 combined interpolation & on-chip analog filter response........................... 9 dsd combined digital & on-chip analog filter response ............................... 10 digital characteristics ............................................................................................... 11 switching characteristics - pcm ............................................................................. 12 switching characteristics - dsd.............................................................................. 13 switching characteristic s - control port - i 2 c format ................................ 14 switching characteristics - control po rt - spi? format............................ 15 3. applications .............................................................................................................. ........ 18 3.1 master clock .............................................................................................................. ...... 18 3.2 mode select ............................................................................................................... ...... 18 3.3 digital interface formats ................................................................................................ .20 3.4 oversampling mo des ....................................................................................................... 2 1 3.5 interpolation filter ...................................................................................................... ...... 21 3.6 de-emphasis ............................................................................................................... .... 22 3.7 atapi specification ....................................................................................................... .. 23 3.8 direct stream digital (dsd) mode ............. ...................................................................... 23 3.9 grounding and power supply arrangements .................................................................. 24 3.9.1 capacitor placement ..... ...................................................................................... 24 3.10 analog output and filtering ................. .......................................................................... 24 3.11 mute control ............... .............................................................................................. ..... 25 3.12 recommended power-up seq uence ............................................................................. 26 3.12.1 hardware mode ................................................................................................. 26 3.12.2 software mode .................................................................................................. 26 3.13 recommended procedure for switching operational modes ........................................ 26 3.14 control port interface ................................................................................................... .. 27 3.14.1 map auto increment ... ...................................................................................... 27 3.14.2 i 2 c mode ........................................................................................................... 27 3.14.3 spi? mode ....................................................................................................... 29 3.15 memory address pointer (m ap) .............................................................................. 30 4. register quick reference ......................................................................................... 31 5. register description .................................................................................................... 32 6. parameter definitions .................................................................................................. 41 7. references ................................................................................................................ ........ 41 8. package dimensions ....................................................................................................... 4 2 9. appendix ............ ................ ................ ................ ................. ................ ................ ............ 43
cs4382a ds618a1 3 list of figures figure 1. serial audio interface timing............ ............................................................................ .12 figure 2. direct stream digital - serial audio input timing........................................................... 13 figure 3. control port timing - i 2 c format ................................................................................... 14 figure 4. control port timing - spi format...... ............................................................................. 15 figure 5. typical connection diagram, software mode................................................................ 16 figure 6. typical connection diagram, hardware mode .............................................................. 17 figure 7. format 0 - left justif ied up to 24-bit data...................................................................... 20 figure 8. format 1 - i 2 s up to 24-bit data..................................................................................... 20 figure 9. format 2 - right justified 16-bit data ............................................................................ 20 figure 10. format 3 - right justif ied 24-bit data .......................................................................... 20 figure 11. format 4 - right justif ied 20-bit data .......................................................................... 21 figure 12. format 5 - right justif ied 18-bit data .......................................................................... 21 figure 13. de-emphasis curve........................... ........................................................................ .. 22 figure 14. atapi block diagram (x = channel pair 1, 2, 3, or 4) .................................................. 23 figure 15. full-scale output ................................................................................................... ...... 25 figure 16. recommended output filter.............. .......................................................................... 25 figure 17. control port timing, i 2 c mode..................................................................................... 28 figure 18. control port timing, spi mode .................................................................................... 29 figure 19. single speed (fast) stopband rejection ...................................................................... 43 figure 20. single speed (fast) transition band ............................................................................ 43 figure 21. single speed (fast) transition band (detail) ................................................................ 43 figure 22. single speed (fast) passband ripple .......................................................................... 43 figure 23. single speed (slow) stopband rejection..................................................................... 43 figure 24. single speed (slow) transition band........................................................................... 43 figure 25. single speed (slow) transition band (detail)............................................................... 44 figure 26. single speed (slow) passband ripple......................................................................... 44 figure 27. double speed (fast) stopband rejection..................................................................... 44 figure 28. double speed (fast) transition band ........................................................................... 44 figure 29. double speed (fast) transition band (detail)............................................................... 44 figure 30. double speed (fast) passband ripple ......................................................................... 44 figure 31. double speed (slow) stopband rejection ................................................................... 45 figure 32. double speed (slow) transition band ......................................................................... 45 figure 33. double speed (slow) transition band (detail) ............. ................................................ 45 figure 34. double speed (slow) passband ripple ....................................................................... 45 figure 35. quad speed (fast) stopband rejection . ...................................................................... 45 figure 36. quad speed (fast) tr ansition band ............................................................................. 45 figure 37. quad speed (fast) tran sition band (detail) ................................................................. 46 figure 38. quad speed (fast) passband ripple ........................................................................... 46 figure 39. quad speed (slow) st opband rejection...................................................................... 46 figure 40. quad speed (slow) tr ansition band ............................................................................ 46 figure 41. quad speed (slow) transition band (det ail) ................................................................ 46 figure 42. quad speed (slow) pa ssband ripple .......................................................................... 46
cs4382a 4 ds618a1 1. pin description pin name # pin description vd 4 digital power ( input ) - positive power supply for the digital section. gnd 5 31 ground ( input ) - ground reference. should be connected to analog ground. mclk 6 master clock ( input ) - clock source for the delta-sigma modulator and digital filters. lrck 7 left right clock ( input ) - determines which channel, left or right, is currently active on the serial audio data line. the frequency of the left/right clock must be at the audio sample rate, fs. sdin1 sdin2 sdin3 sdin4 8 11 13 14 serial audio data input ( input ) - input for two?s complement serial audio data. sclk 9 serial clock ( input ) - serial clock for the serial audio interface. vlc 18 control port power ( input ) - determines the required signal level fo r the control port. refer to the rec- ommended operating conditions for appropriate voltages. rst 19 reset ( input ) - the device enters a low power mode and all internal registers are reset to their default settings when low. filt+ 20 positive voltage reference ( output ) - positive reference voltage for the internal sampling circuits. requires the capacitive decoupling to analog ground, as shown in the typical connection diagram. vq 21 quiescent voltage ( output ) - filter connection for internal quiesce nt voltage. vq must be capacitively coupled to analog ground, as shown in the typical connection diagram. the nominal voltage level is specified in the analog characteristics and specific ations section. vq presents an appreciable source impedance and any current drawn from this pin wil l alter device performance. however, vq can be used to bias the analog circuitry assuming there is no ac signal component and the dc current is less than the maximum specified in the analog ch aracteristics and specifications section. sdin3 gnd aoutb2- aouta3+ aoutb3- aoutb2+ va aouta3- aoutb3+ aouta4- aouta4+ 6 2 4 8 10 1 3 5 7 9 11 1 2 13 14 15 16 17 18 19 20 21 22 23 24 31 35 33 29 27 36 34 32 30 28 26 25 48 47 46 45 44 43 42 41 40 39 38 37 mclk dsdb1 vd sdin1 tst dsda2 dsda1 gnd sclk sdin2 tst lrck(dsd_en) m3(dsd_sclk) dsdb3 dsda3 dsda4 cs4382a dsdb4 vls sdin4 m2(scl/cclk) m1(sda/cdin) vlc rst filt+ vq mutec2 aoutb4- aoutb4+ m0(ad0/cs) aouta2+ aouta2- aoutb1+ aoutb1- aouta1- aouta1+ dsdb2 mutec1
cs4382a ds618a1 5 mutec1 mutec234 41 22 mute control ( output ) - the mute control pins go high during power-up initialization, reset, muting, power-down or if the master clock to left/right clo ck frequency ratio is incorrect. these pins are intended to be used as a control for external mute circuits to prevent the clicks and pops that can occur in any sin- gle supply system. the use of external mute circuits are not man datory but may be de sired for designs requiring the absolute minimum in extraneous clicks and pops. aouta1 +,- aoutb1 +,- aouta2 +,- aoutb2 +,- aouta3 +,- aoutb3 +,- aouta4 +,- aoutb4 +,- 39, 40 38, 37 35, 36 34, 33 29, 30 28, 27 25, 26 24, 23 differential analog output ( output ) - the full scale differential analog output level is specified in the analog characteristics specification table. va 32 analog power ( input ) - positive power supply for the analog section. vls 43 serial audio interface power ( input ) - determines the required signal level for the serial audio inter- face. refer to the recommended operati ng conditions for appropriate voltages. tst 10 12 test - these pins need to be tied to analog ground. software mode definitions scl/cclk 15 serial control port clock ( input ) - serial clock for the serial control port. requires an external pull-up resistor to the logic interface voltage in i 2 c mode as shown in the typical connection diagram. sda/cdin 16 serial control data ( input/output ) - sda is a data i/o line in i 2 c mode and requires an external pull-up resistor to the logic interface voltage, as shown in the typical connection diagram. cdin is the input data line for the control port interface in spi mode. ad0/cs 17 address bit 0 (i 2 c) / control port chip select (spi) ( input ) - ad0 is a chip address pin in i 2 c mode; cs is the chip select signal for spi format. stand-alone definitions m0 m1 m2 m3 17 16 15 42 mode selection ( input ) - determines the operational mode of the device. dsd definitions dsd_sclk 42 dsd serial clock ( input ) - serial clock for the direct stream digital audio interface. dsd_en 7 dsd-enable (input) - when held at logic ?1? the device will enter dsd mode (stand-alone mode only). dsda1 dsdb1 dsda2 dsdb2 dsda3 dsdb3 dsda4 dsdb4 3 2 1 48 47 46 45 44 direct stream digital input ( input ) - input for direct stream digital serial audio data. pin name # pin description
cs4382a 6 ds618a1 2. characteristics and specifications all min/max characteristics and specifications are guaran teed over the specified operating conditions. typical performance characteristics an d specifications are derived from measur ements taken at nominal supply voltage and t a = 25 c. specified operating conditions (gnd = 0 v; all voltages with respect to ground.) absolute maximum ratings (gnd = 0 v; all voltages with respect to ground.) warning: operation at or beyond these limits may result in permanent damage to the device. normal operation is not guaranteed at these extremes. parameters symbol min typ max units dc power supply analog power digital internal power serial data port interface power control port interface power va vd vls vlc 4.75 2.37 1.71 1.71 5.0 2.5 5.0 5.0 5.25 2.63 5.25 5.25 v v v v specified temperature range -cqz -dqz t a -10 -40 - - +70 +85 c c parameters symbol min max units dc power supply analog power digital internal power serial data port interface power control port interface power va vd vls vlc -0.3 -0.3 -0.3 -0.3 6.0 3.2 6.0 6.0 v v v v input current, any pi n except supplies i in -10ma digital input voltage serial data port interface control port interface v ind-s v ind-c -0.3 -0.3 vls+ 0.4 vlc+ 0.4 v v ambient operating temperature (power applied) t op -55 125 c storage temperature t stg -65 150 c
cs4382a ds618a1 7 dac analog characteristics full-scale output sine wave, 997 hz (note 1) ; fs = 48/96/192 khz; test load r l = 3 k ? , c l = 100 pf ; measure- ment bandwidth 10 hz to 20 khz, unless otherwise specified. notes: 1. one-half lsb of triangular pdf dither is added to data. 2. performance limited by 16-bit quantization noise. parameters symbol min typ max unit cs4382a-cqz dynamic performance - all pcm modes and dsd specified temperature range t a -10 - 70 c dynamic range 24-bit a-weighted unweighted 16-bit a-weighted (note 2) unweighted 108 105 - - 114 111 97 94 - - - - db db db db total harmonic distortion + noise 24-bit 0 db -20 db -60 db 16-bit 0 db (note 2) -20 db -60 db thd+n - - - - - - -100 -91 -51 -94 -74 -34 -94 - -45 - - - db db db db db db idle channel noise / signal-to-noise ratio - 114 - db cs4382a-dqz dynamic performance - all pcm modes and dsd specified temperature range t a -40 - 85 c dynamic range (note 1) 24-bit a-weighted unweighted 16-bit a-weighted (note 2) unweighted 105 102 - - 114 111 97 94 - - - - db db db db total harmonic distortion + noise (note 1) 24-bit 0 db -20 db -60 db 16-bit 0 db (note 2) -20 db -60 db thd+n - - - - - - -100 -91 -51 -94 -74 -34 -91 - -42 - - - db db db db db db idle channel noise / signal-to-noise ratio - 114 - db
cs4382a 8 ds618a1 dac analog character istics - all modes (continued) power and thermal characteristics notes: 3. v fs is tested under load r l and includes attenuation due to z out 4. current consumption increases with increasing fs within a given speed mode and is signal dependant. max values are based on highest fs and highest mclk. 5. i lc measured with no external loading on the sda pin. 6. power down mode is defined as rst pin = low with all clock and data lines held static. 7. valid with the recommended capacitor values on filt+ and vq as shown in figures 5 and 6. parameters symbol min typ max units interchannel isolation (1 khz) -90 -db dc accuracy interchannel gain mismatch - 0.1 - db gain drift - 100 - ppm/c analog output full scale different ial output voltage pcm, dsd processor direct dsd mode v fs 132%?v a 94%?v a 134%?v a 96%?v a 136%?v a 98%?v a vpp vpp output impedance (note 3) z out - 100 - ? max dc current draw from an aout pin i outmax -1.0 -ma min ac-load resistance r l -3 -k ? max load capacitance c l - 100 - pf quiescent voltage v q - 50% v a -vdc max current draw from v q i qmax -10 - a parameters symbol min typ max units power supplies power supply current normal operation, va= 5 v (note 4) vd= 2.5 v interface current, vlc=5 v (note 5) vls=5 v power-down state (all supplies) (note 6) i a i d i lc i ls i pd - - - - - 75 20 2 84 200 83 26 - - - ma ma a a a power dissipation (note 4) va = 5 v, vd = 2.5 v normal operation power-down (note 6) - - 426 1 482 - mw mw package thermal resistance ja jc - - 48 15 - - c/watt c/watt power supply rejection ratio (note 7) (1 khz) (60 hz) psrr - - 60 40 - - db db
cs4382a ds618a1 9 combined interpolation & on-c hip analog filter response the filter characteristics have been normalized to the sample rate (fs) and can be referenced to the desired sample rate by multiplying the gi ven characteristic by fs. (see note 12.) notes: 8. slow roll-off interpolation filt er is only available in software mode. 9. response is clock dependent and will scale with fs. 10. for single speed mode, the measurement bandwidth is from stopband to 3 fs. for double speed mode, the measurement bandwidth is from stopband to 3 fs. for quad speed mode, the measurement bandwidth is from stopband to 1.34 fs. 11. de-emphasis is available only in single speed mode; only 44.1 khz de-emphasis is available in hardware mode. 12. amplitude vs. frequency plots of this data are available starting on page 43. parameter fast roll-off unit min typ max combined digital and on-chip analog filt er response - single speed mode - 48 khz passband (note 9) to -0.01 db corner to -3 db corner 0 0 - - .454 .499 fs fs frequency response 10 hz to 20 khz -0.01 - +0.01 db stopband 0.547 - - fs stopband attenuation (note 10) 102 - - db group delay - 10.3/fs - s de-emphasis error (note 11) fs = 32 khz (relative to 1 khz) fs = 44.1 khz fs = 48 khz - - - - - - 0.23 0.14 0.09 db db db combined digital and on-chip analog filter response - double speed mode - 96 khz passband (note 9) to -0.01 db corner to -3 db corner 0 0 - - .430 .499 fs fs frequency response 10 hz to 20 khz -0.01 - +0.01 db stopband .583 - - fs stopband attenuation (note 10) 80 - - db group delay - 5.9/fs - s combined digital and on-chip analog filter response - quad speed mode - 192 khz passband (note 9) to -0.01 db corner to -3 db corner 0 0 - - .105 .490 fs fs frequency response 10 hz to 20 khz -0.01 - +0.01 db stopband .635 - - fs stopband attenuation (note 10) 90 - - db group delay - 7.0/fs - s
cs4382a 10 ds618a1 combined interpolation & on-c hip analog filter response (cont.) dsd combined digita l & on-chip analog filter response parameter slow roll-off (note 8) unit min typ max single speed mode - 48 khz passband (note 9) to -0.01 db corner to -3 db corner 0 0 - - 0.417 0.499 fs fs frequency response 10 hz to 20 khz -0.01 - +0.01 db stopband .583 - - fs stopband attenuation (note 10) 64 - - db group delay - 4.5/fs - s de-emphasis error (note 11) fs = 32 khz (relative to 1 khz) fs = 44.1 khz fs = 48 khz - - - - - - 0.23 0.14 0.09 db db db double speed mode - 96 khz passband (note 9) to -0.01 db corner to -3 db corner 0 0 - - .296 .499 fs fs frequency response 10 hz to 20 khz -0.01 - +0.01 db stopband .792 - - fs stopband attenuation (note 10) 70 - - db group delay - 5.3/fs - s quad speed mode - 192 khz passband (note 9) to -0.01 db corner to -3 db corner 0 0 - - .104 .481 fs fs frequency response 10 hz to 20 khz -0.01 - +0.01 db stopband .868 - - fs stopband attenuation (note 10) 75 - - db group delay - 6.4/fs - s parameter min typ max unit dsd processor mode passband (note 9) to -3 db corner 0 - 50 khz frequency response 10 hz to 20 khz -0.05 - +0.05 db roll-off 27 - - db/oct
cs4382a ds618a1 11 digital characteristics 13. any pin except supplies. transient currents of up to 100 ma on the input pins will not cause scr latch- up parameters symbol min typ max units input leakage current (note 13) i in --10 a input capacitance - 8 - pf high-level input voltage serial i/o control i/o v ih v ih 70% 70% - - - - v ls v lc low-level input voltage serial i/o control i/o v il v il - - - - 30% 30% v ls v lc high-level output voltage (i oh = -1.2 ma) control i/o v oh 80% - - v lc low-level output voltage (i ol = 1.2 ma) control i/o v ol --20%v lc maximum mutec drive current i max -3-ma mutec high-level output voltage v oh -va-v mutec low-level output voltage v ol -0-v
cs4382a 12 ds618a1 switching charact eristics - pcm ( inputs: logic 0 = gnd, logic 1 = vls, c l = 30 pf) notes: 14. after powering up, rst should be held low until after the power supplies and clocks are settled. 15. see table 1 on page 18 for suggested mclk frequencies. parameters symbol min max units rst pin low pulse width (note 14) 1-ms mclk frequency 1.024 55.2 mhz mclk duty cycle (note 15) 45 55 % input sample rate - lrck single-speed mode double-speed mode quad-speed mode f s f s f s 4 50 100 54 108 216 khz khz khz lrck duty cycle 45 55 % sclk duty cycle 45 55 % sclk high time t sckh 8-ns sclk low time t sckl 8-ns lrck edge to sclk rising edge t lcks 5-ns sdin setup time before sclk rising edge t ds 3-ns sdin hold time after sclk rising edge t dh 5-ns sdinx t ds sclk lrck msb t dh t sckh t sckl t lcks msb-1 figure 1. serial audio interface timing
cs4382a ds618a1 13 switching charact eristics - dsd (logic 0 = agnd = dgnd; logic 1 = vls; c l =20pf) parameter symbol min typ max unit mclk duty cycle 40 - 60 % dsd_sclk pulse width low t sclkl 160 - - ns dsd_sclk pulse width high t sclkh 160 - - ns dsd_sclk frequency (64x oversampled) (128x oversampled) 1.024 2.048 - - 3.2 6.4 mhz mhz dsd_a / _b valid to dsd_sclk rising setup time t sdlrs 20 - - ns dsd_sclk rising to dsd_a or dsd_b hold time t sdh 20 - - ns sclkh t sclkl t dsdxx dsd_sclk sdlrs t sdh t figure 2. direct stream digi tal - serial audio input timing
cs4382a 14 ds618a1 switching characteristics - control port - i 2 c format (inputs: logic 0 = gnd, logic 1 = vlc, c l =30pf) notes: 16. data must be held for sufficient time to brid ge the transition time, t fc , of scl. parameter symbol min max unit scl clock frequency f scl - 100 khz rst rising edge to start t irs 500 - ns bus free time between transmissions t buf 4.7 - s start condition hold time (prior to first clock pulse) t hdst 4.0 - s clock low time t low 4.7 - s clock high time t high 4.0 - s setup time for repeated start condition t sust 4.7 - s sda hold time from scl falling (note 16) t hdd 0-s sda setup time to scl rising t sud 250 - ns rise time of scl and sda t rc , t rc -1s fall time scl and sda t fc , t fc -300ns setup time for stop condition t susp 4.7 - s acknowledge delay from scl falling t ack 300 1000 ns t buf t hdst t hdst t low t r t f t hdd t high t sud t sust t susp stop s ta rt start stop repeated sda scl t irs rst figure 3. control port timing - i 2 c format
cs4382a ds618a1 15 switching characteristics - control port - spi ? format (inputs: logic 0 = gnd, logic 1 = vlc, c l =30pf) notes: 17. t spi only needed before first falling edge of cs after rst rising edge. t spi = 0 at all other times. 18. data must be held for sufficient time to bridge the transition time of cclk. 19. for f sck < 1 mhz. parameter symbol min max unit cclk clock frequency f sclk -6mhz rst rising edge to cs falling t srs 500 - ns cclk edge to cs falling (note 17) t spi 500 - ns cs high time between transmissions t csh 1.0 - s cs falling to cclk edge t css 20 - ns cclk low time t scl 66 - ns cclk high time t sch 66 - ns cdin to cclk rising setup time t dsu 40 - ns cclk rising to data hold time (note 18) t dh 15 - ns rise time of cclk and cdin (note 19) t r2 -100ns fall time of cclk and cdin (note 19) t f2 -100ns t r2 t f2 t dsu t dh t sch t scl cs cclk cdin t css t csh t spi t srs rst figure 4. control po rt timing - spi format
cs4382a 16 ds618a1 digital audio source vls mclk vd aouta1+ 8 32 0.1 f + 1 f +2.5 v sdin1 9 1 f 0.1 f + + 20 21 filt+ vq 7 6 lrck sclk sdin3 sdin2 39 40 0.1 f 47 f va 0.1 f + 1 f 0.1 f +1.8 v to +5 v +5 v 4 43 sdin4 13 14 analog conditioning and muting aouta1- aoutb1+ 38 37 analog conditioning and muting aoutb1- aouta2+ 35 36 analog conditioning and muting aouta2- aoutb2+ 34 33 analog conditioning and muting aoutb2- aouta3+ 29 30 analog conditioning and muting aouta3- aoutb3+ 28 27 analog conditioning and muting aoutb3- aouta4+ 25 26 analog conditioning and muting aouta4- aoutb4+ 24 23 analog conditioning and muting aoutb4- mutec1 41 22 mute drive mutec234 11 pcm 31 gnd gnd 5 micro- controller vlc 0.1 f +1.8 v to +5 v 18 dsd audio source 2 48 dsdb2 3 42 dsd_sclk dsda1 dsdb3 dsda3 dsda4 dsdb1 dsda2 46 45 47 1 44 dsdb4 16 15 scl/cclk sda/cdin ado/cs rst 19 17 2 k ? 2 k ? note: necessary for i 2 c control port operation note* cs4382a tst* note tst : pins 10 and 12 figure 5. typical connection diagram, software mode
cs4382a ds618a1 17 digital audio source vls cs4382a mclk vd aouta1+ 8 32 0.1 f + 1 f +2.5 v sdin1 9 1 f 0.1 f + + 20 21 filt+ vq 7 6 lrck sclk sdin3 sdin2 39 40 0.1 f 47 f va 0.1 f + 1 f 0.1 f +1.8 v to +5 v +5 v 4 43 sdin4 13 14 analog conditioning and muting aouta1- aoutb1+ 38 37 analog conditioning and muting aoutb1- aouta2+ 35 36 analog conditioning and muting aouta2- aoutb2+ 34 33 analog conditioning and muting aoutb2- aouta3+ 29 30 analog conditioning and muting aouta3- aoutb3+ 28 27 analog conditioning and muting aoutb3- aouta4+ 25 26 analog conditioning and muting aouta4- aoutb4+ 24 23 analog conditioning and muting aoutb4- mutec234 22 41 mute drive mutec1 11 pcm 31 gnd gnd 5 stand-alone mode configuration vlc 0.1 f +1.8 v to +5 v 18 dsd audio source 2 48 dsdb2 3 42 m3(dsd_sclk) dsda1 dsdb3 dsda3 dsda4 dsdb1 dsda2 46 45 47 1 44 dsdb4 16 15 m2 m1 m0 rst 19 17 47 k ? vls note dsd note dsd : for dsd operation: 1) lrck must be tied to vls and remain static high. 2) m3 pcm stand-alone configuration pin becomes dsd_sclk mute drive 47 k ? note dsd optional tst 10, 12 figure 6. typical connect ion diagram, hardware mode
cs4382a 18 ds618a1 3. applications the cs4382a serially accepts twos complem ent formatted pcm data at standard audio sample rates including 48, 44.1 and 32 kh z in ssm, 96, 88.2 and 64 khz in dsm, and 192, 176.4 and 128 khz in qsm. audio data is inpu t via the serial data input pins (sdinx). the left/right clock (lrck) determines which channel is currently being input on sd inx, and the serial clock (sclk) clocks audio data into the input data buffer. the cs4382a can be configured in hardware mode by the m0, m1, m2 , m3 and dsd_en pins and in software mode through i 2 c or spi. 3.1 master clock mclk/lrck must be an integer ra tio as shown in table 1. the lr ck frequency is equal to fs, the frequency at which words fo r each channel are input to the device. the mclk-to-lrck fre- quency ratio is detected automatic ally during the initialization sequence by counting the number of mclk transitions duri ng a single lrck period. internal di viders are then set to generate the proper internal clocks. table 1 illustrates several standard audio sample rates and the required mclk and lrck frequencies. please note there is no required phase relationship, but mclk, lrck and sclk must be synchronous. 3.2 mode select in hardware mode operation is determined by the m ode select pins. the st ate of these pins are continually scanned for any changes. these pins require connection to supply or ground as out- lined in figure 6. for m0, m1, m2 supply is vlc and for m3 and dsd_en supply is vls. tables 2 - 4 show the decode of these pins. in software mode the operational mode and data fo rmat are set in the fm and dif registers. see ?register de scription? on page 32. *note: these modes are only available in software mode by setting the mclkdiv bit = 1. speed mode (sample-rate range) sample rate (khz) mclk (mhz) software mode only mclk ratio 256x 384x 512x 768x 1024x* single speed (4 to 50 khz) 32 8.1920 12.2880 16.3840 24.5760 32.7680 44.1 11.2896 16.9344 22.5792 33.8688 45.1584 48 12.2880 18.4320 24.5760 36.8640 49.1520 mclk ratio 128x 192x 256x 384x 512x* double speed (50 to 100 khz) 64 8.1920 12.2880 16.3840 24.5760 32.7680 88.2 11.2896 16.9344 22.5792 33.8688 45.1584 96 12.2880 18.4320 24.5760 36.8640 49.1520 mclk ratio 64x 96x 128x 192x 256x* quad speed (100 to 200 khz) 176.4 11.2896 16.9344 22.5792 33.8688 45.1584 192 12.2880 18.4320 24.5760 36.8640 49.1520 table 1. common clock frequencies
cs4382a ds618a1 19 m1 (dif1) m0 (dif0) description format figure 00 left justified, up to 24-bit data 033 01 i 2 s, up to 24-bit data 134 10 right justified, 16-bit data 235 11 right justified, 24-bit data 336 table 2. digital interface for mat, stand-alone mode options m3 m2 (dem) description 00 single-speed without de-emphasis (4 to 50 khz sample rates) 01 single-speed with 44.1khz de-emphasis; see figure 13 10 double-speed (50 to 100 khz sample rates) 11 quad-speed (100 to 200 khz sample rates) table 3. mode selection, stand-alone mode options dsd_en (lrck) m2 m1 m0 description 1 000 64x oversampled dsd data with a 4x mclk to dsd data rate 1 001 64x oversampled dsd data with a 6x mclk to dsd data rate 1 010 64x oversampled dsd data with a 8x mclk to dsd data rate 1 011 64x oversampled dsd data with a 12x mclk to dsd data rate 1 100 128x oversampled dsd data with a 2x mclk to dsd data rate 1 101 128x oversampled dsd data with a 3x mclk to dsd data rate 1 110 128x oversampled dsd data with a 4x mclk to dsd data rate 1 111 128x oversampled dsd data with a 6x mclk to dsd data rate table 4. direct stream digital (dsd), stand-alone mode options
cs4382a 20 ds618a1 3.3 digital interface formats the serial port operates as a slave and supports the i2s, lef t-justified, and right-justified digital interface formats with varying bit depths from 16 to 24 as shown in figures 7-12. data is clocked into the dac on the rising edge. lrck sclk left channel right channel sdinx +3 +2 +1 +5 +4 -1 -2 -3 -4 -5 +3 +2 +1 +5 +4 -1 -2 -3 -4 msb lsb msb lsb figure 7. format 0 - left justified up to 24-bit data lrck sclk left channel right channel sdinx +3 +2 +1 +5 +4 -1 -2 -3 -4 -5 +3 +2 +1 +5 +4 -1 -2 -3 -4 msb msb lsb lsb figure 8. format 1 - i 2 s up to 24-bit data lrck sclk left channel right channel sdinx 6543210 987 15 14 13 12 11 10 6543210 987 15 14 13 12 11 10 32 clocks figure 9. format 2 - right justified 16-bit data lrck sclk left channel sdinx 6543210 7 23 22 21 20 19 18 6543210 7 23 22 21 20 19 18 32 clocks 0 right channel figure 10. format 3 - right justified 24-bit data
cs4382a ds618a1 21 3.4 oversampling modes the cs4382a operates in one of three ov ersampling modes based on the input sample rate. mode selection is determined by the dsd_en, m3 and m2 pins in hardware mode or the fm bits in software mode. singl e-speed mode suppor ts input sample rates up to 50 khz and uses a 128x oversampling ratio. double- speed mode supports input sample rates up to 100 khz and uses an oversampling ratio of 64x. quad-speed mode supports input samp le rates up to 200 khz and uses an oversampling ratio of 32x. 3.5 interpolation filter to accommodate the increasingl y complex requirement s of digital audio systems, the cs4382a incorporates selectable in terpolation filters for eac h mode of operation. a ?f ast? and a ?slow? roll- off filter is available in each of single, double, and quad speed modes. these filters have been designed to accommodate a variety of musical tastes and styl es. the filt_sel bit is used to select which filter is used (see the register description section for more details). when in hardware mode, only the ?fas t? roll-off filter is available. filter specifications can be found in section 2, and filter response plot s can be found in figures 19 to 42. lrck sclk left channel right channel sdinx 6543210 987 15 14 13 12 11 10 10 6543210 987 15 14 13 12 11 10 17 16 17 16 32 clocks 19 18 19 18 figure 11. format 4 - right justified 20-bit data lrck sclk left channel right channel sdinx 6543210 987 15 14 13 12 11 10 10 6543210 987 15 14 13 12 11 10 17 16 17 16 32 clocks figure 12. format 5 - right justified 18-bit data
cs4382a 22 ds618a1 3.6 de-emphasis the cs4382a includes on-chi p digital de-emphasis filters. th e de-emphasis feature is included to accommodate older audio record ings that utilize pre-emphasis equalization as a means of noise reduction. figure 13 show s the de-emphasis curve. the fr equency response of the de-em- phasis curve will scale propo rtionally with changes in sample rate, fs if the input sample rate does not match the coefficient which has been selected. in software mode the r equired de-emphasis filter coefficient s for 32 khz, 44.1 khz, or 48 khz are selected via the de-em phasis control bits. in hardware mode only the 44.1 khz coefficient is available (enabl ed through the m2 pin). if the input sample rate is not 44.1 khz and de-empha sis has been selected th en the corner frequen- cies of the de-emphasis filter will be scaled by a factor of the actual fs over 44,100. gain db -10db 0db frequency t2 = 15 s t1=50 s f1 f2 3.183 khz 10.61 khz figure 13. de-emphasis curve
cs4382a ds618a1 23 3.7 atapi specification the cs4382a implements the channel mixing functions of the at api cd-rom specification. the atapi functions are applied per a-b pair. refer to table 7 on page 38 and figure 14 for ad- ditional information. 3.8 direct stream digital (dsd) mode in stand-alone mode, ds d operation is selected by holdi ng dsd_en(lrck) high and applying the dsd data and clocks to the appropriate pins. th e m[2:0] pins set the expected dsd rate and mclk ratio. in control-port mode t he fm bits set t he device into dsd mode (dsd _en pin is not required to be held high). the dif register then controls the expecte d dsd rate and mclk ratio. during dsd operation, the pcm re lated pins should either be tied low or remain active with clocks (except lrck in stand-alone mode). when the dsd relat ed pins are not being used they should either be tied static low, or remain active with clocks (except m3 in stand-alone mode). ? a channel volume control aout ax aoutbx left chan nel audio d ata right chan nel audio d ata bchannel volume control mute mute sdinx figure 14. atapi bloc k diagram (x = channel pair 1, 2, 3, or 4)
cs4382a 24 ds618a1 3.9 grounding and power supply arrangements as with any high resolution converter, the cs 4382a requires careful att ention to power supply and grounding arrangements if its pot ential performance is to be realized. the typical connec- tion diagram shows the recomm ended power arrangements, with va, vd, vlc, and vls con- nected to clean supplies. if the ground planes are split between digital ground and analog ground, the gnd pins of the cs4382a should be connected to the a nalog ground plane. all signals, especially clocks, s hould be kept away from the filt+ and vq pins in order to avoid unwanted coupling into the dac. 3.9.1 capacitor placement decoupling capacitors should be placed as close to the dac as possible, with the low val- ue ceramic capacitor being the cl osest. to further minimize impedance, these capacitors should be located on the same layer as the da c. if desired, all supply pins with similar voltage ratings may be connected to the same supply, but a decoupli ng capacitor should still be placed on ea ch supply pin. note: all decoupling capacitors should be referenced to analog ground. the cdb4382a evaluation board demonstrates the optimum lay out and power supply ar- rangements. 3.10 analog output and filtering the application note ?design notes for a 2-pole filter with differ ential input? discusses the sec- ond-order butterworth filter and differential to singl e-ended converter whic h was implemented on the cs4382a evaluation board, cdb4382a evaluation board, as seen in figure 16. the cs4382a does not include phase or amplitude compen sation for an external filter. therefore, the dac system phase and amplitude response will be dependent on the external analog circuitry. the off-chip filter has been designed to at tenuate the typical full-sca le output level to below 2vrms. figure 15 shows how the full-sca le differential analog output le vel specificatio n is derived.
cs4382a ds618a1 25 3.11 mute control the mute control pins go active during power-up initialization, re set, muting, or if the mclk to lrck ratio is incorrect. these pins are intended to be used as c ontrol for external mute circuits to prevent the cli cks and pops that can occur in any single-ended single supply system. use of the mute control function is not ma ndatory but recommended for designs requiring the absolute minimum in extraneous clicks and pops. also , use of the mute control function can en- able the system designer to achieve idle channel noise/signal-to-noi se ratios which are only lim- ited by the external mute ci rcuit. please see th e cdb4382a data sheet for a suggested mute circuit. aout+ aout- full-scale output level= (aout+) - (aout-)= 6.7 vpp 3.85 v 2.5 v 1.15 v 3.85 v 2.5 v 1.15 v figure 15. full-scale output figure 16. recommended output filter
cs4382a 26 ds618a1 3.12 recommended power-up sequence 3.12.1 hardware mode 1. hold rst low until the power suppl ies and configuration pins are stable, and the master and left/right clocks are locked to the appropriate frequencies, as discussed in section 3.1. in this state, the registers ar e reset to the default settings , filt+ will remain low, and vq will be connected to va/2. if rst can not be held low long enough the sdinx pins should remain static low until all other clocks are stable, and if possible the rst should be toggled lo w again once the sys- tem is stable. 2. bring rst high. the device wil l remain in a low power state with filt+ low and will ini- tiate the hardware power-up sequence after approximately 512 lrck cycles in single- speed mode (1024 lrck cycles in double-speed mode, and 2048 lrck cycles in quad- speed mode). 3.12.2 software mode 1. hold rst low until the power supply is stable, and the master and lef t/right clocks are locked to the appropriate frequenc ies, as discussed in section 3. 1. in this st ate, the regis- ters are reset to the default settings, filt+ will remain lo w, and vq will be connected to va/2. 2. bring rst high. the device will remain in a lo w power state with filt+ low for 512 lrck cycles in single-speed mode (1024 lrck cycles in double- speed mode, and 2048 lrck cycles in quad-speed mode). 3. in order to reduce the chanc es of clicks and pops, perform a write to the cp_en bit prior to the completion of approximately 512 l rck cycles in single -speed mode (1024 lrck cycles in double-speed mode, and 2048 lrck cycles in quad-s peed mode). the de- sired register settings can be loaded while keeping the pdn bit set to 1. set the rmp_up and rmp_dn bits to 1, then set the format and mode control bits to the desired settings. if more than the stated number of lrck cycles passes befo re cpen bit is written then the chip will enter hardware mode and begin to oper ate with the m0-m3 as the mode settings. cpen bit may be writt en at anytime, even after the hardwa re sequence has begun. it is advised that if the cpen bit can not be set in time then t he sdinx pins should remain stat- ic low (this way no audio data can be convert ed incorrectly by the hardware mode set- tings). 4. set the pdn bit to 0. this will initiate the power-up s equence, which lasts approximately 50 s. 3.13 recommended procedure for switching op erational modes for systems where the absolute mini mum in clicks and pops is requi red, it is recommended that the mute bits are set prior to changing significant dac func tions (such as changing sample
cs4382a ds618a1 27 rates or clock sources). the mu te bits may then be released afte r clocks have settled and the proper modes have been set. it is required to have t he device held in reset if the minimum high/low ti me specs of mclk can not be met during cl ock source changes. 3.14 control port interface the control port is used to load al l the internal register settings in order to operate in software mode (see section 5). the operat ion of the control port may be completely asynchronous with the audio sample rate. however, to avoid potential interference problems, the control port pins should remain static if no operation is required. the control port operates in one of two modes: i 2 c or spi. 3.14.1 map auto increment the device has map (memory address pointer) aut o increment capabili ty enabled by the incr bit (also the msb) of the map. if incr is set to 0, map will stay constant for suc- cessive i 2 c writes or reads and spi wr ites. if incr is set to 1, map will auto increment after each byte is written, allowing block reads or writ es of successive registers. 3.14.2 i 2 c mode in the i 2 c mode, data is clocked into and out of the bi-directiona l serial control data line, sda, by the serial control por t clock, scl (see figure 17 for t he clock to data relationship). there is no cs pin. pin ad0 enables the user to alter the chip address (001100[ad0][r/w ]) and should be tied to vlc or gn d as required, before powering up the device. if the device ever detects a high to low transition on the ad0/cs pin after pow- er-up, spi mode will be selected. 3.14.2.1 i 2 c write to write to the device, fo llow the procedure below while adhering to the control port switching specificati ons in section 2. 1) initiate a start condition to the i 2 c bus followed by the address byte. the upper 6 bits must be 001100. the se venth bit must match the sett ing of the ad0 pin, and the eighth must be 0. the eighth bit of the address by te is the r/w bit. 2) wait for an acknowledge (ack) from the part, then write to t he memory address pointer, map. this byte points to the register to be written. 3) wait for an acknowledge (a ck) from the part, then write the desire d data to the reg- ister pointed to by the map. 4) if the incr bit (s ee section 3.14.1) is set to 1, r epeat the previous step until all the desired registers are writt en, then initiate a stop condition to the bus. 5) if the incr bit is set to 0 and further i 2 c writes to other regist ers are desi red, it is necessary to initiate a repeated start condition and follow the procedure detailed
cs4382a 28 ds618a1 from step 1. if no further writ es to other register s are desired, initiate a stop condition to the bus. 3.14.2.2 i 2 c read to read from the device, foll ow the procedure bel ow while adhering to the control port switching specifications. 1) initiate a start condition to the i 2 c bus followed by th e address byte. the upper 6 bits must be 001100. the se venth bit must match the sett ing of the ad0 pin, and the eighth must be 1. the eighth bit of the address by te is the r/w bit. 2) after transmitting an ackno wledge (ack), the device will then transmit the contents of the register pointed to by the map. the ma p register will contain the address of the last register written to the map, or the default address (s ee section 3.14.1) if an i 2 c read is the first operation perform ed on the device. 3) once the device has trans mitted the contents of the r egister pointed to by the map, issue an ack. 4) if the incr bit is set to 1, the device will continue to transmit the contents of succes- sive registers. conti nue providing a clock and issue an ack after each byte until all the desired registers are read, then initiate a stop condition to the bus. 5) if the incr bit is set to 0 and further i 2 c reads from other regist ers are desired, it is necessary to initiate a repeated start condition and follow the procedure detailed from steps 1 a nd 2 from the i 2 c write instructions foll owed by step 1 of the i 2 c read section. if no further reads from other registers are desired , initiate a stop condition to the bus. sda scl 001100 addr ad0 r/w start ack data 1-8 ack data 1-8 ack stop note: if operation is a write, this byte contains the memory address pointer, map. note 1 figure 17. control port timing, i 2 c mode
cs4382a ds618a1 29 3.14.3 spi ? mode in spi mode, data is clocked into the serial control dat a line, cdin, by the serial control port clock, cclk (see figure 18 fo r the clock to data relationsh ip). there is no ad0 pin. pin cs is the chip select signal and is used to control spi writes to the control port. when the device detects a high to low transition on the ad0/cs pin after power-up, spi mode will be selected. all si gnals are inputs and data is clocked in on the rising edge of cclk. 3.14.3.1 spi write to write to the device, fo llow the procedure below while adhering to the control port switching specifications in section 2. 1) bring cs low. 2) the address byte on the cd in pin must then be 00110000. 3) write to the memory address pointer, ma p. this byte points to the register to be writ- ten. 4) write the desired data to the register pointed to by the map. 5) if the incr bit (s ee section 3.14.1) is set to 1, r epeat the previous step until all the desired registers are wr itten, then bring cs high. 6) if the incr bit is set to 0 and further sp i writes to other regi sters are desired, it is necessary to bring cs high, and follow the procedure detaile d from step 1. if no further writes to other regist ers are desired, bring cs high. map msb lsb data byte 1 byte n r/w map = memory address pointer address chip cdin cclk cs 0011000 figure 18. control po rt timing, spi mode
cs4382a 30 ds618a1 3.15 memory address pointer (map) 3.15.1 incr (auto map increment enable) default = ?0? 0 - disabled 1 - enabled 3.15.2 map4-0 (memory address pointer) default = ?00000? 76543210 incr reserved reserved map4 map3 map2 map1 map0 00000000
cs4382a ds618a1 31 4. register quick reference addr function 7 6 5 4 3 2 1 0 01h mode control 1 cpen freeze mclkdiv dac4_dis dac3_dis dac2_dis dac1_dis pdn default 00 0 00001 02h mode control 2 reserved dif2 dif1 dif 0 reserved reserved reserved reserved default 00000000 03h mode control 3 szc1 szc0 snglvol rmp_up mutec+/- amute reserved mutec default 10000100 04h filter control reserved reserved reserved filt_sel reserved dem1 dem0 rmp_dn default 00000000 05h invert control inv_b4 inv_a4 inv_b3 inv_a3 inv_b2 inv_a2 inv_b1 inv_a1 default 00000000 06h mixing control pair 1 (aoutx1) p1_a=b p1atapi4 p1atapi3 p1atapi2 p1atapi1 p1atapi0 fm1 fm0 default 00100100 07h vol. control a1 a1_mute a1_vol6 a1_vol5 a1_vol4 a1_vol3 a1_vol2 a1_vol1 a1_vol0 default 00000000 08h vol. control b1 b1_mute b1_vol6 b1_vol5 b1_vol4 b1_vol3 b1_vol2 b1_vol1 b1_vol0 default 00000000 09h mixing control pair 2 (aoutx2) p2_a=b p2atapi4 p2atapi3 p2atapi2 p2atapi1 p2atapi0 reserved reserved default 00100100 0ah vol. control a2 a2_mute a2_vol6 a2_vol5 a2_vol4 a2_vol3 a2_vol2 a2_vol1 a2_vol0 default 00000000 0bh vol. control b2 b2_mute b2_vol6 b2_vol5 b2_vol4 b2_vol3 b2_vol2 b2_vol1 b2_vol0 default 00000000 0ch mixing control pair 3 (aoutx3) p3_a=b p3atapi4 p3atapi3 p3atapi2 p3atapi1 p3atapi0 reserved reserved default 00100100 0dh vol. control a3 a3_mute a3_vol6 a3_vol5 a3_vol4 a3_vol3 a3_vol2 a3_vol1 a3_vol0 default 00000000 0eh vol. control b3 b3_mute b3_vol6 b3_vol5 b3_vol4 b3_vol3 b3_vol2 b3_vol1 b3_vol0 default 00000000 0fh mixing control pair 4 (aoutx4) p4_a=b p4atapi4 p4atapi4 p4atapi2 p4atapi1 p4atapi0 reserved reserved default 00100100 10h vol. control a4 a4_mute a4_vol6 a4_vol5 a4_vol4 a4_vol3 a4_vol2 a4_vol1 a4_vol0 default 00000000 11h vol. control b4 b4_mute b4_vol6 b4_vol5 b4_vol4 b4_vol3 b4_vol2 b4_vol1 b4_vol0 default 00000000 12h chip revision part4 part3 part2 part1 part0 rev rev rev default 01110 x x x
cs4382a 32 ds618a1 5. register description note: all registers are read/write in i 2 c mode and write only in spi, unless otherwise noted. 5.1 mode control 1 (address 01h) 5.1.1 control port enable (cpen) default = 0 0 - disabled 1 - enabled function : this bit defaults to 0, allowing the device to power-up in stand-alone mode. the control port mode can be accessed by setting this bit to 1. this will allow the operation of the device to be controlled by the registers and the pin definitions will conform to control port mode. to accomplish a clean power- up, the user should write this bit within 10 ms following the release of reset. 5.1.2 freeze controls (freeze) default = 0 0 - disabled 1 - enabled function: this function allows modifications to be made to the registers without the changes taking effect until the freeze is disabled. to make mu ltiple changes in the control port registers take effect simulta- neously, enable the freeze bit, make all register changes, then disable the freeze bit. 5.1.3 master clock divide enable (mclkdiv) default = 0 0 - disabled 1 - enabled function: the mclkdiv bit enables a circuit wh ich divides the externally applied mclk signal by 2 prior to all other internal circuitry. 76543210 cpen freeze mclkdiv dac4_dis dac3_dis dac2_dis dac1_dis pdn 00 0 00001
cs4382a ds618a1 33 5.1.4 dac pair disable (dacx_dis) default = 0 0 - enabled 1 - disabled function: when enabled the respective dac channel pair x (aoutax and aoutbx) will re main in a reset state. it is advised that changes to these bits be made wh ile the power down bit is enabled to eliminate the possibility of audible artifacts. 5.1.5 power down (pdn) default = 1 0 - disabled 1 - enabled function: the entire device will enter a low-power state when th is function is enabled, and the conten ts of the control registers are retained in this mode. the power-down bit defaults to ?enabled? on power-up and must be disabled before normal operation in control port mode can occur. 5.2 mode control 2 (address 02h) 5.2.1 digital interface format (dif) default = 000 - format 0 ( left justified, up to 24-bit data ) function: these bits select the interface form at for the serial audio input. the functional mode bits determine whether pcm or dsd mode is selected. pcm mode: the required relationship between the left/right clock, serial clock and serial data is defined by the digital interface format and the options are detailed in figures 7-12. 76543210 reserved dif2 dif1 dif0 reserved reserved reserved reserved 00000000 dif2 dif1 dif0 description format figure 000 left justified, up to 24-bit data 07 001 i 2 s, up to 24-bit data 18 010 right justified, 16-bit data 29 011 right justified, 24-bit data 310 100 right justified, 20-bit data 411 101 right justified, 18-bit data 512 110 reserved - 111 reserved - table 5. digital interface formats - pcm mode
cs4382a 34 ds618a1 dsd mode: the relationship between the oversampling ratio of the dsd audio data and the required master clock to dsd data rate is defin ed by the digital interface format pins. 5.3 mode control 3 (address 03h) 5.3.1 soft ramp and zero cross control (szc) default = 10 00 - immediate change 01 - zero cross 10 - soft ramp 11 - soft ramp on zero crossings function: immediate change when immediate change is select ed all level changes will take ef fect immediately in one step. zero cross zero cross enable dictates that signal level changes, either by attenuation changes or muting, will occur on a signal zero crossing to minimize audi ble artifacts. the request ed level change will occur after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 khz sample rate) if the signal does not encounter a zero cros sing. the zero cross function is independently mon- itored and implemented for each channel. soft ramp soft ramp allows level changes, both muting and a ttenuation, to be implemented by incrementally ramping, in 1/8 db steps, from the current level to th e new level at a rate of 1 db per 8 left/right clock periods. soft ramp on zero crossing soft ramp and zero cross enable dictates that sign al level changes, either by attenuation changes or muting, will occur in 1/8 db steps and be implement ed on a signal zero cr ossing. the 1/8 db level change will occur after a ti meout period between 512 and 1024 samp le periods (10.7 ms to 21.3 ms dif2 dif1 difo description 0 0 0 64x oversampled dsd data with a 4x mclk to dsd data rate 0 0 1 64x oversampled dsd data with a 6x mclk to dsd data rate 0 1 0 64x oversampled dsd data with a 8x mclk to dsd data rate 0 1 1 64x oversampled dsd data with a 12x mclk to dsd data rate 1 0 0 128x oversampled dsd data with a 2x mclk to dsd data rate 1 0 1 128x oversampled dsd data with a 3x mclk to dsd data rate 1 1 0 128x oversampled dsd data with a 4x mclk to dsd data rate 1 1 1 128x oversampled dsd data with a 6x mclk to dsd data rate table 6. digital interface formats - dsd mode 76543210 szc1 szc0 snglvol rmp_up mutec+/- amute reserved mutec 10000100
cs4382a ds618a1 35 at 48 khz sample rate) if the signal does not enco unter a zero crossing. the zero cross function is independently monitored and implemented for each channel. 5.3.2 single volume control (snglvol) default = 0 0 - disabled 1 - enabled function: the individual channel volume levels are independent ly controlled by their re spective volume control bytes when this function is disabled. the volume on all channels is determined by the a1 channel volume control byte, and the other volume control by tes are ignored when this function is enabled. 5.3.3 soft volume ramp-up after error (rmp_up) default = 0 0 - disabled 1 - enabled function: an un-mute will be perfor med after executing a f ilter mode change, after a lrck/mclk ratio change or error, and after changing the functional mode. when this feature is enabled, this un-mute is af- fected, similarly to attenuation changes, by the so ft and zero cross bits in the mode control 3 regis- ter. when disabled, an immediate un-mute is performed in these instances. note: for best results, it is re commended that this feature be used in conjunction with the rmp_dn bit. 5.3.4 mutec polarity (mutec+/-) default = 0 0 - active high 1 - active low function: the active polarity of the mutec pin(s) is determin ed by this register. when set to 0 (default) the mutec pins are high when active. when set to 1 the mutec pin(s) are low when active. note: when the on board mute circuitry is design ed for active low, the mutec outputs will be high (un-muted) for the period of time during reset and before this bit is enabled to 1.
cs4382a 36 ds618a1 5.3.5 auto-mute (amute) default = 1 0 - disabled 1 - enabled function: the digital-to-analog converter out put will mute following the recept ion of 8192 consecutive audio samples of static 0 or -1. a single sample of non-static data will release the mute. detection and muting is done in dependently for each channel. the quiescent voltage on the ou tput will be retained and the mute control pin will go acti ve during the mute period. the muti ng function is affected, similar to volume control changes, by the soft and zero cross bits in the mode control 3 register. 5.3.6 mutec pin control(mutec) default = 0 0 - two mute control signals 1 - single mute control signal on mutec1 function: selects how the internal mute signals are routed to the mutec1 and mutec234 pins. when set to ?0?, a logical and of dac pair 1 mute control sign als are output on mutec1 and a logical and of the mute control signals of dac pairs 2, 3, and 4 are output on mutec234. when set to ?1?, a logical and of all dac pair mute cont rol signals is output on the mutec1 pin, mutec234 will remain static. for more information on the use of the mute control function see the mutec1 and mutec234 pins in section 8. 5.4 filter control (address 04h) 5.4.1 interpolation filter select (filt_sel) default = 0 0 - fast roll-off 1 - slow roll-off function : this function allows the user to select whether the interpolation filter has a fa st or slow roll off. for filter characteristics please see section 2. 76543210 reserved reserved reserved filt_sel reserved dem1 dem0 rmp_dn 00000000
cs4382a ds618a1 37 5.4.2 de-emphasis control (dem) default = 00 00 - disabled 01 - 44.1 khz 10 - 48 khz 11 - 32 khz function: selects the appropriate digital filter to maintain the standard 15 s/50 s digital de-emphasis filter re- sponse at 32, 44.1 or 48 khz sample rates. (see figure 13) de-emphasis is only available in single speed mode. 5.4.3 soft ramp-down before filter mode change (rmp_dn) default = 0 0 - disabled 1 - enabled function: a mute will be performed prior to exec uting a filter mode cha nge. when this feat ure is enabled, this mute is affected, similarly to attenuation changes, by the soft and zero cross bits in the mode control 3 register. when disabled, an immediate mute is pe rformed prior to executing a filter mode change. note: for best results, it is reco mmended that this feature be used in conjunction with the rmp_up bit. 5.5 invert control (address 05h) 5.5.1 invert signal polarity (inv_xx) default = 0 0 - disabled 1 - enabled function: when enabled, these bits will invert the sign al polarity of their respective channels. 76543210 inv_b4 inv_a4 inv_b3 inv_a3 inv_b2 inv_a2 inv_b1 inv_a1 00000000
cs4382a 38 ds618a1 5.6 mixing control pa ir 1 (channels a1 & b1)(address 06h) mixing control pair 2 (channels a2 & b2)(address 09h) mixing control pair 3 (channels a3 & b3)(address 0ch) mixing control pair 4 (channels a4 & b4)(address 0fh) 5.6.1 channel a volume = channel b volume (a=b) default = 0 0 - disabled 1 - enabled function: the aoutax and aoutbx volume levels are indepe ndently controlled by the a and the b channel vol- ume control bytes when this functi on is disabled. the volume on both aoutax and aoutbx are deter- mined by the a channel attenuation and volume cont rol bytes (per a-b pair), and the b channel bytes are ignored when this function is enabled. 5.6.2 atapi channel mixing and muting (atapi) default = 01001 - aoutax=al, aoutbx=br (stereo) function: the cs4382a implements the channel mixing functi ons of the atapi cd-rom s pecification. the atapi functions are applied per a-b pair. refer to table 7 and figure 14 for additional information. 76543210 px_a=b pxatapi4 pxatapi3 pxatapi2 pxatapi1 pxatapi0 pxfm1 pxfm0 00100100 atapi4 atapi3 atapi2 atapi1 atapi0 aoutax aoutbx 00000 mute mute 00001 mute br 00010 mute bl 00011 mute b[(l+r)/2] 00100 ar mute 00101 ar br 00110 ar bl 00111 ar b[(l+r)/2] 01000 al mute 01001 al br 01010 al bl 01011 al b[(l+r)/2] 01100 a[(l+r)/2] mute 01101 a[(l+r)/2] br 01110 a[(l+r)/2] bl 01111 a[(l+r)/2] b[(l+r)/2] table 7. atapi decode
cs4382a ds618a1 39 5.6.3 functional mode (fm) default = 00 00 - single-speed mode (4 to 50 khz sample rates) 01 - double-speed mode (50 to 100 khz sample rates) 10 - quad-speed mode (100 to 200 khz sample rates) 11 - direct stream digital mode function: selects the required range of input sample rates or dsd mode. all dac pairs are required to be set to the same functional mode setting before a spee d mode change is accepted. when dsd mode is selected for any c hannel pair then all pairs will switch to dsd mode. 5.7 volume control (addresses 07h , 08h, 0ah, 0bh, 0dh, 0eh) notes: these eight registers provide individual volu me and mute control for each of the eight channels. the values for ?xx? in the bit fields above are as follows: register address 07h - xx = a1 register address 08h - xx = b1 register address 0ah - xx = a2 register address 0bh - xx = b2 register address 0dh - xx = a3 register address 0eh - xx = b3 register address 10h - xx = a4 register address 11h - xx = b4 10000 mute mute 10001 mute br 10010 mute bl 10011 mute [(al+br)/2] 10100 ar mute 10101 ar br 10110 ar bl 10111 ar [(bl+ar)/2] 11000 al mute 11001 al br 11010 al bl 11011 al [(al+br)/2] 11100 [(al+br)/2] mute 11101 [(al+br)/2] br 11110 [(bl+ar)/2] bl 1 1 1 1 1 [(al+br)/2] [(al+br)/2] 76543210 xx_mute xx_vol6 xx_vol5 xx_vol4 xx_vol3 xx_vol2 xx_vol1 xx_vol0 00000000 atapi4 atapi3 atapi2 atapi1 atapi0 aoutax aoutbx table 7. atapi decode (continued)
cs4382a 40 ds618a1 5.7.1 mute (mute) default = 0 0 - disabled 1 - enabled function: the digital-to-analog conv erter output will mute wh en enabled. the quiescen t voltage on the output will be retained. the muting function is affected, similarly to attenuation changes, by the soft and zero cross bits. the mute pins will go active duri ng the mute period acco rding to the mutec bit. 5.7.2 volume control (xx_vol) default = 0 (no attenuation) function: the digital volume control register s allow independent control of the signal levels in 1 db increments from 0 to -127 db. volume settings are decoded as shown in table 8. the volume changes are imple- mented as dictated by the soft and zero cross bits. a ll volume settings less than -127 db are equivalent to enabling the mute bit. 5.8 chip revision (address 12h) 5.8.1 part number id (part) [read only] 01110 - cs4382a 000 - revision a function: this read-only register can be used to identify the model and revision number of the device. binary code decimal value volume setting 0 0 0 0 0 0 0 0 0 db 0 0 1 0 1 0 0 20 -20 db 0 1 0 1 0 0 0 40 -40 db 0 1 1 1 1 0 0 60 -60 db 1 0 1 1 0 1 0 90 -90 db table 8. example digital volume settings 76543210 part4 part3 part2 part1 part0 reserved reserved reserved 01110000
cs4382a ds618a1 41 6. parameter definitions total harmonic distortion + noise (thd+n) the ratio of the rms value of the signal to the rms sum of all other spectral components over the specified bandwidth (typically 10 hz to 20 khz), including distortion components. expressed in decibels. dynamic range the ratio of the full scale rms value of the signal to the rms sum of all other spectral components over the specified bandwidth. dynamic range is a signal-to- noise measurement over the specified bandwidth made with a -60 dbfs signal. 60 db is then added to the resulting measurement to refer the measurement to full scale. this technique ensures that the distor tion components are below the noise level and do not affect the measurement. this measurement technique has been accepted by the audio engineering so- ciety, aes17-1991, and the electronic industries asso ciation of japan , eiaj cp-307. interchannel isolation a measure of crosstalk between the left and right cha nnels. measured for each channel at the converter's output with all zeros to the input under test and a fu ll-scale signal applied to the other channel. units in decibels. interchannel gain mismatch the gain difference between left and right channels. units in decibels. gain error the deviation from the nominal full scale analog output for a full scale digital input. gain drift the change in gain value with temperature. units in ppm/c. 7. references 1. "how to achieve optimum performance from delt a-sigma a/d & d/a conver ters" by steven harris. paper presented at the 93rd convention of the audio engineering society, october 1992. 2. cdb4382a evaluation board datasheet 3. ?design notes for a 2-pole filter with differential input? by steven gr een. cirrus logic application note an48 4. ?the i 2 c-bus specification: version 2.0? ph ilips semiconductors, december 1998. http://www.semicondu ctors.philips.com
cs4382a 42 ds618a1 8. package dimensions inches millimeters dim min nom max min nom max a --- 0.055 0.063 --- 1.40 1.60 a1 0.002 0.004 0.006 0.05 0.10 0.15 b 0.007 0.009 0.011 0.17 0.22 0.27 d 0.343 0.354 0.366 8.70 9.0 bsc 9.30 d1 0.272 0.28 0.280 6.90 7.0 bsc 7.10 e 0.343 0.354 0.366 8.70 9.0 bsc 9.30 e1 0.272 0.28 0.280 6.90 7.0 bsc 7.10 e* 0.016 0.020 0.024 0.40 0.50 bsc 0.60 l 0.018 0.24 0.030 0.45 0.60 0.75 0.000 4 7.000 0.00 4 7.00 * nominal pin pitch is 0.50 mm controlling dimension is mm. jedec designation: ms022 48l lqfp package drawing e1 e d1 d 1 e l b a1 a
cs4382a ds618a1 43 9. appendix 0.4 0.5 0.6 0.7 0.8 0.9 1 ?120 ?100 ?80 ?60 ?40 ?20 0 frequency(normalized to fs) amplitude (db) 0.4 0.42 0.44 0.46 0.48 0.5 0.52 0.54 0.56 0.58 0.6 ?120 ?100 ?80 ?60 ?40 ?20 0 frequency(normalized to fs) amplitude (db) figure 19. single speed (fast) stopband rejection figure 20. single speed (fast) transition band 0.45 0.46 0.47 0.48 0.49 0.5 0.51 0.52 0.53 0.54 0.55 ?10 ?9 ?8 ?7 ?6 ?5 ?4 ?3 ?2 ?1 0 frequency(normalized to fs) amplitude (db) 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 ?0.02 ?0.015 ?0.01 ?0.005 0 0.005 0.01 0.015 0.02 frequency(normalized to fs) amplitude (db) figure 21. single speed (fast) tran sition band (detail) figure 22. single speed (fast) passband ripple 0.4 0.5 0.6 0.7 0.8 0.9 1 ?120 ?100 ?80 ?60 ?40 ?20 0 frequency(normalized to fs) amplitude (db) 0.4 0.42 0.44 0.46 0.48 0.5 0.52 0.54 0.56 0.58 0.6 ?120 ?100 ?80 ?60 ?40 ?20 0 frequency(normalized to fs) amplitude (db) figure 23. single speed (slow) stopband reject ion figure 24. single speed (slow) transition band
cs4382a 44 ds618a1 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 ?0.02 ?0.015 ?0.01 ?0.005 0 0.005 0.01 0.015 0.02 frequency(normalized to fs) amplitude (db) 0.45 0.46 0.47 0.48 0.49 0.5 0.51 0.52 0.53 0.54 0.55 ?10 ?9 ?8 ?7 ?6 ?5 ?4 ?3 ?2 ?1 0 frequency(normalized to fs) amplitude (db) figure 25. single speed (slow) transition band (d etail) figure 26. single speed (slow) passband ripple 0.4 0.5 0.6 0.7 0.8 0.9 1 120 100 80 60 40 20 0 frequency(normalized to fs) amplitude (db) 0.4 0.42 0.44 0.46 0.48 0.5 0.52 0.54 0.56 0.58 0.6 120 100 80 60 40 20 0 frequency(normalized to fs) amplitude (db) figure 27. double speed (fast) stopband rejection figure 28. double speed (fast) transition band 0.45 0.46 0.47 0.48 0.49 0.5 0.51 0.52 0.53 0.54 0.55 10 9 8 7 6 5 4 3 2 1 0 frequency(normalized to fs) amplitude (db) 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.02 0.015 0.01 0.005 0 0.005 0.01 0.015 0.02 frequency(normalized to fs) amplitude (db) figure 29. double speed (fast) transition band (detail) figure 30. double speed (fast) passband ripple
cs4382a ds618a1 45 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 120 100 80 60 40 20 0 frequency(normalized to fs) amplitude (db) 0.2 0.3 0.4 0.5 0.6 0.7 0.8 120 100 80 60 40 20 0 frequency(normalized to fs) amplitude (db) figure 31. double speed (slow) stopband rejectio n figure 32. double speed (slow) transition band 0.45 0.46 0.47 0.48 0.49 0.5 0.51 0.52 0.53 0.54 0.55 10 9 8 7 6 5 4 3 2 1 0 frequency(normalized to fs) amplitude (db) 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.02 0.015 0.01 0.005 0 0.005 0.01 0.015 0.02 frequency(normalized to fs) amplitude (db) figure 33. double speed (slow) transition band (d etail) figure 34. double speed (slow) passband ripple 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 120 100 80 60 40 20 0 frequency(normalized to fs) amplitude (db) 0.2 0.3 0.4 0.5 0.6 0.7 0.8 120 100 80 60 40 20 0 frequency(normalized to fs) amplitude (db) figure 35. quad speed (fast) stopband rejection figure 36. quad speed (fast) transition band
cs4382a 46 ds618a1 0.45 0.46 0.47 0.48 0.49 0.5 0.51 0.52 0.53 0.54 0.55 10 9 8 7 6 5 4 3 2 1 0 frequency(normalized to fs) amplitude (db) 0 0.05 0.1 0.15 0.2 0.25 0.2 0.15 0.1 0.05 0 0.05 0.1 0.15 0.2 frequency(normalized to fs) amplitude (db) figure 37. quad speed (fast) transition band (d etail) figure 38. quad speed (fast) passband ripple 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 120 100 80 60 40 20 0 frequency(normalized to fs) amplitude (db) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 120 100 80 60 40 20 0 frequency(normalized to fs) amplitude (db) figure 39. quad speed (slow) stopband rejectio n figure 40. quad speed (slow) transition band 0.45 0.46 0.47 0.48 0.49 0.5 0.51 0.52 0.53 0.54 0.55 10 9 8 7 6 5 4 3 2 1 0 frequency(normalized to fs) amplitude (db) 0 0.02 0.04 0.06 0.08 0.1 0.12 0.02 0.015 0.01 0.005 0 0.005 0.01 0.015 0.02 frequency(normalized to fs) amplitude (db) figure 41. quad speed (slow) transition band (detail) figure 42. quad speed (slow) passband ripple
cs4382a ds618a1 47 table 9. revision history contacting cirrus logic support for all product questions and in quiries contact a cirrus logic sales representative. to find the one nearest to you go to www.cirrus.com important notice "advance" product information describes products that are in development and subject to development changes.cirrus logic, inc. and its subsidiaries ("cirrus") believe that the information contained in this document is accurate and reliable. however, the information is subject to change without notice and is provided "as is" without warranty of any kind (express or implied). customers are advised to obtain the latest version of relevant informati on to verify, before placing orders, that information being relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, patent infringement, and limitation of liability. no responsibility is assumed by cirru s for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of th ird parties. this document is the property of cirrus and by furnishing this information, cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. cirrus owns the copyrights associated with the information contained herein and gives co nsent for copies to be made of the information only for use within your organization with respect to cirrus integrated circuits or other products of cirrus. this consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. certain applications using semi conductor products may involve potential risks of death, per sonal injury, or severe prop- erty or environmental damage ("critical applications"). cirrus products are not designed, authorized or warranted for use in aircraft systems, military applications, products surgical ly implanted into the body, life support products or other critical applications (including medical devices, aircraft s ystems or components and persona l or automotive safety or se- curity devices). inclusion of cirrus produc ts in such applications is understood to be fully at the customer's risk and cir- rus disclaims and makes no warranty, express, statutory or implied, including the implie d warranties of merchantability and fitness for particular purpos e, with regard to any cirrus product that is used in such a manner. if the customer or customer's customer uses or permits the use of cirrus products in critical applications, cu stomer agrees, by such use, to fully indemnify cirrus, its office rs, directors, employees, distri butors and other agents from any and all liability, includ- ing attorneys' fees and costs, that may result from or arise in connection with these uses. purchase of i 2 c components of cirrus logic, inc., or one of its sublicensed associated companies conveys a license under the phillips i 2 c patent rights to use those components in a standard i 2 c system. spi is a trademark of motorola, inc. cirrus logic, cirrus, and the cirrus logic logo designs are trademarks of cirrus logic, inc. all other brand and product names in this document may be trademarks or service marks of their respective owners. release date changes a1 nov 2004 initial release


▲Up To Search▲   

 
Price & Availability of CS4362A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X