Part Number Hot Search : 
TS29151 LXT325NE 13210 KTA1705 12000 U74HC32 6X315 IR2213S
Product Description
Full Text Search
 

To Download SN74LS145-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 october, 2001 rev. 7 1 publication order number: sn74ls145/d sn74ls145 1-of-10 decoder/driver open-collector the sn74ls145, 1-of-10 decoder/driver, is designed to accept bcd inputs and provide appropriate outputs to drive 10-digit incandescent displays. all outputs remain off for all invalid binary input conditions. it is designed for use as indicator/relay drivers or as an open-collector logic circuit driver. each of the high breakdown output transistors will sink up to 80 ma of current. typical power dissipation is 35 mw. this device is fully compatible with all ttl families. ? low power version of 74145 ? input clamp diodes limit high speed termination effects guaranteed operating ranges symbol parameter min typ max unit v cc supply voltage 4.75 5.0 5.25 v t a operating ambient temperature range 0 25 70 c v oh output voltage high 15 v i ol output current low 24 ma low power schottky soic d suffix case 751b plastic n suffix case 648 16 1 16 1 soeiaj m suffix case 966 16 1 device package shipping ordering information sn74ls145n 16 pin dip 2000 units/box sn74ls145d soic16 38 units/rail sn74ls145dr2 soic16 2500/tape & reel sn74ls145m soeiaj16 see note 1 sn74ls145mel soeiaj16 1. for ordering information on the eiaj version of the soic package, please contact your local on semiconductor representative. see note 1 http://onsemi.com
sn74ls145 http://onsemi.com 2 connection diagram dip (top view) bcd inputs outputs p 0 , p 1 , p 2 , p 3 q 0 - q 9 0.5 u.l. open collector 0.25 u.l. 15 u.l. notes: a) 1 ttl unit load (u.l.) = 40  a high/1.6 ma low. high low (note a) loading pin names v cc = pin 16 gnd = pin 8 logic symbol 15 14 13 12 p 0 p 1 p 2 p 3 q 0 q 1 q 2 q 3 q 4 q 6 q 7 q 8 q 9 q 5 123456791011 14 13 12 11 10 9 123456 7 16 15 8 v cc q 0 p 0 p 1 p 2 p 3 q 8 q 9 q 7 q 1 q 2 q 3 q 4 q 5 q 6 gnd
sn74ls145 http://onsemi.com 3 logic diagram inputs input inverters decode/driver gates outputs p 0 p 1 p 2 p 3 0123 0 1 2 3 q 0 q 1 q 2 q 3 q 4 q 5 q 6 q 7 q 8 q 9 truth table inputs outputs p 3 p 2 p 1 p 0 q 0 q 1 q 2 q 3 q 4 q 5 q 6 q 7 q 8 q 9 l l l l l h h h h h h h h h l llhh lhhhhhhhh l lhlh hlhhhhhhh l lhhh hhlhhhhhh l hllh hhhlhhhhh l hlhh hhhhlhhhh l hhlh hhhhhlhhh l hhhh hhhhhhlhh h lllh hhhhhhhlh h llhh hhhhhhhhl h lhlh hhhhhhhhh h lhhh hhhhhhhhh h hllh hhhhhhhhh h hlhh hhhhhhhhh h hhlh hhhhhhhhh h h h h h h h h h h h h h h h = high voltage level l = low voltage level
sn74ls145 http://onsemi.com 4 dc characteristics over operating temperature range (unless otherwise specified) limits symbol parameter min typ max unit test conditions v ih input high voltage 2.0 v guaranteed input high voltage for all inputs v il input low voltage 0.8 v guaranteed input low voltage for all inputs v ik input clamp diode voltage 0.65 1.5 v v cc = min, i in = 18 ma i oh output high current 250 m a v cc = min, v oh = max 0.25 0.4 v i ol = 12 ma v cc = v cc min, v ol output low voltage 0.35 0.5 v i ol = 24 ma v cc = v cc min , v in = v il or v ih thtbl ol ou u o o age 2.3 3.0 v i ol = 80 ma in il ih per truth table i ih in p ut high current 20 m a v cc = max, v in = 2.7 v i ih input high current 0.1 ma v cc = max, v in = 7.0 v i il input low current 0.4 ma v cc = max, v in = 0.4 v i cc power supply current 13 ma v cc = max, v in = gnd ac characteristics (t a = 25 c) limits symbol parameter min typ max unit test conditions t phl t plh propagation delay p n input to q n output 50 50 ns v cc = 5.0 v c l = 45 pf ac waveforms figure 1. figure 2. v in v out 1.3 v t phl 1.3 v 1.3 v t plh 1.3 v v in v out 1.3 v t phl 1.3 v 1.3 v t plh 1.3 v
sn74ls145 http://onsemi.com 5 package dimensions n suffix plastic package case 64808 issue r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01    
sn74ls145 http://onsemi.com 6 package dimensions d suffix plastic soic package case 751b05 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p b a m 0.25 (0.010) b s t d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 
sn74ls145 http://onsemi.com 7 package dimensions h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z m suffix soeiaj package case 96601 issue o
sn74ls145 http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. sn74ls145/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of SN74LS145-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X