Part Number Hot Search : 
07K460 LLZ5235B LT726 HC259 S1200 STA435 N1A30209 OPB813S7
Product Description
Full Text Search
 

To Download HER104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  he r10 1 thru he r 10 8 1 .0 amp h i gh e ff i c ie n t rectifier s 50 to 1000 volts features high surge c ur re nt capability hi gh re li a b il i ty low forward voltage drop hi gh c u rre n t c a pa b ili ty maximum ratings operating temperature: - 5 5 c to +1 25 c storage temperature: - 5 5 c to +15 0 c f or c a p ci ti ve lo ad , de ra te c u rre nt by 2 0 % m cc catalog number device marking maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage he r 10 1 --- 50v 35v 50v he r 1 02 --- 100v 70v 100v he r 10 3 --- 200v 140v 200v her 10 4 --- 30 0 v 2 1 0v 3 00v he r 10 5 --- 40 0 v 28 0 v 400v he r 10 6 --- 60 0 v 42 0 v 6 00v he r 10 7 --- 80 0 v 56 0 v 8 0 0 v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1 .0 a t a = 55 c peak forward surge current i fsm 30 a 8.3ms, half sine maximum instantaneous forward voltage he r 10 1 - 10 4 her 10 5 v f 1. 0v 1. 3 v i fm = 1 .0a; t a = 25 c reverse current at rated dc blocking voltage ( m a x i mu m dc ) i r 5.0 m a 10 0 m a t a = 25 c t a = 100 c maximum reverse recovery time he r 10 1 - 1 05 her 1 0 6 -1 08 t rr 50ns 7 5 ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance he r1 01 - 1 0 5 he r 10 6 - 1 08 c j 20 pf 15 pf measured at 1.0mhz, v r =4.0v n o t es : 1 . 3 00 u s p u lse w i dt h , 1 % d u ty c yc l e . do- 41 dimensions inches mm dim min max min max note a . 16 6 . . 20 5 4 .2 5. 2 b .0 8 .1 07 2. 0 2. 7 c .0 28 . 03 4 . 71 . 86 d 1.000 --- 25.40 --- a b c d d cathode mark www. mccsemi .com her106-108 1 .7 v he r 10 8 --- 1000v 700v 1000v         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    mcc
h er 1 01 th ru he r 1 0 8 www. mccsemi .com mcc fig.2- maximum average forward current derating fig.1- reverse recovery time characteristic and test circuit diagram a verage for w ard current . (a) 25 50 75 100 125 150 175 1.0 2.0 ambient temperature. ( c ) o 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length r a tings and characteristic cu r ves 0 0 fig.5- maximum non-repetitive forward surge current peak for w ard surge current . (a) 1 2 5 10 20 10050 10 0 15 20 30 25 35 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical reverse characteristics inst ant aneous reverse current .( a ) 0 20 40 60 80 100 120 140 0.1 1 10 100 1000 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=100 c 0 fig.4- typical forward characteristics inst ant aneous for w ard current . (a) .2 .4 .6 .8 1.0 1.2 1.4 0.001 0.01 0.1 1.0 10 forward voltage. (v) her101~HER104 her105 her106~her108 fig.6- typical junction capacitance junction cap acit ance.(pf) .1 .5 1 5 2 10 20 50 100 200 500 1000 10 0 20 30 40 50 60 70 reverse voltage. (v) her101~her105 her106~her108


▲Up To Search▲   

 
Price & Availability of HER104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X