Part Number Hot Search : 
N49T1 03WT1 5KP36 20005 20800 LQ5AW136 AT27C RT9483
Product Description
Full Text Search
 

To Download H83256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Information
ICE-H8
In-Circuit Emulator for Renesas H8/300 and H8/500
s s s s s s s s s s s s Support for 300, 300H and 500 family Support for 5V and 3.3V Full bondout support Up to 20MHz support On chip ROM and FLASH emulation Banking up to 16MByte (256 banks) Dual ported memory Software compatible ROM Monitor Interface with all compilers RTOS support CASE tool interface Windows9x, NT and X windows interface
ICE-H8
H8/3001 H8/3002 H8/3003 H8/3004 H8/3005 H8/3006 H8/3007 H8/3030 H8/3031 H8/3032 H8/3040 H8/3041 H8/3042 H8/3044 H8/3045 H8/3047 H8/3048 H8/3048F H8/3060 H8/3061 H8/3062 H8/3064 H8/3065 H8/3066 H8/3067 H8/3101 H8/3102 H8/3202 H8/3212 H8/3214 H8/3216
H8/3217 H8/322 H8/323 H8/324 H8/325 H8/3256 H8/3257 H8/326 H8/327 H8/328 H8/329 H8/3292 H8/3294 H8/3296 H8/3297 H8/330 H8/3334Y H8/3334YF H8/3336Y H8/3337Y H8/336 H8/337 H8/338 H8/3394 H8/3396 H8/3397 H8/3434 H8/3434F H8/3436 H8/3437 H8/350
H8/3640 H8/3641 H8/3642 H8/3643 H8/3644 H8/3812 H8/3813 H8/3833 H8/3834 H8/3835 H8/3836 H8/3837 H8/520 H8/532 H8/534R H8/534S H8/536R H8/536S H8/537
TRACE32-ICEH8 supports most members of the H8 family from Renesas. The modular and open technology of the system allows the fast integration of new chip designs. TRACE32-ICE is a state of the art In-Circuit Emulator, which offers unlimited hardware breakpoints and up to 16MByte dual-ported emulation memory. The real-time trace and trigger work up to the max. speed of the CPU. The analyzer offers selective trace as well as performance analysis and statistic functions. The system offers an interface to all C and C++ compilers. Full RTOS support is available for HIOS/Renesas and Nucleus PLUS from Accelerated Technology. TRACE32 works with the highest variety of host interfaces. The communication link to the host is done by the printer port, a fibre optic interface or ethernet allowing a high speed transfer.
27.03.07
TRACE32 - Technical Information
2
ICE-H8
TRACE32 - Technical Information
3
Features
Basics of Operation
Emulation Bus Break Control EmulationCPU Strobe/ Buffer Control Voltage Control Exception Control
Target
Dualport Control Wait Control
Port Buffer Emulation module The ICE H8 probe is a high-performance emulation system for many derivatives of the H8 family. The change between different CPU types is done by changing the emulation module.
Port Analyzer Base module On the emulation base there is an extra slot for the TRACE32 Port Analyzer which can trace up to 64 port lines.
Operating Modes
The Emulator can work in stand-alone mode with internal clock or in active mode with internal or the target clock. On power-down of the target system the emulator tristates its output buffers and isolates its internal emulation circuits. The opeartion modes are as follows:
t Reset Down t Reset Up t No Probe t Alone Internal t Alone External t Emulation Internal t Emulation External
Clock
t Operation with external or
internal clock
ICE-H8 Features
TRACE32 - Technical Information
t Max. operation frequency:
20 MHz
4
Clock Fail Detection Support for all Operation Modes
Operation modes ICE-H8 supports the realtime emulation of all operations modes at max. speed.
ICE-H8 Features
TRACE32 - Technical Information
5
Dual-port Access
Dual port access modes All TRACE32 memories are dualported. The dual-port access makes it possible to display and modify the contents of the overlay memory, to set or delete breakpoints or use the flag memory while the application is running in real-time. The H8 has four dual-port modes: In Wait mode, wait states are inserted for the dual-port access via the wait pin. This is only possible, if the corresponding pins is configured as the wait pin. In ClkSteal mode, the CPU clock is stopped for some cycles during the dual-port access. This works only if the emulator uses the internal VCO clock. In Idle mode, the emulator waits on idle cycles of the CPU to perform the dualport access. This cycles are generated for example during subroutine jumps. In the Denied Mode the dual-port access is switched off.
t Nodelay t Wait t ClkSteal t Idle
In Nodelay mode, the dual-port access is inserted in the regular bus cycles, generated by the CPU. This means that the CPU runs in real time during the dual-port access.
ICE-H8 Features
TRACE32 - Technical Information
6
Peripheral Information
t Display of onchip peripherals t User definable display of the
onchip peripherals
t Pull down menues for settings t Additional description for each
field
t Definition is done interactive
supported by softkeys
t
Exception Control
Exception Stimulation Exception Trigger Target Exception Control Static Exception Settings
The TRACE32 exception controller allows to permanently activate an exception, to enable or disable specific
exceptions, to trigger on specific exceptions or to stimulate an exception.
ICE-H8 Features
TRACE32 - Technical Information
7
HLL Debugging
Full support in real-time for:
t Trigger and trace on local
variables
t Break-before-line operation t HLL single step in real-time
Background Task
The background task allows:
t To maintain the refresh of a
target DRAM while the emulation is stopped.
t To process interrupts
ICE-H8 Features
TRACE32 - Technical Information
8
Peripheral Window
t Display of onchip peripherals t User definable display of the
onchip peripherals
t Pull down menues for settings t Additional description for each
field
t Definition is done interactive
supported by softkeys
t
Memory Banking (H8/300 only)
ICE-H8 supports up to 256 banks for internal or external banking:
t Support for external banking
using a CPU register or a CPU output pin. For external banking a separate banking probe is needed.
t Support for paged EPROMS
ICE-H8 Features
TRACE32 - Technical Information
9
Emulation Modules
Modules Overview
H8/322 H8/322 H8/322 H8/323 H8/323 H8/323 H8/324 H8/324 H8/324 LA-6791 H8/325 H8/325 H8/325 H8/3256 H8/3256 H8/3256 LA-6740 LA-6741 H8/3257 H8/3257 H8/3257 H8/322 H8/323 H8/324 LA-6738 H8/325 H8/3256 H8/3257 H8/326 H8/326 H8/327 H8/327 LA-6739 H8/328 H8/328 H8/329 H8/329 LA-6742 H8/336 LA-6738 H8/337 H8/338 LA-6798 H8/336 PLCC84 PLCC84 PLCC84 ET80-QF14 DIL64 PLCC68 DIL64 PLCC68 PLCC68 PLCC68 PLCC68 DIL64 PLCC68 DIL64 PLCC68 DIL64 ET64-QF29 PLCC68 DIL64 ET64-QF29 PLCC68 DIL64 ET64-QF29 PLCC68 PLCC68 PLCC68 PLCC68 DIL64 ET64-QF29 PLCC68 DIL64 ET64-QF29 PLCC68 DIL64 ET64-QF29 PLCC68
ICE-H8 Emulation Modules
TRACE32 - Technical Information
10
H8/337 LA-6740 LA-6742 LA-6798 H8/338 LA-6739 LA-6743 LA-6738 LA-6798 H8/330 H8/330 H8/330 H8/3334Y H8/3334YF H8/3336Y LA-6739 H8/3337Y H8/3394 H8/3396 H8/3397 H8/3334Y H8/3334Y H8/3334YF H8/3334YF H8/3336Y H8/3336Y LA-6798 H8/3337Y H8/3337Y H8/3394 H8/3394 H8/3396 H8/3396 H8/3397 H8/3397 LA-6739 LA-6744 LA-6738 LA-6956 H8/350 H8/3001 H8/3001 H8/3002 H8/3003 LA-6730 LA-6732 H8/3040 H8/3041 H8/3042 LA-6797 H8/3004 H8/3004 H8/350
ET80-QF14 ET80-QF14 PLCC84 PLCC84 ET80-QF14 PLCC84 PLCC84 PLCC84 PLCC84 PLCC84 PLCC84 PLCC84 ET80-QF14 ET80-QF47 ET80-QF14 ET80-QF47 ET80-QF14 ET80-QF47 ET80-QF14 ET80-QF47 ET80-QF14 ET80-QF47 ET80-QF14 ET80-QF47 ET80-QF14 ET80-QF47 PLCC84 PLCC84 ET80-QF14 ET80-QF47 ET100-QF49 ET112-QF36 ET100-QF49 ET100-QF49 ET100-QF49 ET80-QF14 ET80-QF47
LA-6792
ICE-H8 Emulation Modules
TRACE32 - Technical Information
11
LA-6740
LA-6730
LA-6797
H8/3005 H8/3005 H8/3030 H8/3031 H8/3032 H8/3040 H8/3041
ET80-QF14 ET80-QF47 ET80-QF47 ET80-QF47 ET80-QF47 ET100-QF49 ET100-QF49 ET100-QF49 ET100-QF49 ET100-QF49 ET100-QF49 ET100-QF49 ET100-QF49 ET80-QF14 ET80-QF47 ET80-QF14 ET80-QF47 ET80-QF14 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 ET100-QF49 ET100-QF49 ET100-QF49 ET100-QF49
LA-6733
H8/3042 H8/3044 H8/3045 H8/3047
LA-6731
H8/3048 H8/3048F H8/3030 H8/3030 LA-6735 H8/3031 H8/3031 H8/3032 H8/3032 H8/3292 H8/3292 H8/3292 H8/3294 H8/3294 H8/3294
LA-6793
LA-6796 H8/3296 H8/3296 H8/3296 H8/3297 H8/3297 H8/3297 H8/3434 H8/3434F
LA-6794
LA-6795 H8/3436 H8/3437
ICE-H8 Emulation Modules
TRACE32 - Technical Information
12
H8/3202 H8/3202 H8/3202 H8/3212 H8/3212 H8/3212 H8/3214 H8/3214 H8/3214 H8/3216 H8/3216 H8/3216 H8/3217 H8/3217 H8/3217 H8/3640 H8/3640 H8/3640 H8/3641 H8/3641 H8/3641 H8/3642 H8/3642 H8/3642 H8/3643 H8/3643 H8/3643 H8/3644 H8/3644 H8/3644 H8/3812 H8/3812 H8/3813 H8/3813 H8/3833 H8/3833 LA-6953 LA-6955 H8/3834 H8/3834 H8/3835 H8/3835 H8/3836 H8/3836
DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 DIL64 ET64-QF29 ET80-QF47 ET100-QF06 ET100-QF49 ET100-QF06 ET100-QF49 ET100-QF06 ET100-QF49 ET100-QF06 ET100-QF49 ET100-QF06 ET100-QF49 ET100-QF06 ET100-QF49 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V 3.0..5.5V
LA-6740
LA-6951
LA-6799
LA-6952
LA-6954
ICE-H8 Emulation Modules
TRACE32 - Technical Information
13
LA-6740
LA-6953
LA-6955
H8/3837 H8/3837 H8/3006 H8/3006 H8/3007 H8/3007 H8/3060 H8/3060 H8/3061 H8/3061
ET100-QF06 ET100-QF49 ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V ET100-QF06 3.0..5.5V ET100-QF49 3.0..5.5V DIL64 PLCC68 PLCC84 PLCC84 PLCC84 PLCC84 PLCC84 PLCC84
LA-6957
LA-6958
H8/3062 H8/3062 H8/3064 H8/3064 H8/3065 H8/3065 H8/3066 H8/3066 H8/3067 H8/3067
LA-6745 LA-6746 LA-6747
LA-6737 LA-6737 LA-6737
H8/520 H8/520 H8/532 H8/534R H8/536R H8/534S
LA-7300 LA-7301
LA-6737 H8/536S LA-6737 H8/537
ICE-H8 Emulation Modules
TRACE32 - Technical Information
14
Debug Interfaces
TRACE32-PowerView supports most compilers, realtime operation systems and debuggers. New integrations are mostly done on customers request. If your compiler or RTOS is not supported now, please ask us !
Compiler H8300
Language Compiler C C C C C++ GNU-C ICCH8300 MCCH83 CH38 GNU-C++
Company FSF IAR Mentor Graphics Renesas FSF
Option COFF UBROF IEEE
Comment H8/300 H8/300 H8/300
SYSROF H8/300 COFF H8/300
Compiler H8/300H
Language Compiler C C C C++ GNU-C IARH8 CH38 GNU-C++
Company FSF IAR Renesas FSF
Option COFF UBROF SYSROF COFF
Comment H8/300H H8/300H H8/300H H8/300H
Compiler H8500
Language Compiler C C C ICCH8500 MCCH85
Company
Option UBROF IEEE
Comment H8/500 H8/500
IAR Mentor Graphics HICROSS-H8/ Metrowerks 500
HICROS H8/500 S
ICE-H8 Debug Interfaces
TRACE32 - Technical Information
15
RTOS Support
Name OSEK ProOSEK CMX-RTX HIOS Nucleus PLUS
Company 3Soft CMX Company Renesas Accelerated Tech.
Comment via ORTI via ORTI (HI8-3H), not supported in EUR
Debugger Support
CPU ALL ALL ALL ALL ALL
Debugger EASYCASE X-TOOLS / X32 ECLIPSE ATTOL TOOLS VISUAL BASIC INTERFACE CODEWRIGH T DA-C RHAPSODY IN MICROC WINDOWS CE PLATF. BUILDER
Company BKR GmbH blue river software Eclipse.org MicroMax Microsoft
Host Windows Windows Windows Windows Windows
ALL ALL ALL ALL
Premia Corporation RistanCASE Telelogic Windows
Windows Windows Windows Windows
ICE-H8 Debug Interfaces
TRACE32 - Technical Information
16
Operation Frequency
The maximum operation frequency of TRACE32-ICEH8 depends on:
t The mapper mode (Slow or Fast) t The number of waitstates
(WO = 0 waitstates W1 = 1 waitstate)
t The max. frequency of the CPU t The access time of the overlay
memory (15ns or 35ns)
t The dual-port access mode
Idle Access
S-W0-15
S-W0-35
S-W1-15
S-W1-35
5.0+ 5.0+
F-W0-15
F-W0-35
Module
LA-6730 LA-6730 LA-6730 LA-6730 LA-6730 LA-6957 LA-6957 LA-6731 LA-6731 LA-6731 LA-6730 LA-6730 LA-6730 LA-6731 LA-6731 LA-6731 LA-6731 LA-6731 LA-6957 LA-6957 LA-6957 LA-6957 LA-6957 LA-6957 LA-6957 LA-6734 LA-6734 LA-6951 LA-6951 LA-6951 LA-6951 LA-6951 LA-6741
H8/3001 H8/3002 H8/3003 H8/3004 H8/3005 H8/3006 H8/3007 H8/3030 H8/3031 H8/3032 H8/3040 H8/3041 H8/3042 H8/3044 H8/3045 H8/3047 H8/3048 H8/3048F H8/3060 H8/3061 H8/3062 H8/3064 H8/3065 H8/3066 H8/3067 H8/3101 H8/3102 H8/3202 H8/3212 H8/3214 H8/3216 H8/3217 H8/322
16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 18.0 18.0 18.0 18.0 18.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 5.0+ 5.0+ 16.0 16.0 16.0 16.0 16.0
12.6 12.6 12.6 12.6 12.6 12.4 12.4 12.6 12.6 12.6 12.6 12.6 12.6 13.8 13.8 13.8 13.8 13.8 12.4 12.4 12.4 12.4 12.4 12.4 12.4 5.0+ 5.0+ 12.1 12.1 12.1 12.1 12.1
13.3 13.3 13.3 13.3 13.3 13.1 13.1 13.3 13.3 13.3 13.3 13.3 13.3 14.7 14.7 14.7 14.7 14.7 13.1 13.1 13.1 13.1 13.1 13.1 13.1 5.0+ 5.0+ 12.9 12.9 12.9 12.9 12.9
10.9 10.9 10.9 10.9 10.9 10.6 10.6 10.9 10.9 10.9 10.9 10.9 10.9 11.8 11.8 11.8 11.8 11.8 10.6 10.6 10.6 10.6 10.6 10.6 10.6 5.0+ 5.0+ 10.3 10.3 10.3 10.3 10.3
16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 18.0+ 18.0+ 18.0+ 18.0+ 18.0+ 18.0+ 18.0+ 18.0+ 18.0+ 18.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 5.0+ 5.0+
16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+
10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+
ICE-H8 Operation Frequency
DRAM
CPU
TRACE32 - Technical Information
S-W0-15 S-W0-35 S-W1-15 S-W1-35
5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+
17
F-W0-15 F-W0-35
Module
LA-6741 LA-6741 LA-6741 LA-6741 LA-6741 LA-6742 LA-6742 LA-6742 LA-6742 LA-6793 LA-6793 LA-6793 LA-6793 LA-6743 LA-6792 LA-6792 LA-6792 LA-6792 LA-6742 LA-6742 LA-6742 LA-6792 LA-6792 LA-6792 LA-6794 LA-6794 LA-6794 LA-6794 LA-6744 LA-6952 LA-6952 LA-6952 LA-6952 LA-6952 LA-6953 LA-6953 LA-6953 LA-6953 LA-6953 LA-6953 LA-6953 LA-6745 LA-6746 LA-6747 LA-7300 LA-6747 LA-7300 LA-7301
H8/323 H8/324 H8/325 H8/3256 H8/3257 H8/326 H8/327 H8/328 H8/329 H8/3292 H8/3294 H8/3296 H8/3297 H8/330 H8/3334Y H8/3334YF H8/3336Y H8/3337Y H8/336 H8/337 H8/338 H8/3394 H8/3396 H8/3397 H8/3434 H8/3434F H8/3436 H8/3437 H8/350 H8/3640 H8/3641 H8/3642 H8/3643 H8/3644 H8/3812 H8/3813 H8/3833 H8/3834 H8/3835 H8/3836 H8/3837 H8/520 H8/532 H8/534R H8/534S H8/536R H8/536S H8/537
10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 12.6 12.6 12.6 12.6 12.1 12.1 12.1 12.1 13.3 13.3 13.3 13.3 12.9 12.9 12.9 12.9 10.9 10.9 10.9 10.9 10.3 10.3 10.3 10.3 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+
10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+
10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 16.0 16.0 16.0 16.0 16.0 16.0 16.0 10.0 16.0 16.0 16.0 16.0 16.0 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 12.1 12.1 12.1 12.1 12.1 12.1 12.1 8.6 12.1 12.1 12.1 12.1 12.1 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 12.9 12.9 12.9 12.9 12.9 12.9 12.9 8.9 12.9 12.9 12.9 12.9 12.9 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 10.3 10.3 10.3 10.3 10.3 10.3 10.3 7.7 10.3 10.3 10.3 10.3 10.3 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 10.0+ 10.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+ 5.0+
10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 16.0 16.0 16.0 12.1 12.1 12.1 12.9 12.9 12.9 10.3 10.3 10.3 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 16.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+ 10.0+
ICE-H8 Operation Frequency
DRAM
CPU
TRACE32 - Technical Information
18
ICE-H8 Operation Frequency
TRACE32 - Technical Information
19
Dimensions
Module Dimensions
Dimension LA-6739 LA-6738 LA-6737 A-H8/300-B A-H8/300-A A-H8/500-8
9 9 1 PLCC-68 1 PLCC-84 26
4 94 SIDE VIEW
61 A1 32
30
1
PLCC 68
77 1 PLCC-84
15
35 70 (all dimensions refer to the PLCC sockets)
ICE-H8 Dimensions
TRACE32 - Technical Information
20
Dimension LA-6798 A-H8/300-C
10 9
94 SIDE VIEW
77
PIN 1 14 PIN 1
22 18 6 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
21
Dimension LA-6799 LA-6796 A-H8/300-D A-H8/300-E
13 9
94
SIDE VIEW
1
1
77
14 7 17 28 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
22
Dimension LA-6730 LA-6731 M-H8/3003 M-H8/3048
cable (400) 85 36 13 8 115 121
SIDE VIEW
80
1 24 2 37
1
TOP VIEW (all dimensions in mm)
LA-6956
A-H8/3001
ICE-H8 Dimensions
TRACE32 - Technical Information
23
Dimension LA-6957 LA-6958 M-H8/3067 A-H8/3067
TOP VIEW
ET100QF06
1 1
ET100QF49
3150 2675 2375
3575 3675
SIDE VIEW
4500
CABLE
275
ALL DIMENSIONS IN 1/1000"
ICE-H8 Dimensions
TRACE32 - Technical Information
24
Dimension LA-6732 A-H8/3003
13 8 115
SIDE VIEW
80
1
1
37 2 TOP VIEW (all dimensions in mm) 24
ICE-H8 Dimensions
TRACE32 - Technical Information
25
Dimension LA-6733 A-H8/3048/3032
10 8
115 SIDE VIEW
80
1 12 28 43 23
1
TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
26
Dimension LA-6797 LA-6735 A-H8/3004/3005 A-H8/3032
10 8
115 SIDE VIEW
80
1
1
62 32 6 15 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
27
Dimension LA-6795 A-H8/3437
6 8
95 SIDE VIEW
1
76
12
21 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
28
Dimension LA-6940 LA-6941 M-H8/3827 A-H8/3827
TOP VIEW
3000
ET80QF14 ET80QF47 1
1100 950
1
SIDE VIEW
3300 3500 3750
CABLE
275
ALL DIMENSIONS IN 1/1000"
ICE-H8 Dimensions
TRACE32 - Technical Information
29
Dimension LA-6741 LA-6742 LA-6743 LA-6744 LA-6792 LA-6793 LA-6794 LA-6951 LA-6745 LA-6746 LA-6747 LA-7300 LA-7301 M-H8/325 M-H8/329/338 M-H8/330 M-H8/350 M-H8/3334 M-H8/3297 M-H8/3437 M-H8/3217 M-H8/520 M-H8/532 M-H8/534R M-H8/534S M-H8/537
cable (400) 69 36 13 9
94 102 SIDE VIEW
1
1
77
14 7 17 28 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
30
Dimension LA-6953 LA-6955 M-H8/3814/3834 A-H8/3814/3834
cable (400) 68 36 13 8
96 102 SIDE VIEW
B A
B A A
B
77
1 1
B A
18 16 9 14
TOP VIEW (all dimensions in mm) A QF06 B QF49
LA-6734
M-H8/310
cable (400) 84 25
120 SIDE VIEW
ICE-H8 Dimensions
TRACE32 - Technical Information
31
Connectors
On each emulation module there are half-size connectors to:
t Connect a standard adapter from
Emulation Technologie, YAMAICHI, AMP etc. The following table lists the physical dimensions of these half size connectors.
t Connect the emulation module
directly to the target by providing the corresponding connectors also on the target hardware CPU H8/3006 H8/3007 H8/3060 H8/3061 H8/3062 H8/3064 H8/3065 H8/3066 H8/3067 H8/3812 H8/3813 H8/3833 H8/3834 H8/3835 H8/3836 H8/3837 Dimension
ET100-QF06
ICE-H8 Dimensions
TRACE32 - Technical Information
32
CPU H8/3002 H8/3006 H8/3007 H8/3040 H8/3040 H8/3041 H8/3041 H8/3042 H8/3042 H8/3044 H8/3045 H8/3047 H8/3048 H8/3048F H8/3060 H8/3061 H8/3062 H8/3064 H8/3065 H8/3066 H8/3067 H8/3434 H8/3434F H8/3436 H8/3437 H8/3812 H8/3813 H8/3833 H8/3834 H8/3835 H8/3836 H8/3837 H8/3003
Dimension ET100-QF49
ET112-QF36
ICE-H8 Dimensions
TRACE32 - Technical Information
33
CPU H8/3202 H8/3212 H8/3214 H8/3216 H8/3217 H8/322 H8/323 H8/324 H8/325 H8/3256 H8/3257 H8/3292 H8/3294 H8/3296 H8/3297 H8/3640 H8/3641 H8/3642 H8/3643 H8/3644 H8/3001 H8/3004 H8/3005 H8/3030 H8/3031 H8/3032 H8/330 H8/3334Y H8/3334YF H8/3336Y H8/3337Y H8/336 H8/337 H8/338 H8/3394 H8/3396 H8/3397
Dimension ET64-QF29
ET80-QF14
ICE-H8 Dimensions
TRACE32 - Technical Information
34
CPU H8/3001 H8/3004 H8/3005 H8/3030 H8/3030 H8/3031 H8/3031 H8/3032 H8/3032 H8/3202 H8/3212 H8/3214 H8/3216 H8/3217 H8/3292 H8/3294 H8/3296 H8/3297 H8/3334Y H8/3334YF H8/3336Y H8/3337Y H8/3394 H8/3396 H8/3397 H8/3640 H8/3641 H8/3642 H8/3643 H8/3644
Dimension ET80-QF47
ICE-H8 Dimensions
TRACE32 - Technical Information
35
Adapter
The adapters connect in different ways
t YAMAICHI and AMP adapters fit
to the CPU socket The following table lists the physical dimensions of these adapters.
t With Clip-Over Adapters the CPU
can stay on the target board.
t With Solder-ON adapters the
CPU must be removed
Socket CPU ET100-QF06 H8/3006 H8/3007 H8/3060 H8/3061 H8/3062 H8/3064 H8/3065 H8/3066 H8/3067 H8/3812 H8/3813 H8/3833 H8/3834 H8/3835 H8/3836 H8/3837
Adapter ET-1030 ET100-SET-QF06 Surface Mountable Adapter for ET100 to QF06
32
SIDE VIEW
:::::::::::::: :: :: :: :: :: :: :: :: :: :: :: :: :: ::
:::::: :: :: ::::::
:::::::::::::: 43 52 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
36
Socket CPU ET100-QF06 H8/3006 H8/3007 H8/3060 H8/3061 H8/3062 H8/3064 H8/3065 H8/3066 H8/3067 H8/3812 H8/3813 H8/3833 H8/3834 H8/3835 H8/3836 H8/3837
Adapter YA-1031 ET100-EYA-QF06 Emul. Adapter for YAMAICHI socket ET100QF06
8 6
54
SIDE VIEW
1
56
9
11 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
37
Socket CPU ET100-QF49 H8/3002 H8/3006 H8/3007 H8/3040 H8/3041 H8/3042 H8/3044 H8/3045 H8/3047 H8/3048 H8/3048F H8/3060 H8/3061 H8/3062 H8/3064 H8/3065 H8/3066 H8/3067 H8/3434 H8/3434F H8/3436 H8/3437 H8/3812 H8/3813 H8/3833 H8/3834 H8/3835 H8/3836 H8/3837
Adapter YA-1091 ET100-EYA-QF49 Emul. Adapter for YAMAICHI socket ET100QF49
8 6
56
SIDE VIEW
1
66
18
14 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
38
Socket CPU ET112-QF36 H8/3003
Adapter YA-1101 ET112-EYA-QF36 Emul. Adapter for YAMAICHI socket ET112QF36
8 6
56
SIDE VIEW
64
14
10 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
39
Socket CPU ET112-QF36 H8/3003
Adapter TO-1290 ET112-ETO-QF36 Emul. Adapter for TO socket ET112-QF36
2200
TOP VIEW
PIN1
1
2 50 0
SIDE VIEW
ADAPTER SOCKET ALL DIMENSIONS IN 1/1000"
6 00
TARGET
ET112-QF36 H8/3003
TO-1291 ET112-STO-QF36 Emul. Adapter TO-surface mount. ET112-QF36
2200
TOP VIEW
PIN1 1
2 50 0
SIDE VIEW
SOLDER BLOCK TARGET ALL DIMENSIONS IN 1/1000"
ICE-H8 Dimensions
400
TRACE32 - Technical Information
40
Socket CPU ET64-QF29 H8/3202 H8/3212 H8/3214 H8/3216 H8/3217 H8/322 H8/323 H8/324 H8/325 H8/3256 H8/3257 H8/3292 H8/3294 H8/3296 H8/3297 H8/3640 H8/3641 H8/3642 H8/3643 H8/3644
Adapter YA-1121 ET64-EYA-QF29 Emul. Adapter for YAMAICHI socket ET064QF29
8 6
46
SIDE VIEW
66
20
9 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
41
Socket CPU ET80-QF14 H8/3001 H8/3004 H8/3005 H8/3030 H8/3031 H8/3032 H8/330 H8/3334Y H8/3334YF H8/3336Y H8/3337Y H8/336 H8/337 H8/338 H8/3394 H8/3396 H8/3397
Adapter YA-1131 ET80-EYA-QF14 Emul. Adapter for YAMAICHI socket ET080QF14
8 6
66
SIDE VIEW
51
11
18 TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
42
Socket CPU ET80-QF47 H8/3001 H8/3004 H8/3005 H8/3030 H8/3031 H8/3032 H8/3202 H8/3212 H8/3214 H8/3216 H8/3217 H8/3292 H8/3294 H8/3296 H8/3297 H8/3334Y H8/3334YF H8/3336Y H8/3337Y H8/3394 H8/3396 H8/3397 H8/3640 H8/3641 H8/3642 H8/3643 H8/3644
Adapter YA-1081 ET80-EYA-QF47 Emul. Adapter for YAMAICHI socket ET080QF47
8 6
51
SIDE VIEW
TARGET
51
12
12
TOP VIEW (all dimensions in mm)
ICE-H8 Dimensions
TRACE32 - Technical Information
43
Available Tool Chain
TRACE32 provides a complete set of development tools for the H8 family. This includes:
t Evaluation boards, which can be
used until the target hardware is available. The following list give an overview which development tools are available for the specific derivatives of the H8family.
t The In-Circuit Emulator
TRACE32-ICE
t The ROM Monitor based InCircuit Debugger TRACE32-ICD
H8/3001 H8/3002 H8/3003 H8/3004 H8/3005 H8/3006 H8/3007 H8/3030 H8/3031 H8/3032 H8/3040 H8/3041 H8/3042 H8/3044 H8/3045 H8/3047 H8/3048 H8/3048F H8/3060 H8/3061 H8/3062 H8/3064 H8/3065 H8/3066 H8/3067 H8/3101 H8/3102 H8/3202 H8/3212 H8/3214 H8/3216
YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES
YES YES
YES YES YES YES YES YES YES YES YES YES YES
YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES
YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES
ICE-H8 Available Tool Chain
INSTRUCTION SIMULATOR
POWER INTEGRATOR
ICD MONITOR
ICD DEBUG
ICD TRACE
FIRE
CPU
ICE
TRACE32 - Technical Information
POWER INTEGRATOR
44
INSTRUCTION SIMULATOR YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES
ICD MONITOR
ICD DEBUG
H8/3217 H8/322 H8/323 H8/324 H8/325 H8/3256 H8/3257 H8/326 H8/327 H8/328 H8/329 H8/3292 H8/3294 H8/3296 H8/3297 H8/330 H8/3334Y H8/3334YF H8/3336Y H8/3337Y H8/336 H8/337 H8/338 H8/3394 H8/3396 H8/3397 H8/3434 H8/3434F H8/3436 H8/3437 H8/350 H8/3640 H8/3641 H8/3642 H8/3643 H8/3644 H8/3812 H8/3813 H8/3833 H8/3834 H8/3835 H8/3836
YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES YES
ICE-H8 Available Tool Chain
ICD TRACE
FIRE
CPU
ICE
TRACE32 - Technical Information
POWER INTEGRATOR
45
INSTRUCTION SIMULATOR YES
ICD MONITOR
ICD DEBUG
H8/3837 H8/520 H8/532 H8/534R H8/534S H8/536R H8/536S H8/537
YES YES YES YES YES YES YES YES
ICE-H8 Available Tool Chain
ICD TRACE
FIRE
CPU
ICE
TRACE32 - Technical Information
46
Order Information
Module Description
OrderNo Code LA-6740
ICE-H8
Text ICE-H8 Base Module
Base module for Renesas H8 family
LA-6741
M-H8/325
Module Top H8/325
supports H8/322, 323, 324, 325, 3256, 3257, 10 MHz with Module Bottom H8/325/3257 Series
LA-6791
A-H8/300-F
Module Bottom H8/325/3257 Series
PLCC68 Adapter for H8/322, 323, 324, 325, 3256, 3257 QFP64 Adapter for H8/322, 323, 324, 325, 3256, 3257 DIL64 Adapter for H8/322, 323, 324, 325, 3256, 3257 QFP64 requires ET64-QF29
LA-6742
M-H8/329/338
Module Top H8/329/338
supports H8/326..329, 10 MHz, H8/336..338, 10 MHz
LA-6743
M-H8/330
Module Top H8/330
supports H8/330, 10 MHz
LA-6792
M-H8/3334
Module Top H8/3334
supports H8/3397, 3396, 3394, 3337, 3336, 3334Y, 3334YF at 16MHz QFP80,TQFP80 requires LA-6798 PLCC84 requires LA-6739
LA-6744
M-H8/350
Module Top H8/350
supports H8/350, 10 MHz
LA-6739
A-H8/300-B
Module Bottom H8/329, 330, 338, 350, 3334
PLCC68-Adapter for H8/326..329 PLCC84-Adapter for H8/330, 336..338, 350 DIL64S-Adapter for H8/326..329 PLCC84-Adapter for H8/3397, 3396, 3394 PLCC84-Adapter for H8/3337, 3336, 3334Y, 3334YF
LA-6738
A-H8/300-A
Module Bottom H8/322..325, 330, 336..338, 350
PLCC68-Adapter for H8/322..325, 3256, 3257 PLCC84-Adapter for H8/330, 336..338, 350
LA-6798
A-H8/300-C
Module Bottom H8/330, 338, 350, 3334, 3397
QFP80 Adapter for H8/330, 336..338, 350 QFP80, TQFP80 Adapter for H8/3397, 3396, 3394 QFP80,TQFP80 Adapter for H8/3337, 3336, 3334Y, 3334YF TQFP80 requires ET80-QF47 QFP80 requires ET80-QF14
LA-6730
M-H8/3003
Module Top H8/3003
supports H8/3002-3003, H8/3040-3042, with module bottom A-H8/3003 supports H8/3001 with module bottom A-H8/3001 supports H8/3004, 3005 with module bottom A-H8/3004/3005
LA-6956
A-H8/3001
Module Bottom H8/3001
QFP80, TQFP80 Adapter for H8/3001 QFP80 requires ET80-QF14 TQFP80 requires ET80-QF47
ICE-H8 Order Information
TRACE32 - Technical Information
OrderNo Code LA-6732
A-H8/3003
47
Text Module Bottom H8/3003
QFP100, TQFP100 Adapter for H8/3040-3042, H8/3002 QFP112 Adapter for H8/3003 QFP100, TQFP100 requires ET100-QF49 QFP112 requires ET112-QF36
LA-6797
Module Bottom H8/3004, 3005, 3078, 3079
A-H8/3004/3005 QFP80, TQFP80 Adapter for H8/3004, 3005, 3078, 3079 QFP80 requires ET80-QF14 TQFP80 requires ET80-QF47
LA-6731
M-H8/3048
Module Top H8/3048
supports H8/3040-3042 supports H8/3044, 3045, 3047, 3048 supports H8/3030-3032 with module bottom A-H8/3048/3032-1 and module bottom A-H8/3048/3032-2
LA-6733
Module Bottom H8/3048/3032
A-H8/3048/3032 TQFP80 Adapter for H8/3030-3032 QFP100, TQFP100 Adapter for H8/3040-3042 QFP100, TQFP100 Adapter for H8/3044, 3045, 3047, 3048 TQFP80 requires ET80-QF47 QFP100, TQFP100 requires ET100-QF49
LA-6735
A-H8/3032
Module Bottom H8/3032
QFP80 Adapter for H8/3030-3032 TQFP80 Adapter for H8/3030-3032 QFP80 requires ET80-QF14 TQFP80 requires ET80-QF47
LA-6793
M-H8/3297
Module Top H8/3297
supports H8/3297, 3296, 3294, 3292 at 16MHz
LA-6796
A-H8/300-E
Module Bottom H8/3297 Series
TQFP80 Adapter for H8/3292, 3294, 3296, 3297 QFP64 Adapter for H8/3292, 3294, 3296, 3297 DIL64 Adapter for H8/3292, 3294, 3296, 3297 TQFP80 requires ET80-QF47 QFP64 requires ET64-QF29
LA-6794
M-H8/3437
Module Top H8/3437
supports H8/3434-3437, 16MHz
LA-6795
A-H8/3437
Module Bottom H8/3437
QFP100, TQFP100 Adapter for H8/3434-3437 QFP100, TQFP100 requires ET100-QF49
LA-6951
M-H8/3217
Module Top H8/3217
supports H8/3202, 3212, 3214, 3216, 3217
LA-6799
A-H8/300-D
Module Bottom H8/3217 Series
TQFP80 Adapter for H8/3202, 3212, 3214, 3216, 3217 QFP64 Adapter for H8/3202, 3212, 3214, 3216, 3217 DIL64 Adapter for H8/3202, 3212, 3214, 3216, 3217 TQFP80 requires ET80-QF47 QFP64 requires ET64-QF29
LA-6952
M-H8/3644
Module Top H8/3644 family
supports H8/3640-3644 with module bottom LA-6954
LA-6954
A-H8/3644
Module Bottom H8/3644 family
TQFP80 Adapter for H8/3640-3644 QFP64 Adapter for H8/3640-3644 DIL64 Adapter for H8/3640-3644 TQFP80 requires ET80-QF47 QFP64 requires ET64-QF29
ICE-H8 Order Information
TRACE32 - Technical Information
OrderNo Code LA-6953
M-H8/3814/ 3834
48
Text Module Top H8/3814/3834 family
supports H8/3812-3814, H8/3833-3837 with module bottom LA-6955
LA-6955
Module Bottom H8/3814/3834 family
A-H8/3814/3834 ET100-QF06-Adapter for H8/3812-3814, H8/3833-3837 ET100-QF49-Adapter for H8/3812-3814, H8/3833-3837
LA-6940
M-H8/3827
Module Top H8/3827
supports H8/3827 and H8/3867 with module bottom A-H8/3827
LA-6941
A-H8/3827
Module Bottom H8/3827
Support H8/3827 and H8/3867 Adaption ET80-QF14
LA-6957
M-H8/3067
Module Top H8/3067
supports H8/3006/3007, H8/3060-3062 and H8/3064-3067 with module bottom A-H8/3067
LA-6958
A-H8/3067
Module Bottom H8/3067
QFP100, TQFP100 Adapter for H8/3006/3007, H8/3060-62 and H8/3064-67 QFP100 requires ET100-QF49 or ET100-QF06 TQFP100 requires ET100-QF49
LA-6745
M-H8/520
Module Top H8/520
supports H8/520, 10 MHz
LA-6746
M-H8/532
Module Top H8/532
supports H8/532, 10 MHz
LA-6747
M-H8/534R
Module Top H8/534R,536R
supports H8/534R, H8/536R, 10 MHz
LA-7300
M-H8/534S
Module H8/534S/536S
supports H8/534S, H8/536S, 16 MHz
LA-7301
M-H8/537
Module H8-537
supports H8/537, 16 MHz
LA-6737
A-H8/500-8
Module Bottom H8/520, 532, 534, 536, 537
DIL64-Adapter for H8/520 PLCC68-Adapter for H8/520 PLCC84-Adapter for H8/532, 534R, 534S, 536R, 536S, 537
Detailed Order Information
Order No. LA-6740 LA-6741 LA-6791
Code
Text
ICE-H8 M-H8/325 A-H8/300-F
ICE-H8 Base Module Module Top H8/325 Module Bottom H8/325/3257 Series
ICE-H8 Order Information
TRACE32 - Technical Information
49
Order No. LA-6742 LA-6743 LA-6792 LA-6744 LA-6739 LA-6738 LA-6798 LA-6730 LA-6956 LA-6732 LA-6797 LA-6731 LA-6733 LA-6735 LA-6793 LA-6796 LA-6794 LA-6795 LA-6951 LA-6799 LA-6952 LA-6954 LA-6953 LA-6955 LA-6940 LA-6941 LA-6957 LA-6958 LA-6745 LA-6746 LA-6747 LA-7300 LA-7301 LA-6737
Code M-H8/329/338 M-H8/330 M-H8/3334 M-H8/350 A-H8/300-B A-H8/300-A A-H8/300-C M-H8/3003 A-H8/3001 A-H8/3003 A-H8/3004/3005 M-H8/3048 A-H8/3048/3032 A-H8/3032 M-H8/3297 A-H8/300-E M-H8/3437 A-H8/3437 M-H8/3217 A-H8/300-D M-H8/3644 A-H8/3644 M-H8/3814/3834 A-H8/3814/3834 M-H8/3827 A-H8/3827 M-H8/3067 A-H8/3067 M-H8/520 M-H8/532 M-H8/534R M-H8/534S M-H8/537 A-H8/500-8
Text Module Top H8/329/338 Module Top H8/330 Module Top H8/3334 Module Top H8/350 Module Bottom H8/329, 330, 338, 350, 3334 Module Bottom H8/322..325, 330, 336..338, 350 Module Bottom H8/330, 338, 350, 3334, 3397 Module Top H8/3003 Module Bottom H8/3001 Module Bottom H8/3003 Module Bottom H8/3004, 3005, 3078, 3079 Module Top H8/3048 Module Bottom H8/3048/3032 Module Bottom H8/3032 Module Top H8/3297 Module Bottom H8/3297 Series Module Top H8/3437 Module Bottom H8/3437 Module Top H8/3217 Module Bottom H8/3217 Series Module Top H8/3644 family Module Bottom H8/3644 family Module Top H8/3814/3834 family Module Bottom H8/3814/3834 family Module Top H8/3827 Module Bottom H8/3827 Module Top H8/3067 Module Bottom H8/3067 Module Top H8/520 Module Top H8/532 Module Top H8/534R,536R Module H8/534S/536S Module H8-537 Module Bottom H8/520, 532, 534, 536, 537
Additional Options
LA-9547 LA-7216 TO-1260 TO-1250 TO-1255 BGA256-CPUADAPTER BGA357-CPUADAPTER ET100-ETOQF06 ET100-ETOQF49 ET100-ETO-SE CPU Test Adapter for BGA256 (MPC850) CPU Test Adapter for BGA357 (MPC860) Emul. Adapter for TO socket ET100-QF06 Emul. Adapter for T0 socket ET100-QF49 Emul. Adapter for T0 socket ET100-SE 0.4mm
ICE-H8 Order Information
TRACE32 - Technical Information
50
Order No.
YA-1031 YA-1091 ET-1030 ET-1092 TO-1261 TO-1251 LA-1105 TO-1290 YA-1101 ET-1100 TO-1291 YA-1142 TO-1240 YA-1121 ET-1122 TO-1275 TO-1270 YA-1131 YA-1081 ET-1130 TO-1276 TO-1271 LA-7528 LA-6450 LA-1923 LA-1924 LA-1926 LA-1927 LA-8808
Code
ET100-EYAQF06 ET100-EYAQF49
Text
Emul. Adapter for YAMAICHI socket ET100-QF06 Emul. Adapter for YAMAICHI socket ET100-QF49
ET100-SET-QF06 Surface Mountable Adapter for ET100 to QF06 ET100-SET-QF49 Surface Mountable Adapter for ET100-QF49 ET100-STOQF06 ET100-STOQF49 ET112-CPUQF36 ET112-ETOQF36 ET112-EYAQF36 ET112-STOQF36 ET120-EYAQF56 ET64-ETO-QF29 ET64-EYA-QF29 ET64-SET-QF29 ET80-ETO-QF14 ET80-ETO-QF47 ET80-EYA-QF14 ET80-EYA-QF47 ET80-SET-QF14 ET80-STO-QF14 ET80-STO-QF47 MON-H8 PA64 PLCC-BLOCK-68 PLCC-BLOCK-84 PLCC-TESTADAPTER-68 PLCC-TESTADAPTER-84 SIM-H8 Emul. Adapter TO-surface mount. ET100-QF06 Emul. Adapter TO-surface mount. ET100-QF49 CPU Test Adapter for ET112-QF36 Emul. Adapter for TO socket ET112-QF36 Emul. Adapter for YAMAICHI socket ET112-QF36
ET112-SET-QF36 Surface Mountable Adapter for ET112-QF36 Emul. Adapter TO-surface mount. ET112-QF36 Emul. Adapter for YAMAICHI socket ET120-QF56 Emul. Adapter for T0 socket ET64-QF29 Emul. Adapter for YAMAICHI socket ET064-QF29 Surface Mountable Adapter for QF29 Emul. Adapter for T0 socket ET080-QF14 Emul. Adapter for T0 socket ET080-QF47 Emul. Adapter for YAMAICHI socket ET080-QF14 Emul. Adapter for YAMAICHI socket ET080-QF47 Surface Mountable Adapter for ET80-QF14 Emul. Adapter TO-surface mount. ET080-QF14 Emul. Adapter TO-surface mount. ET080-QF47 ROM Monitor for H8/300H and H8S family on ESI Port Analyzer PLCC Block 68 Pins PLCC Block 84 Pins PLCC Test Adapter 68 Pins PLCC Test Adapter 84 Pins Instruction Set Simulator for H8 and H8S
ICE-H8 Order Information
TRACE32 - Technical Information
51
Contact
International Representative
Australia
Embedded Logic Solutions Pty Ltd Mr. Ramzi Kattan 23/1 Maitland Place Baulkham Hills NSW 2153 Phone: ++61 02 9899 1703 FAX: ++61 02 9899 1723 EMAIL: sales@emlogic.com.au
Finland
Nohau Mr. Leevi Lehtinen Teknobulevardi 3-5 FI-01531 Vantaa Phone: ++358 40 546 1469 FAX: ++358 9 2517 8101 EMAIL: leevi.lehtinen@nohau.se
Austria
Lauterbach Datentechnik GmbH Mr. Norbert Weiss Fichtenstr. 27 D-85649 Hofolding Phone: ++49 8104 8943 183 FAX: ++49 8104 8943 170 EMAIL: info_de@lauterbach.com
France
Logic Instrument Mr. Stephane Morice BP 116 71, route de Saint-Denis F-95170 Deuil la Barre Phone: ++33 1 342861 70 FAX: ++33 1 342800 50 EMAIL: s.morice@logic-instrument.com
Belgium
Tritec Benelux B.V. Mr. Robbert de Voogt Stationspark 550 NL-3364 DA Sliedrecht Phone: ++31 184 41 41 31 FAX: ++31 184 42 36 11 EMAIL: software@tritec.nl
Germany
Lauterbach Datentechnik GmbH Mr. Norbert Weiss Fichtenstr. 27 D-85649 Hofolding Phone: ++49 8104 8943 0 FAX: ++49 8104 8943 170 EMAIL: info_de@lauterbach.com
Brazil
ANACOM Software e Hardware Ltd Mr. Rodrigo Ferreira Rua Nazareth, 807, Bairro Barc BR-09551-200 Sao Caetano do Sul Phone: 0055 11 3422-4200 FAX: 0055 11 3422-4242 EMAIL: rferreira@anacom.com.br
Germany North
Lauterbach Datentechnik GmbH Mr. Klaus Hommann Leonhardring 5 D-31319 Sehnde Phone: ++49 5138 6185 0 FAX: ++49 5138 6185 3 EMAIL: klaus.hommann@lauterbach.com
Canada
Lauterbach Inc. 4 Mount Royal Ave. USA-Marlborough, MA 01752 Phone: ++1 508 303 6812 FAX: ++1 508 303 6813 EMAIL: info_us@lauterbach.com
India
Electro Systems Ass. Pvt. Ltd. Mr. G. V. Gurunatham 4215 JK Complex First Main Rd. IND-Bangalore 560 021 Phone: ++91 80 23577924 FAX: ++91 80 23475615 EMAIL: esaindia@vsnl.com
China
Suzhou Lauterbach Technologies Co.,Ltd. Mr. Yue Zhao Room 1605, Xing Hai International Square No.200, Xing Hai Street Suzhou, 215021 PR of China Phone: 0086-512 6265 8030 FAX: 0086-512 6265 8032 EMAIL: info_cn@lauterbach.com
Ireland
Lauterbach Ltd. Mr. Barry Lock 11 Basepoint Enterprise Centre Stroudley Road Basingstoke, Hants RG24 8UP Phone: ++44-1256-333-690 FAX: ++44-1256-336-661 EMAIL: info_uk@lauterbach.com
Denmark
Nohau Danmark A/S Mr. Flemming Jensen Klausdalsbrovej 493 DK-2730 Herlev Phone: ++45 44 52 16 50 FAX: ++45 44 52 26 55 EMAIL: info@nohau.dk
Israel
Itec Ltd. Mr. Mauri Gottlieb P.O.Box 10002 IL-Tel Aviv 61100 Phone: ++972 3 6491202 FAX: ++972 3 6497661 EMAIL: general@itec.co.il
Egypt
Wantech Mr. Nawara 5 Shafik Ghalie St., Suite 2 Off Pyramids Road, Giza Cairo 12111 Phone: ++20 2 5848020 FAX: ++20 2 5877303 EMAIL: sales@wantechnet.com
Italy
Lauterbach Srl Mr. Maurizio Menegotto Via Enzo Ferrieri 12 I-20153 Milano Phone: ++39 02 45490282 FAX: ++39 02 45490428 EMAIL: info_it@lauterbach.com
ICE-H8 Contact
TRACE32 - Technical Information
Japan
Lauterbach Japan, Ltd. Mr. Kenji Furukawa 3-9-5 Shinyokohama Kouhoku-ku Yokohama-shi, Japan 222-0033 Phone: ++81-45-477-4511 FAX: ++81-45-477-4519 EMAIL: info@lauterbach.co.jp
52
South Korea
MDS Technology Co.,Ltd. Mr. Hyunchul Kim 15F Kolon Digital Tower Vilant #222-7, Guro-3dong, Guro-gu Seoul, 152-848, ROK Phone: ++82 2 2106 6000 FAX: ++82 2 2106 6004 EMAIL: trace32@mdstec.com
Luxemburg
Tritec Benelux B.V. Mr. Robbert de Voogt Stationspark 550 NL-3364 DA Sliedrecht Phone: ++31 184 41 41 31 FAX: ++31 184 42 36 11 EMAIL: software@tritec.nl
Spain
Captura Electronica,SCCL Mr. Juan Martinez c/Albert Einstein s/n Edificio Forum de la Tecnol. E-08042 Barcelona Phone: ++34 93 291 76 33 FAX: ++34 93 291 76 35 EMAIL: info@captura-el.com
Malaysia
Flash Technology Mr. Teo Kian Hock No 61, # 04-15 Kaki Bukit Av 1 Shun Li Industrial Park SGP-Singapore 417943 Phone: ++65 6749 6168 FAX: ++65 6749 6138 EMAIL: teokh@flashtech.com.sg
Sweden
Nohau Elektronik AB Mr. Magnus Engstrom Derbyvagen 4 SE-21235 Malmoe Phone: ++46 40 59 22 00 FAX: ++46 40 59 22 29 EMAIL: info@nohau.se
Netherlands
Tritec Benelux B.V. Mr. Robbert de Voogt Stationspark 550 NL-3364 DA Sliedrecht Phone: ++31 184 41 41 31 FAX: ++31 184 42 36 11 EMAIL: software@tritec.nl
Switzerland
JDT Jberg DatenTechnik Mr. Andreas Iberg Zimmereistrasse 2 CH-5734 Reinach AG Phone: ++41 62 7710 886 FAX: ++41 62 7717 187 EMAIL: Andreas.Jberg@jdt.ch
New Zealand
Embedded Logic Solutions Pty Ltd Mr. Ramzi Kattan 23/1 Maitland Place Baulkham Hills NSW 2153 Phone: ++61 02 9899 1703 FAX: ++61 02 9899 1723 EMAIL: sales@emlogic.com.au
Taiwan
Superlink Technology Corp. Mr. Sulin Huang 3F-8,No.77,Shin-Tai-Wu Rd.Sec1 Taipei Hsien 221, Taiwan, R.O.C. Phone: ++886 2 26983456 FAX: ++886 2 26983535 EMAIL: info.stc@superlink.com.tw
Norway
Nohau Elektronik AB Mr. Greger Andersson Derbyvagen 4 S-21235 Malmoe Phone: ++46 40 59 22 00 FAX: ++46 40 59 22 29 EMAIL: info@nohau.se
Turkey
Bildem Bilgisayar Ltd. Sti. Mr. Hakan Yavuz Koroglu Cad. 64/3 G.O.Pasa TR-06700 Ankara Phone: ++90 312 4472700 FAX: ++90 312 4472702 EMAIL: info@bildem.com.tr
Poland
Quantum Sp.z o.o. Korp. Transf Mr. Czeslaw Bil ul. Skwierzynska 21 53-521 Wroclaw Phone: ++48 71 362 6356 FAX: ++48 71 362 6357 EMAIL: bil@quantum.com.pl
UK
Lauterbach Ltd. Mr. Barry Lock 11 Basepoint Enterprise Centre Stroudley Rd Basingstoke, Hants RG24 8UP Phone: ++44 (0) 1256-333690 FAX: ++44 (0) 1256-336661 EMAIL: info_uk@lauterbach.com
Portugal
Captura Electronica,SCCL Mr. Juan Martinez c/Albert Einstein s/n Edificio Forum de la Tecnol. E-08042 Barcelona Phone: ++34 93 291 76 33 FAX: ++34 93 291 76 35 EMAIL: info@captura-el.com
USA East
Lauterbach Inc. Mr. Udo Zoettler 4 Mount Royal Ave. USA-Marlborough, MA 01752 Phone: ++1 508 303 6812 FAX: ++1 508 303 6813 EMAIL: info_us@lauterbach.com
Singapore
Flash Technology Mr. Teo Kian Hock No 61, # 04-15 Kaki Bukit Av 1 Shun Li Industrial Park SGP-Singapore 417943 Phone: ++65 6749 6168 FAX: ++65 6749 6138 EMAIL: teokh@flashtech.com.sg
USA West
Lauterbach Inc. Mr. Jerry Flake 13256 SW. Hillshire Drive USA-Tigard, OR 97223 Phone: ++1 503 524 2222 FAX: (503) 524 2223 EMAIL: jerry.flake@lauterbach.com
ICE-H8 Contact
TRACE32 - Technical Information
53
Additional Information
http://www.lauterbach.com
Lauterbach Japan, Ltd. Lauterbach Datentechnik GmbH
Fichtenstr. 27 D-85649 Hofolding Tel. ++49 8104 8943-188 FAX -187 info@lauterbach.com http://www.lauterbach.de 3-9-5 Shinyokohama Kouhoku-ku Yokohama-shi Japan 222-0033 Phone ++81-45-477-4511 FAX -4519 info_j@lauterbach.com http://www.lauterbach.co.jp
Lauterbach s.r.l.
Lauterbach s.r.l. Via Enzo Ferrieri 12 I-20153 Milano Phone ++39 02 45490282 FAX ++39 02 45490428 info_it@lauterbach.it http://www.lauterbach.it
Lauterbach Inc.
4 Mount Royal Ave. Marlboro MA 01752 Phone (508) 303 6812 FAX (508) 303 6813 info_us@lauterbach.com http://www.lauterbach.com/usa
Lauterbach Ltd.
11 Basepoint Enterprise Ctre Stroudley Road Basingstoke, Hants RG24 8UP Phone ++44-1256-333-690 FAX -661 info_uk@lauterbach.com http:/www.lauterbach.co.uk
Suzhou Lauterbach Consulting Co.,Ltd.
Room 1605, Xing Hai International Square No.200, Xing Hai Street Suzhou, 215021 PR of China Phone: 0086-512 6265 8030 FAX: 0086-512 6265 8032 info@lauterbach.cn http://www.lauterbach.cn
Disclaimer
The information presented is intended to give overview information only. Changes and technical enhancements or modifications can be made with-
ICE-H8 Contact


▲Up To Search▲   

 
Price & Availability of H83256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X