Part Number Hot Search : 
ANTXV TORX177 2D03BV2 4VHCT0 P3020L 50056 0924DH 5357B
Product Description
Full Text Search
 

To Download P4KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State
FEATURES l l l l l l l l Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated chip junction in DO-41 package 400W surge capability at 1ms Excellent clamping capability Low zener impedance Fast response time: typically less DO-41
than 1.0 ps from 0 volts to BV min Typical IR less than 1 A above 10V High temperature soldering guaranteed:
300 /10 seconds/.375",(9.5mm) lead length/5lbs., (2.3kg) tension
MECHANICAL DATA Case: JEDEC DO-41 molded plastic Terminals: Axial leads, solderable per MIL-STD-202, Method 208 Polarity: Color band denoted cathode except Bipolar Mounting Position: Any Weight: 0.012 ounce, 0.34 gram
DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. RATING Peak Power Dissipation at TA=25 , TP=1ms(Note 1) Steady State Power Dissipation at TL=75 Lead Lengths .375",(9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JECED Method) (Note 3) Operating and Storage Temperature Range SYMBOL PPK PD IFSM TJ,TSTG VALUE Minimum 400 1.0 40.0 -65 to+175 UNITS Watts Watts Amps
NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 per Fig. 2. 2.Mounted on Copper Leaf area of 1.57in2(40mm2). 3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. RATING AND CHARACTERISTIC CURVES P4KE SERIES
Fig. 1-PEAK PULSE POWER RATING VERSUS PULSE TIME CURVE
Fig. 2-PULSE DERATING CURVE
Fig. 3-PULSE WAVEFORM
Fig. 4-TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
Fig. 5-STEADY STATE POWER DERATING CURVE
Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
UNI-DIRECTIONAL 400 Watt Axial Lead TVS
UNIDIRECTIONAL PART NUMBER P4KE6.8 P4KE6.8A P4KE7.5 P4KE7.5A P4KE8.2 P4KE8.2A P4KE9.1 P4KE9.1A P4KE10 P4KE10A P4KE11 P4KE11A P4KE12 P4KE12A P4KE13 P4KE13A P4KE15 P4KE15A P4KE16 P4KE16A P4KE18 P4KE18A P4KE20 P4KE20A P4KE22 P4KE22A P4KE24 P4KE24A P4KE27 P4KE27A P4KE30 P4KE30A P4KE33 P4KE33A P4KE36 P4KE36A P4KE39 P4KE39A P4KE43 P4KE43A P4KE47 P4KE47A P4KE51 P4KE51A P4KE56 P4KE56A REVERSE STAND-OFF Voltage VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.60 47.80 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 TEST CURRENT IT (mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 PEAK PULSE CURRENT IPP (A) 38.0 40.0 36.0 37.0 33.0 35.0 30.0 31.0 28.0 29.0 26.0 27.0 24.0 25.0 22.0 23.0 19.0 20.0 18.0 19.0 16.0 17.0 14.0 15.0 13.0 14.0 12.0 13.0 11.0 11.2 10.0 10.0 9.0 9.0 8.0 8.4 7.4 7.8 6.8 7.1 6.2 5.0 5.7 6.0 5.2 5.5 REVERSE LEAKAGE @VRWM IR (uA) 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
P4KE62 P4KE62A P4KE68 P4KE68A P4KE75 P4KE75A P4KE82 P4KE82A P4KE91 P4KE91A P4KE100 P4KE100A P4KE110 P4KE110A P4KE120 P4KE120A P4KE130 P4KE130A P4KE150 P4KE150A P4KE160 P4KE160A
50.20 53.00 55.10 58.10 60.70 64.10 66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00
55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00
68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0
4.7 5.0 4.3 4.6 3.9 4.1 3.6 3.7 3.2 3.4 2.9 3.1 2.7 2.8 2.4 2.5 2.2 2.3 2.0 2.0 1.8 1.9
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
UNI-DIRECTIONAL 400 Watt Axial Lead TVS
UNIDIRECTIONAL PART NUMBER P4KE170 P4KE170A P4KE180 P4KE180A P4KE200 P4KE200A P4KE220 P4KE220A P4KE250 P4KE250A P4KE300 P4KE300A P4KE350 P4KE350A P4KE400 P4KE400A P4KE440 P4KE440A REVERSE STAND-OFF Voltage VRWM (V) 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00 356.00 376.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00 TEST CURRENT IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 600.0 PEAK PULSE CURRENT IPP (A) 1.7 1.8 1.6 1.7 1.5 1.53 1.16 1.22 1.1 1.16 0.93 0.97 0.79 0.83 0.70 0.73 0.66 0.69 REVERSE LEAKAGE @VRWM IR (uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
BI-DIRECTIONAL 400 Watt Axial Lead TVS
BI-DIRECTIONAL PART NUMBER P4KE6.8C P4KE6.8CA P4KE7.5C P4KE7.5CA P4KE8.2C P4KE8.2CA P4KE9.1C P4KE9.1CA P4KE10C P4KE10CA P4KE11C P4KE11CA P4KE12C P4KE12CA P4KE13C P4KE13CA P4KE15C P4KE15CA P4KE16C P4KE16CA P4KE18C P4KE18CA P4KE20C P4KE20CA REVERSE STAND-OFF Voltage VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 TEST CURRENT IT (mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 PEAK PULSE CURRENT IPP (A) 38.0 40.0 36.0 37.0 33.0 35.0 30.0 31.0 28.0 29.0 26.0 27.0 24.0 25.0 22.0 23.0 19.0 20.0 18.0 19.0 16.0 17.0 14.0 15.0 REVERSE LEAKAGE @VRWM IR (uA) 2000 2000 1000 1000 400 400 100 100 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5
P4KE22C P4KE22CA P4KE24C P4KE24CA P4KE27C P4KE27CA P4KE30C P4KE30CA P4KE33C P4KE33CA P4KE36C P4KE36CA P4KE39C P4KE39CA P4KE43C P4KE43CA P4KE47C P4KE47CA P4KE51C P4KE51CA P4KE56C P4KE56CA P4KE62C P4KE62CA P4KE68C P4KE68CA P4KE75C P4KE75CA P4KE82C P4KE82CA P4KE91C P4KE91CA P4KE100C P4KE100CA P4KE110C P4KE110CA P4KE120C P4KE120CA P4KE130C P4KE130CA P4KE150C P4KE150CA P4KE160C P4KE160CA
17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.60 47.80 50.20 53.00 55.10 58.10 60.70 64.10 66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00
19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00
24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0
13.0 14.0 12.0 13.0 11.0 11.2 10.0 10.0 9.0 9.0 8.0 8.4 7.4 7.8 6.8 7.1 6.2 5.0 5.7 6.0 5.2 5.5 4.7 5.0 4.3 4.6 3.9 4.1 3.6 3.7 3.2 3.4 2.9 3.1 2.7 2.8 2.4 2.5 2.2 2.3 2.0 2.0 1.8 1.9
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
BI-DIRECTIONAL 400 Watt Axial Lead TVS
BI-DIRECTIONAL PART NUMBER P4KE170C P4KE170CA P4KE180C P4KE180CA P4KE200C P4KE200CA P4KE220C P4KE220CA P4KE250C P4KE250CA P4KE300C P4KE300CA P4KE350C P4KE350CA P4KE400C P4KE400CA P4KE440C P4KE440CA REVERSE STAND-OFF Voltage VRWM (V) 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00 356.00 376.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00 TEST CURRENT IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 600.0 PEAK PULSE CURRENT IPP (A) 1.7 1.8 1.6 1.7 1.5 1.53 1.16 1.22 1.11 1.16 0.93 0.97 0.79 0.83 0.70 0.73 0.66 0.69 REVERSE LEAKAGE @VRWM IR (uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5


▲Up To Search▲   

 
Price & Availability of P4KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X