Part Number Hot Search : 
LT1114C LXO108 1N2242A A152ML 04P5X CP82C88 IW406 4051C
Product Description
Full Text Search
 

To Download GC15004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOC
Tuning Varactors
FREQUENCY LINEAR TUNING VARACTORS
DESCRIPTION
A Frequency Linear Tuning Varactor (FLTVAR)TM is a silicon epitaxial mesa device, designed to provide wideband Linear Tuning in VCO and filter applications. These diodes feature thermal oxide passivation for high reliability, low leakage current, and very low surface noise. They offer Q values well above ion-implanted hyperabrupt diodes. The specifications below apply to chips, or to chips mounted on carriers. Although these chips can be provided in any of our standard packages, this is not recommended for the lower capacitance diodes, because the parallel parasitic capacitance of the package degrades linearity at high bias voltages.
suitable circuits, with no need for external linearization. The combination of high Q and low surface noise results in low FM noise in VCO applications. They are particularly useful in modulated VCO's because of their constant sensitivity, and high modulation rate capability.
ELECTRICAL SPECIFICATIONS: TA=25C
APPLICATIONS
The GC15000 series of frequency-linear tuning varactors are used in VCO's, filters, amplifiers and modulators for wide band tuning through Ku band. The frequency linear characteristics allow over one octave linear tuning in JUNCTIO N1 CAPACIT ANCE CJ-4 (pF) SENSITIV ITY2 TYP 0.7 1.0 2.0 5.0 10.0 22.0 33.0 48.0 0.7 1.0 2.0 5.0 10.0 22.0 33.0 48.0 QUALITY FACTOR3 TYP TUNING RATION4 CJ0 / CJV TYP .08 .08 .08 .08 .08 .08 .08 .08 .11 .11 .11 .11 .11 .11 .11 .11 Typical Performance
MODEL NUMBER
GC15001 GC15002 GC15003 GC15004 GC15005 GC15014 GC15015 GC15016 GC15006 GC15007 GC15008 GC15009 GC15010 GC15011 GC15012 GC15013
NOTES: 1. 2. 3. 4.
1500 1450 1400 1300 900 600 475 400 900 875 850 825 800 600 475 400
6:1 6:1 6:1 6:1 6:1 6:1 6:1 6:1 11:1 11:1 11:1 11:1 11:1 11:1 11:1 11:1
Other capacitance values are available; consult factory. Other S values and tuning ranges can be developed. V=4 V 50 MHz , Sensitivity series, S = .08; V = 15 volts. Sensitivity series, S = . 11; V = 20 volts.
RATINGS
Minimum Voltage Breakdown: Maximum Leakage Current: Capacitance Tolerance: Operating Temperature: Storage Temperature: 22 volts at 10A max 50 nA at 20 volts, 25C 10% at -4 volts1 -55C to +150C -65C to +200C
SEMICONDUCTOR OPERATION
75 T echnology Drive Lowell, MA 01851 T el: 978-442-5600 Fax: 978-937-3748
35
TOC
Tuning Varactors
FREQUENCY LINEAR TUNING VARACTORS
Frequency vs Reverse Voltage in Single Stage L-C Circuit Typical Capacitance vs Reverse Voltage
SEMICONDUCTOR OPERATION
75 T echnology Drive Lowell, MA 01851 T el: 978-442-5600 Fax: 978-937-3748
36


▲Up To Search▲   

 
Price & Availability of GC15004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X