Part Number Hot Search : 
88PG8216 MS2305 1N4481 T3331 MG100Q M56769 AD1849 CTQ080
Product Description
Full Text Search
 

To Download AT-226 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-226
AT-226
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
Features
* * * * Single Control CMOS logic for each bit Attenuation: 1 dB steps to 15 dB Low DC Power Consumtion: 50 uW Low Cost Plastic TSSOP - 16 Package
.256 .246 6,5 6,25
TSSOP-16
PIN 16
Description
The M/A-COM AT-226 is a 4 bit, 1 dB step GaAs MMIC digital attenuator in a low cost TSSOP-16 surface mount plastic package. The AT-226 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain/level control circuits. The AT-226 is fabricated using mature 1 micron GaAs MESFET process. The process features full chip passivation for increased performance and reliability.
.037 .033 0,95 0,85
PIN 1 .169 BSC 4,5 .201 .193 5,11 4,9
.177 .169 4,5 4,29
PIN Configuration Functional Schematic
Vs RF1 GND GND GND GND GND GND RF2 P IN 1 6
1,2
Pin No. 1,2,7,8 3 4 5 6 9 10,11,12,13,14,15 16
Function GND VC1 VC2 VC3 VC4 RF2 GND RF1
Description RF Ground Control 1 Control 2 Control 3 Control 4 RF in/out RF Ground RF in/out
Truth Table
8 4 2 1
1, 2, 3
VC1 1 1 1 1 0 0
VC2 1 1 1 0 1 0
VC3 1 1 0 1 1 0
VC4 1 0 1 1 1 0
Attenuation (dB) Reference I.L. 1 2 4 8 15
P IN 1 GND GND VC1 VC2 VC3 VC4 GND GND
1. Required external blocking caps shown 2. VS can be applied at RF1 or RF2 using a 10K or greater pull-up resistor.
1. Logic 0 = 0 + 0.2 V 2. Logic 1 = +5 V @ 30 A max. current total 3. VS = +5 V
V3.00 M/A-COM Division of AMP Incorporated 3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-226
Electrical Specifications at TA = +25C
Parameter Reference Insertion Loss Attenuation Accuracy VSWR Trise,Tfall Ton, Toff P1dB IP2 IP3 Test Conditions 0.5 - 1.0 GHz 1.0 - 2.0 GHz 0.5 - 1.0 GHz 1.0-2.0 GHz 0.5 - 2.0 GHz Units dB dB Min. Typ. 1.3 1.0 Max. 1.6 1.3
(0.25 dB + 5% of Attenuation setting in dB) dB (0.4 dB + 5% of Attenuation setting in dB) dB
Input Power Measured Relative to Input Power Two Tone input up to 5dBm, 5MHz Spacing Measured Relative to Input Power Two Tone input up to 5dBm, 5MHz Spacing
>0.5 GHz >0.5GHz
s s dBm dBm
1.3:1 2.5 1.0 24 80
1.8:1
>0.5GHz
dBm
47
Typical Performance Curves
16 14 ATTENUATION (dB) 12
Relative Attenuation
8 6 4 2 0
IL(dB)
10
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
Insertion Loss
+85C
-40C +25C
0.5
1
1.5
2
2.5
3
0.5
1
FREQUENCY (GHz)
1.5 2 FREQUENCY (GHz)
2.5
3
2 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1
Input VSWR
1
VSWR
15dB TWC* for all states
2, 4dB
2 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1
Output VSWR
1
VSWR
TWC* for all states
15dB
2, 4dB
0.5
1
1.5
2
2.5
3
0.5
1
FREQUENCY (GHz)
1.5 2 FREQUENCY (GHz)
2.5
3
1. TWC = Typical worst case over all states
1. TWC = Typical worst case over all states
V3.00 M/A-COM Division of AMP Incorporated 3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-226
Typical Performance Curves (Cont'd)
0.15 0.1 0.05 0 -0.05 -0.1 -0.15 -0.2 -0.25
DEVIATION FROM NOMINAL ATTENUATION (dB)
Delta ATT +25C to -40C
8dB 2dB
0.6 0.4 0.2 0
Attenuation Accuracy vs Frequency
DELTA (dB)
4dB
1dB 15dB
-0.2
1dB 2dB 4dB 8dB 15dB
-0.4 -0.6 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
0.5
1
1.5 2 FREQUENCY (GHz)
2.5
3
0.25 0.2 DELTA (dB) 0.15 0.1 0.05 0 -0.05 -0.1
Delta ATT +25C to+85C
15dB
Absolute Maximum Ratings
Parameter Maximum Input Power
1
Maximum Ratings
1dB
50 MHz 500 - 2000 MHz
8dB 4dB 2dB
+27 dBm +34 dBm +8 V, -1.0 V -40C to +85C -65C to +150C
Control Voltage Operating Temperature
2.5 3
0.5
1
1.5
2
FREQUENCY (GHz)
Storage Temperature
1. Exceeding these limits may cause permanent damage.
V3.00 M/A-COM Division of AMP Incorporated 3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-226
V3.00 M/A-COM Division of AMP Incorporated 3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of AT-226

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X