Part Number Hot Search : 
GT60M103 284885 SDA5451 15SMC130 L0812 FRM140R D2E146 M38036
Product Description
Full Text Search
 

To Download MBR10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MBR1070CT - MBR10100CT
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Plastic Material: UL Flammability Classification Rating 94V-0
L B C K D A
1 2 3
TO-220AB
M
Dim A B C D E G
Min 14.22 9.65 2.54 5.84 3/4 12.70 2.29 0.51 3.53AE 3.56 1.14 0.30 2.03
Max 15.88 10.67 3.43 6.86 6.35 14.73 2.79 1.14 4.09AE 4.83 1.40 0.64 2.92
E J N G
H J K L M N P
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 2.24 grams (approx) Mounting Position: Any Marking: Type Number
HH
Pin 1 Pin 2 Pin 3
P
Case
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 100C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop @ IF = 5.0A, TC = 125C @ IF = 5.0A, TC = 25C @ IF = 10A, TC = 125C @ IF = 10A, TC = 25C @ TC = 25C @ TC = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM
@ TA = 25C unless otherwise specified
MBR 1070CT 70 49
MBR 1080CT 80 56 10 120 0.75 0.85 0.85 0.95 0.1 50 300 3.0 10,000
MBR 1090CT 90 63
MBR 10100CT 100 70
Unit V V A A
VFM
V
Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2)
IRM Cj RqJC dV/dt Tj, TSTG
mA pF K/W V/ms C
Typical Thermal Resistance Junction to Case (Note 1) Voltage Rate of Change Operating and Storage Temperature Range
-65 to +150
Notes:
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS30028 Rev. A-2
1 of 2
MBR1070CT-MBR10100CT
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
I(AV), AVERAGE FWD CURRENT (A)
6
10
4
1.0
2
0
0.1 0 0.2 0.4
Tj - 25C IF Pulse Width = 300s 2% Duty Cycle
0
50
100
150
0.6
0.8
1.0
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
300 250 200 150
Cj, CAPACITANCE (pF)
4000
Tj = 25C f = 1.0MHz
1000
100
50 0
100
1
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
DS30028 Rev. A-2
2 of 2
MBR1070CT-MBR10100CT


▲Up To Search▲   

 
Price & Availability of MBR10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X