Part Number Hot Search : 
MCD410 AAT3122 MSD2N60 MN100 05D15 2815S 390FA DD151N
Product Description
Full Text Search
 

To Download FM180-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FM120-N THRU FM1100-N
CHIP SCHOTTKY BARRIER RECTIFIER
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-100V
SOD-323
0.106 (2.7) 0.091 (2.3) 0.012(0.3) Typ.
0.057 (1.45) 0.041 (1.05)
0.047 (1.2) 0.031 (0.8)
0.016(0.4) Typ.
0.016(0.4) Typ.
FEATURES
* Batch process design, excellent power dissipation offers * * * * * * * * *
better reverse leakage current and thermal resistance. Low profile surface mounted application in order to optimize board space. Low power loss, high efficiency. High current capability, low forward voltage drop. High surge capability. Guardring for overvoltage protection. Very tiny plastic SMD package. Ultra high-speed switching. Silicon epitaxial planar chip, metal silicon junction. Lead-free parts meet environmental standards of MIL-STD-19500 /228
MECHANICAL DATA
* Epoxy : UL94-V0 rated flame retardant * Case : Molded plastic, SOD-323 * Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band * Mounting Position : Any * Weight : Approximated 0.008 gram
MAXIMUM RATING
www..com PARAMETER Forward rectified current Forward surge current
(AT T A=25 oC unless otherwise noted)
CONDITIONS See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) V R = V RRM T A = 25 OC V R = V RRM T A = 125 OC Junction to ambient f=1MHz and applied 4V DC reverse voltage
Symbol IO I FSM IR R eJA CJ T STG
MIN.
TYP.
MAX. 1.0 30 0.5 10
UNIT A A
Reverse current Thermal resistance Diode junction capacitance Storage temperature
mA
O
90 120 -65 +175
C/W pF
O
C
SYMBOLS FM120-N FM130-N FM140-N FM150-N FM160-N FM180-N FM1100-N
*1 V RRM (V) 20 30 40 50 60 80 100
V RMS*2 (V) 14 21 28 35 42 56 70
*3 VR (V) 20 30 40 50 60 80 100
*4 VF (V)
Operating temperature T J, ( OC) *1 Repetitive peak reverse voltage -55 to +125
0.55
*2 RMS voltage *3 Continuous reverse voltage
0.70 -55 to +150 0.85
*4 Maximum forward voltage
www.paceleader.tw
1
FM120-N THRU FM1100-N
CHIP SCHOTTKY BARRIER RECTIFIER
Rating and characteristic curves (FM120-N THRU FM1100-N)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
1.2 1.0
50
INSTANTANEOUS FORWARD CURRENT,(A)
15 FM
0N
0.8
12 FM
0.6 0.4 0.2 0 0 20 40 60 80
10 3.0 1.0
FM 12 0N
~F M 14
0 11 FM N~ 0N 0-
~F M 16
0N FM 15 0N
00 11 M ~F N 018 FM -N
100
AMBIENT TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
30
1 FM N~ 040 -N
120
140
160
180
200
TJ=25 C Pulse Width 300us 1% Duty Cycle
0.1
PEAK FORWARD SURGE CURRENT,(A)
24
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
18
TJ=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
12
6
FIG.5 - TYPICAL REVERSE
0 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
1 www..com
FIG.4-TYPICAL JUNCTION CAPACITANCE
350 300 250 200 150 100 50 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
TJ=75 C
.1
TJ=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
www.paceleader.tw
2
FM120-N THRU FM1100-N
CHIP SCHOTTKY BARRIER RECTIFIER
Pinning information Pin Pin1 Pin2 cathode anode Simplified outline Symbol
1
2
1
2
Marking Type number FM120-N FM130-N FM140-N FM150-N FM160-N FM180-N FM1100-N Marking code 12 13 14 15 16 18 10
Suggested solder pad layout
C
A
www..com
B
Dimensions in inches and (millimeters)
PACKAGE SOD-323
A 0.059 (1.50)
B 0.039 (1.00)
C 0.051 (1.30)
www.paceleader.tw
3


▲Up To Search▲   

 
Price & Availability of FM180-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X