Part Number Hot Search : 
87832 K2998 APTGF 13TAD CS520 74HC5 3F334EL SVF7N60F
Product Description
Full Text Search
 

To Download MBR30150PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3040PT SERIES
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency. * High current capability * Guardring for overvoltage protection * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
0.087(2.20) 0.070(1.80) 0.126(3.20) 0.110(2.80) 0.050(1.25) 0.045(1.15) 0.142(3.60) 0.125(3.20) 0.640(16.25) 0.620(15.75) 0.199(5.05) 0.175(4.45)
40 to 200 Volts
CURRENT
30 Amperes
0.600(15.25) 0.580(14.75) 0.839(21.30) 0.819(20.80)
0.095(2.40) 0.170(4.30) 0.145(3.70) 0.798(20.25) 0.777(19.75)
MECHANICAL DATA
* Case: TO-247AD/TO-3P molded plastic * Terminals: solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Mounting Position: Any * Weight: 0.2245 ounces, 6.3673 grams.
0.030(0.75) 0.017(0.45) 0.225(5.70) 0.204(5.20) 0.225(5.70) 0.204(5.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA ME TE R Maxi mum Recurrent P eak Reverse Voltage Maxi mum RMS Voltage Maxi mum D C B locki ng Voltage Maxi mum A verage F orward C urrent P eak F orward S urge C urrent : 8.3ms si ngle half si ne-wave superi mposed on rated load (JE D E C method) Maxi mum F orward Voltage at 15A per leg Maxi mum D C Reverse C urrent at Rated D C B locki ng Voltage Typi cal Thermal Resi sta nce Operati ng Juncti on and S torage Temperature Range
Note :
S YMB OL V RRM V RMS V DC IF(AV ) IFS M VF IR R JC T J ,T S TG
MBR3 040 P T MB R30 45P T MB R30 50 PT MB R306 0P T MB R30 80P T MBR3 090 P T MB R30 100 P T MB R301 50 PT MBR3 02 00P T
UNITS V V V A
40 28 40
45 31.5 45
50 35 50
60 42 60
80 56 80 30
90 63 90
100 70 100
150 105 150
200 140 200
275
A
0.7
0.75 0.1 20 1.4
0.8 0.05 20
0.9
V
T J =25 O C T J =125 O C
mA
O
C/W
O
-50 to + 150
-65 to +175
C
Both Bonding and Chip structure are available.
August 30,2010-REV.02
PAGE . 1
MBR3040PT SERIES
RATING AND CHARACTERISTIC CURVES
275
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
40 30 20 10 0
40V 45-200V
PEAK FORWARD SURGE CURRENT, AMPERES
50
250 225 200 175 150 125 100 75 50 25 0 1 2 5 10 20 50 100
RESISTIVE OR INDUCTIVE LOAD
0 20 40 60 80 100 120 140 160 180
LEAD TEMPERATURE, C Fig.1- FORWARD CURRENT DERATING CURVE
O
NO. OF CYCLE AT 60Hz
Fig.2- MAXIMUM NON-REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
TC=125 C
1.0
O
INSTANTANEOUS FORWARD CURRENT, AMPERES
40
10 8 6 4 2 1.0 0.8 0.6 0.4 0.2 0 .1
0.1
TC=75 C
O
0.01
TC=25 OC
40-45V 50-60V 80-100V 150-200V
0 .001
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
20
40
60
80
100
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
August 30,2010-REV.02
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR30150PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X