Part Number Hot Search : 
KGL4205 TA7666 CA12240 MBR1535 CS4412A TA7666 IDP23E60 D1790
Product Description
Full Text Search
 

To Download HS9-26CT31RHPROTO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
HS-26CT31RH
Data Sheet August 25, 2008 FN2929.3
Radiation Hardened Quad Differential Line Driver [ /Title (HS26C31 RH) /Subje ct (Radia tion Harde ned Quad Differe ntial Line Driver) /Autho r () /Keyw ords (Inters il Corpo ration, semic onduc tor, Radiat ion Harde ned, RH, Rad Hard, QML, Satellit e, SMD, Class V, Data
The Intersil HS-26CT31RH is a quad differential line driver designed for digital data transmission over balanced lines and meets the requirements of EIA standard RS-422. Radiation hardened CMOS processing assures low power consumption, high speed, and reliable operation in the most severe radiation environments. The HS-26CT31RH accepts TTL signal levels and converts them to RS-422 compatible outputs. This circuit uses special outputs that enable the drivers to power down without loading down the bus. Enable and disable pins allow several devices to be connected to the same data source and addressed independently.
Features
* Electronically Screened to SMD #5962-95632 * QML Qualified Per MIL-PRF-38535 Requirements * 1.2 Micron Radiation Hardened CMOS * Total Dose Up to 300kRAD(Si) * Latchup Free * EIA RS-422 Compatible Outputs (Except for IOS) * Operation with TTL Based on VIH = VDD/2 * High Impedance Outputs when Disabled or Powered Down * Low Power Dissipation 2.75mW Standby (Max) * Single 5V Supply * Low Output Impedance 10 or Less * Full -55C to +125C Military Temperature Range
Specifications
Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed here must be used when ordering. Detailed Electrical Specifications for these devices are contained in SMD 5962-95632. A "hot-link" is provided on our homepage for downloading. www.intersil.com/military/
Applications
* Line Transmitter for MIL-STD-1553 Serial Data Bus * Line Transmitter for RS422
Ordering Information
ORDERING NUMBER 5962F9563201QEC 5962F9563201QXC 5962F9563201VEC 5962F9563201VXC HS1-26CT31RH/PROTO HS9-26CT31RH/PROTO 5962F9563201V9A INTERNAL MKT. NUMBER HS1-26CT31RH-8 HS9-26CT31RH-8 HS1-26CT31RH-Q HS9-26CT31RH-Q HS1-26CT31RH/PROTO HS9-26CT31RH/PROTO HS0-26CT31RH-Q PART MARKING Q 5962F95 63201QEC Q 5962F95 63201QXC Q 5962F95 63201VEC Q 5962F95 63201VXC HS1 - 26CT31RH/PROTO HS9 - 26CT31RH/PROTO TEMP. RANGE (C) -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 -55 to +125 PACKAGE 16 LD SBDIP 16 LD FLATPACK 16 LD SBDIP 16 LD FLATPACK 16 LD SBDIP 16 LD FLATPACK PKG. DWG. # D16.3 K16.A D16.3 K16.A D16.3 K16.A
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2000, 2008. All Rights Reserved Satellite Applications FlowTM (SAF) is a trademark of Intersil Corporation. All other trademarks mentioned are the property of their
HS-26CT31RH Pinouts
HS1-26CT31RH (16 LD SBDIP) CDIP2-T16 TOP VIEW
AIN 1 AO 2 AO 3 ENABLE 4 BO 5 BO 6 BIN 7 GND 8 16 VDD 15 DIN 14 DO 13 DO 12 ENABLE 11 CO 10 CO 9 CIN AIN AO AO ENABLE BO BO BIN GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD DIN DO DO ENABLE CO CO CIN
HS9-26CT31RH (16 LD FLATPACK) CDFP4-F16 TOP VIEW
Logic Diagram
ENABLE ENABLE DIN CIN BIN AIN
DO DO
CO CO
BO BO
AO AO
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 2
FN2929.3 August 25, 2008
HS-26CT31RH Die Characteristics
DIE DIMENSIONS: 96.5 milx195 milsx21 mils (2450x4950) INTERFACE MATERIALS: Glassivation: Type: PSG (Phosphorus Silicon Glass) Thickness: 10kA 1kA Metallization: M1: Mo/TiW Thickness: 5800A M2: Al/Si/Cu (Top) Thickness: 10kA 1kA Substrate: AVLSI1RA Backside Finish: Silicon ASSEMBLY RELATED INFORMATION: Substrate Potential (Powered Up): VDD ADDITIONAL INFORMATION: Worst Case Current Density: <2.0x105A/cm2 Bond Pad Size: 110mx100m
Metallization Mask Layout
HS26CT31RH
(16) VDD (16) VDD (15) DIN (14) DO (13) DO (12) ENABLE (11) CO (10) CO CIN (9) (1) AIN AO (2) AO (3) ENABLE (4) BO (5) BO (6)
GND (8)
3
GND (8)
BIN (7)
FN2929.3 August 25, 2008


▲Up To Search▲   

 
Price & Availability of HS9-26CT31RHPROTO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X