Part Number Hot Search : 
CY29352 MX7224UQ MA142 FN3119 UPD2732A 102M000 LTC290 04365
Product Description
Full Text Search
 

To Download BC847 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC846BPDW Series NPN/PNP Dual General Purpose Transistors
P b Lead(Pb)-Free
3 2 1
65
4
1
4 5 6
2
3
NPN+PNP
SOT-363(SC-88)
MAXIMUM RATINGS - NPN
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC BC846 65 80 6.0 100 BC847 45 50 6.0 100 BC848 30 30 5.0 100 Unit V V V mAdc
MAXIMUM RATINGS - PNP
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC BC846 BC847 BC848 Unit V V V mAdc
-65 -80 -5.0 -100
-45 -50 -5.0 -100
-30 -30 -5.0 -100
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation Per Device FR-5 Board (1) TA = 25C Derate Above 25C Thermal Resistance Junction to Ambient Junction Temperature Range Storage Temperature Range 1. FR-5 = 1.0 x 0.75 x 0.062 in Symbol PD Max 380 250 Unit mW
3.0 R JA TJ Tstg 328 -55 to +150 -55 to +150
mW/C C/W C C
Device Marking
BC846BPDW = BB , BC847BPDW = 3F , BC847CPDW = 3G , BC848BPDW = 13K , BC848CPDW = 13L
WEITRON
http://www.weitron.com.tw
1/9
09-Oct-08
BC846BPDW Series
ELECTRICAL CHARACTERISTICS (NPN) (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 10 mA) V(BR)CEO BC846 Series BC847 Series BC848 Series V(BR)CES BC846 Series BC847B Only BC848 Series V(BR)CBO BC846 Series BC847 Series BC848 Series V(BR)EBO BC846 Series BC847 Series BC848 Series ICBO 6.0 6.0 5.0 -- -- -- -- -- -- -- -- -- -- 15 5.0 nA A 80 50 30 -- -- -- -- -- -- V 80 50 30 -- -- -- -- -- -- V 65 45 30 -- -- -- -- -- -- V V
Collector-Emitter Breakdown Voltage (IC = 10 A, VEB = 0)
Collector-Base Breakdown Voltage (IC = 10 A)
Emitter-Base Breakdown Voltage (IE = 1.0 A)
Collector Cutoff Current (VCB = 30 V) (VCB = 30 V, TA = 150C)
ON CHARACTERISTICS
DC Current Gain (IC = 10 A, VCE = 5.0 V) hFE BC846B, BC847B, BC848B BC847C, BC848C BC846B, BC847B, BC848B BC847C, BC848C VCE(sat) VBE(sat) VBE(on) -- -- 200 420 -- -- -- -- 580 -- 150 270 290 520 -- -- 0.7 0.9 660 -- -- -- 475 800 0.25 0.6 -- -- 700 770 V V mV --
(IC = 2.0 mA, VCE = 5.0 V)
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Collector-Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base-Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Base-Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base-Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V) Base-Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
SMALL-SIGNAL CHARACTERISTICS
Current-Gain -- Bandwidth Product (IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz) Output Capacitance (VCB = 10 V, f = 1.0 MHz) Noise Figure (IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 k, f = 1.0 kHz, BW = 200 Hz) fT Cobo NF 100 -- -- -- -- -- -- 4.5 10 MHz pF dB
WEITRON
http://www.weitron.com.tw
2/9
09-Oct-08
BC846BPDW Series
ELECTRICAL CHARACTERISTICS (PNP) (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = -10 mA) V(BR)CEO BC846 Series BC847 Series BC848 Series BC846 Series BC847 Series BC848 Series BC846 Series BC847 Series BC848 Series BC846 Series BC847 Series BC848 Series V(BR)EBO -5.0 -5.0 -5.0 ICBO -- -- -- -- -- -- -- -- -- -- -15 -4.0 nA A V(BR)CES -80 -50 -30 V(BR)CBO -80 -50 -30 -- -- -- -- -- -- V -- -- -- -- -- -- V -65 -45 -30 -- -- -- -- -- -- V V
Collector-Emitter Breakdown Voltage (IC = -10 A, VEB = 0)
Collector-Base Breakdown Voltage (IC = -10 A)
Emitter-Base Breakdown Voltage (IE = -1.0 A)
Collector Cutoff Current (VCB = -30 V) Collector Cutoff Current (VCB = -30 V, TA = 150C)
ON CHARACTERISTICS
DC Current Gain (IC = -10 A, VCE = -5.0 V) hFE BC846B, BC847B, BC848B BC847C, BC848C BC846B, BC847B, BC848B BC847C, BC848C VCE(sat) -- -- VBE(sat) -- -- VBE(on) -0.6 -- -- -- -0.75 -0.82 -0.7 -0.9 -- -- V -- -- -0.3 -0.65 V -- -- 200 420 150 270 290 520 -- -- 475 800 V --
(IC = -2.0 mA, VCE = -5.0 V) Collector-Emitter Saturation Voltage (IC = -10 mA, IB = -0.5 mA) (IC = -100 mA, IB = -5.0 mA) Base-Emitter Saturation Voltage (IC = -10 mA, IB = -0.5 mA) (IC = -100 mA, IB = -5.0 mA) Base-Emitter On Voltage (IC = -2.0 mA, VCE = -5.0 V) (IC = -10 mA, VCE = -5.0 V)
SMALL-SIGNAL CHARACTERISTICS
Current-Gain -- Bandwidth Product (IC = -10 mA, VCE = -5.0 Vdc, f = 100 MHz) Output Capacitance (VCB = -10 V, f = 1.0 MHz) Noise Figure (IC = -0.2 mA, VCE = -5.0 Vdc, RS = 2.0 k, f = 1.0 kHz, BW = 200 Hz) fT Cob 100 -- -- -- -- 4.5 MHz pF
NF
--
--
10
dB
WEITRON
http://www.weitron.com.tw
3/9
09-Oct-08
BC846BPDW Series
TYPICAL NPN CHARACTERISTICS - BC846

Figure 1. DC Current Gain
Figure 2. "On" Voltage

Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient

Figure 5. Capacitance
Figure 6. Current-Gain - Bandwidth Product
WEITRON
http://www.weitron.com.tw
4/9
09-Oct-08
BC846BPDW Series
TYPICAL PNP CHARACTERISTICS --BC846

Figure 7. DC Current Gain
Figure 8. "On" Voltage


Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
Figure 11. Capacitance
Figure 12. Current-Gain - Bandwidth Product
WEITRON
http://www.weitron.com.tw
5/9
09-Oct-08
BC846BPDW Series
TYPICAL NPN CHARACTERISTICS - BC847 SERIES & BC848 SERIES

Figure 13. Normalized DC Current Gain
Figure 14. "Saturation" and "On" Voltages
Figure 15. Collector Saturation Region
Figure 16. Base-Emitter Temperature Coefficient
Figure 17. Capacitances
Figure 18. Current-Gain - Bandwidth Product
WEITRON
http://www.weitron.com.tw
6/9
09-Oct-08
BC846BPDW Series
TYPICAL PNP CHARACTERISTICS -- BC847 SERIES & BC848 SERIES

Figure 19. Normalized DC Current Gain
Figure 20. "Saturation" and "On" Voltages
Figure 21. Collector Saturation Region
Figure 22. Base-Emitter Temperature Coefficient
Figure 23. Capacitances
Figure 24. Current-Gain - Bandwidth Product
WEITRON
http://www.weitron.com.tw
7/9
09-Oct-08
BC846BPDW Series
Z JA(t) = r(t) R JA R JA = 328 C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) R JC(t)
Figure 25. Thermal Response
WEITRON
http://www.weitron.com.tw
8/9
09-Oct-08
BC846BPDW Series
SOT-363 Package Outline Dimensions
A
Unit:mm
SOT-363
6 5 4
BC
1 2 3
D
E
H K J L M
Dim A B C D E H J K L M
Min Max 0.10 0.30 1.15 1.35 2.00 2.20 0.65 REF 0.30 0.40 1.80 2.20 0.10 0.80 1.10 0.25 0.40 0.10 0.25
0.5 mm (min)
0.4 mm (min)
1.9 mm
WEITRON
http://www.weitron.com.tw
9/9
0.65 mm 0.65 mm
09-Oct-08


▲Up To Search▲   

 
Price & Availability of BC847

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X