Part Number Hot Search : 
PIC16 EAXXX 1N5340 311YH MH21F M1200 1212D 20000
Product Description
Full Text Search
 

To Download 3DD5603I-O-I-N-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD5603I/U/M/Z
IC VCEO VCBO PC(TO-126) PC(TO-220)
MAIN CHARACTERISTICS
1.5A 800V 1500V 20W 40W
Package

APPLICATIONS
Battery charger High frequency switching power supply High frequency power transform Commonly power amplifier TO-251 (3DD5603I) TO-252 (3DD5603U)
RoHS
FEATURES
High breakdown voltage High current capability High switching speed High reliability RoHS product
TO-126 (3DD5603M)
TO-220 (3DD5603Z)
ORDER MESSAGE
Order codes 3DD5603I -O- I -N-B 3DD5603I -O- I -N-C 3DD5603U-O-U-N-B 3DD5603U-O-U-N-C 3DD5603M-O-M-N-B 3DD5603M-O-M-N-C 3DD5603Z -O- I -N-B 3DD5603Z -O- I -N-C Halogen Free NO NO NO NO NO NO NO NO Marking D5603I D5603I D5603U D5603U D5603M D5603M D5603Z D5603Z Package TO-251 TO-251 TO-252 TO-252 TO-126 TO-126 TO-220 TO-220 Packaging Tube Bag Tube Bag Tube Bag Tube Bag
200910B
1/6
R
3DD5603 (I/U/M/Z)
ABSOLUTE RATINGS (Tc=25)
Parameter Symbol VCBO VCEO VEBO IC ICP PC PC PC Tj Tstg Value 1500 800 6 1.5 3.0 10 20 40 150 -55~+150 Unit V V V A A W W W
-- -- --
Collector- Base Voltage Collector- Emitter Voltage Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-251/252) Total Dissipation (TO-126) Total Dissipation (TO-220) Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTIC
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tf ts fT IC=10mA,IB=0 IC=1mA,IB=0 IE=1mA,IC=0 VCB=1400V, IE=0 VCE=780V,IB=0 VEB=6V, IC=0 VCE=5V, VCE=5V, IC=1.0A, IC=1.0A, VCC=24V VCC=24V IC=150mA IC=1.5A IB=0.2A IB=0.25A IC=0.25A,IB1=-IB2=0.05A IC=0.25A,IB1=-IB2=0.05A
Tests conditions
Value(min)
850 1600 8 -30 5.0 0.3 0.8 -
5 10 5 40 0.8 1.2 0.7 5 -
Parameter
Value(typ) Value(max)
Unit V V V A A A V V S S MHz
800 1500 6 20 3.0 4
VCE=10V, IC=0.1A
THERMAL CHARACTERISTIC

Parameter
Symbol
Value(min) Value(max)
Unit /W /W /W
TO-251/252 Thermal Resistance Junction Case TO-126 Thermal Resistance Junction Case TO-220 Thermal Resistance Junction Case
TO-251/252 TO-126 TO-220
Rth(j-c) Rth(j-c) Rth(j-c)
-
12.5 6.25 3.125
200910B
2/6
R
3DD5603 (I/U/M/Z)
ELECTRICAL CHARACTERISTICS (curves)
hFE - IC
VCE(sat)- IC
10.00
100
hFE
Tj=100
VCE(sat)
Tj=100
1.00
Tj=25
10
Ic/Ib=5
0.10
Tj=25 Vce=5V
1 0.001
0.01
0.010 0.100 1.000 10.000
0.0
0.1
1.0
10.0
ICA VBEsat- IC
1.0
ICA SOA ICA
VBE(sat)V
Ic/Ib=5
Tj=25
TC=25 DC
CURVES MUST BE DERATED
Tj=100
LINEARLY WITH INCREASE IN TEMPERATURE
0.5 0.01
0.10
1.00
10.00
ICA PC-TC PC (percent)
VCEV
TC
200910B
3/6
R
3DD5603 (I/U/M/Z)
Unit mm
PACKAGE MECHANICAL DATA TO-251
A b b1 C D1 D2 E E1 e F L Q1 a1 a2 a3
2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 7.60-7.80 1.15-1.25 4 O -6 O 4 O -6 O 4 O -6 O
PACKAGE MECHANICAL DATA TO-252
A b b1 C D1 D2 E E1 e F L L1 L2 L3 Q1
Unit mm
2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 2.60-2.80 0.90-1.10 1.70-1.90 0.70-0.90 1.15-1.25
200910B
4/6
R
3DD5603 (I/U/M/Z)
Unit mm
PACKAGE MECHANICAL DATA TO-126
A B c D E e L F
]
2.50-2.90 0.60-0.90 0.30-0.70 10.50-11.10 7.10-8.10 2.19-2.39 14.0-17.0 1.07-1.47 4O 3O 2.90-3.30
Z Z1 P
PACKAGE MECHANICAL DATA TO-220
A B1 b c D D2 E e F L L2 P Q Q1
Unit mm
mm 4.4-4.8 1.1-1.4 0.7-0.95 0.3-0.55 14.45-16.0 8.2-9.2 9.6-10.4 2.54typ 1.2-1.35 13.05-14.05 3.7-3.9 3.5-4.0 2.4-3.0 2.2-2.9
200910B
5/6
R
3DD5603 (I/U/M/Z)
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 Date 2009-9-1 2009-10-29 200909A Last Rev.
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 Description of Changes
AppendixRevision History
New Rev. 200909A 200910B
200910B
6/6


▲Up To Search▲   

 
Price & Availability of 3DD5603I-O-I-N-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X