Part Number Hot Search : 
ATS236P IRG4BC PIC16F87 80N100 TA8025F FAN7930B 0213125P 2SK1622S
Product Description
Full Text Search
 

To Download PWW5CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSN, PV, PSO, PN, PWW, PAP
high voltage power resistors
EU
features NEW * PSN is made completely moisture preventive to be PSO * PN is a non-inductive type and can be used for high frequency * PWW resistors, which are non-inductive wirewound resistors for high voltage with resistance wires wound on insulation pipes * PAP resistors are non-inductive wirewound resistors with inductance less than PWW, can be used for pulse wave measurement, impulse generators, etc. and have the same dimensions as PWW resistors
dimensions and construction
PSN * PV
Insulation coating
PN, PWW, PAP
Electrode Cap Adhesive Insulation coating
Size Code PSN-0.5 PSN-1 PSN-2 PSN-3 PSN-4 PSN-5 PSN-6 PV-0.5 PV-1 PV-2 PV-5 PV-8 PSO-0.5 PSO-1 PSO-2 PSO-3 PSO-4 PSO-5 PSO-6 PN-0.5 PN-1 PN-2 PN-3 PN-4 PWW-3, PAP-3 PWW-4, PAP-4 PWW-5, PAP-5 PWW-6, PAP-6 C F Termination Material CP C:Sn/Cu (o1.0mm) T:Sn(o1.2mm) C, M Nil:Ni
L
Dimensions inches D0.5 H (Nominal) 17.5 24 33 45 62 9.5 17.5 24 33 28 38 46 65 80 10 15 20 25 8 10 15 20 10 20 25 8 17 12
Weight (g) 20 30 85 250 600 800 1350 12 23 45 105 220 120 150 370 760 1900 3500 6200 25 55 80 100 125 310 * 250 660 * 510 1330 * 960 2700 * 1850 J J Tolerance J : 5% K : 10% M : 20%
Electrode Cap
Adhesive
Resistive Wire Ceramic Core or FRP pipe
Resistor
L H
H
L
PSO
Electrode Cap Insulation Oil Insulation Pipe
502 1002 2002 3002 4003 5003 10005 802 1502 2502 555 1055 2055 3205 4205 5305 10505 502 1002 2002 3002 4002 3002 4003 5003 10005
D
D
PSN
Insulation Coating
H
L
D
33 45 62
20 25
W NE ordering information
New Part # Pb free RoHs PSN PSN Product Code PSN PV PSO PN PWW PAP *1: See Appendix C 0.5 0.5 Power Rating 0.5 : 2W 1 : 5W 2 : 10W 3 : 25W 4 : 50W 5 : 125W 6 : 250W CP CP Cap* C M MS CP
A A Holder Nil: No Holder A B
105 105 Nominal Resistance 3 digits
RoHS
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
97
resistors
PSN, PV, PSO, PN, PWW, PAP
resistors
high voltage power resistors applications and ratings
Part Designation PSN-0.5 PSN-1 PSN-2 PSN-3 PSN-4 PSN-5 PSN-6 PV-0.5 PV-1 PV-2 PV-5 PV-8 PSO-0.5 PSO-1 PSO-2 PSO-3 PSO-4 PSO-5 PSO-6 PN-0.5 PN-1 PN-2 PN-3 PN-4 PWW-3 PAP-3 PWW-4 PAP-4 PWW-5 PAP-5 PWW-6 PAP-6 Power Rating (W) 2 5 10 25 50 125 250 2 4 7 12 20 1.5 4 8 20 40 100 200 1.5 3 6 9 12 25 50 100 200 Resistance Range () J: 5% K: 10% M: 20% (E24) 500~500M 1k~1G 2k~2G 3k~3G 4k~4G 5k~5G 6k~6G 500~500M 1k~1G 1.5k~1.5G 2.5k~2.5G 2.5k~2.5G 500~500M 1k~1G 2k~2G 3k~3G 4k~4G 5k~5G 6k~6G 50~500k 100~1M 200~2M 300~3M 400~4M 10~800 10~400 15~1500 10~800 25~2500 15~1000 50~5000 25~2000 T.C.R. (x10-6/K) Maximum Working Voltage 15kV 30kV 60kV 90kV 120kV 150kV 300kV 24kV 45kV 75kV 3000 (R1G) 15kV 30kV 60kV 90kV 120kV 150kV 300kV -- -- -- -- -- Impulse Withstand Voltage 20kV 40kV 80kV 120kV 160kV 200kV 400kV 32kV 60kV 100kV 20kV 40kV 80kV 120kV 160kV 200kV 400kV 20kV 40kV 80kV 120kV 160kV 120kV -- -- 160kV 200kV -- -- -15C~+60C Operating Temperature Range Inductance (H) Maximum
-30C~+125C
1500: +25C/-15C 1000: +25C/+85C (R<1G)
-30C~+125C
20 3 35 6 70 12 150 25
environmental applications Derating Curve
1 2 1 2 PSN, PV, PN PWW, PAP PSO
Holder Dimensions (mm)
B
45 45 E W 45 45 E
100 80 % Rated Power 60
2 1
R t F M t F
G
R M
40 20 0 -40
-20 -30 -15
0
20 40 -25
60
80
100
120 140 125
Ambient Temperature (C)
Type PSN-0.5, PSN-1, PV-2 PSN-2, PV-5 PSN-3, PV-8 PSN-4 PSN-5, PSN-6
R 8.5 11.5 16 22 30
E 11 15 18 20 25
F 16 18 24 36 46
G 24 32 40 59 74
G
o4.2 o6.5
M
t 0.8 1.0 1.5 1.5
W 1.50.5 1.51.0 2.01.0
Performance Characteristics
Parameter Resistance T.C.R. Rapid Change of Temperature Voltage Characteristics Moisture Resistance Endurance at 25C Requirements R% Within specified tolerance Within specified T.C.R. 5 3 5: 10 : 5: 10 : R<100M R100M R<100M R100M
(PWW, PAP: Please contact factory for details) Test Method 25C 1500 : +25C/-15C R<1G 1000 : +25C/+85C R1G 3000 : +25C/-15C, +25C/+85C -30C (30 minutes)/+85C (30 minutes) 5 cycles Except for PSN Rated voltage or max. working voltage, whichever is lower and 1/10 of its voltage 40C, 90%~95%RH, 250 hours 25C, 500 hours 25C, 500 hours, Continuous load
12/28/08
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
98
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com


▲Up To Search▲   

 
Price & Availability of PWW5CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X