Part Number Hot Search : 
SI531 2N7002M NCP6334B BD175 AD889JS 74HCT04 VN410 C1206J
Product Description
Full Text Search
 

To Download 45984-8412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0459848412 Active
extreme_lphpower 1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPowerTM Receptacle Header, Right Angle, 8 Power Contacts, 12 Signal Contacts, Select Gold (Au) Plating, for 2.36mm (.093") Thick PC Board, with Guide Posts, with Press-fit Plastic Pegs
Documents: 3D Model Drawing (PDF)
Product Specification PS-45984-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Receptacles 45984 Board-to-Board extreme_lphpower EXTreme LPHPowerTM
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) 20 20 8 Power, 12 Signal Black 250 94V-0 No Yes Yes No High Performance Alloy (HPA), Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Right Angle 0.142 In 3.60 mm Yes Yes 0.093 In 2.36 mm Tray 0.050 In, 0.472 In 1.27 mm, 12.00 mm 30 0.75 150, 75 1.875, 3.75 Yes Yes No Yes
Search Parts in this Series 45984Series Mates With 45985 EXTreme LPHPowerTM Headers, 1.57mm (.062") Card Edge
Temperature Range - Operating Termination Interface: Style
-40C to +105C Through Hole
Electrical
Current - Maximum per Contact Grounding to PCB Voltage - Maximum 23A No 250V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 20 Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-45984-001 PS-45984-001 SD-45984-800
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 45984-8412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X