Part Number Hot Search : 
C5706 BH6113FV BR1500 1N5046 PQ60018 EGA16 UDA1384 UPC2910T
Product Description
Full Text Search
 

To Download UKT1C101MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
KT
For General Audio Equipment, Wide Temperature Range.
series
105C standard for audio equipment. Adapted to the RoHS directive (2002/95/EC).
KT
High Sound Quality
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
VZ
Performance Characteristics
- 55 ~ +105C 6.3 ~ 50V 0.1 ~ 10000F 20% at 120Hz, 20C After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (A) , whichever is greater. After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
Rated voltage (V) tan (MAX.)
tan
6.3 0.30
10 0.26 6.3 5 10
16 0.22 10 4 8
25 0.18 16 3 6
35 0.16 25 2 4 35 2 3
50 0.14 50 2 3
Measurement frequency : 120Hz, Temperature : 20C
For capacitance of more than 1000F, add 0.02 for every increase of 1000F Rated voltage (V) Z- 25C / Z+20C Z- 40C / Z+20C Measurement frequency : 120Hz
Stability at Low Temperature
Impedance ratio ZT / Z20 (MAX.)
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristics requirement listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C tor 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with black color letter on purl blue sleeve.
Radial Lead Type Sleeve (P.E.T.)
Type numbering system (Example : 16V 1000F)
B
d
UKT 1C 1 0 2 MPD
4MIN P 0.5
1 2 3 4 5 6 7 8 9 10 11
L+1.5MAX. Pressure relief vent (B6.3up)
BD B
15MIN
P
5 6.3 8 10 12.5 (~25L) 12.5 (35.5L~) 2.0 2.5 3.5 5.0 5.0 5.0 0.5 0.5 0.6 0.6 0.6 0.8
(mm)
Configuration
* Please refer to page 21 about the end seal configulation.
D 5 6.3 8 10 12.5
B
Pb-free leadwire Pb-free PET sleeve
Configuration Capacitance tolerance (20%) Rated Capacitance (1000F) Rated voltage (16V) Series name Type
BD
+0.5 MAX.
DD ED PD HD
Dimensions
V
Cap.(F)
code
x x x x x x x x x x x x x
x x x x x x x x x x x x
x x x x x x x x x x x x
x x x x x x x x x x x x
x x x x x x x x x x x
x x x x x x x x x x x x x x x x x
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Cap.(F) Frequency
~ 47 100 ~ 470 1000 ~ 10000
50Hz 0.75 0.80 0.85
120Hz 1.00 1.00 1.00
300Hz 1.35 1.23 1.10
1kHz 1.57 1.34 1.13
10kHz ~ 2.00 1.50 1.15
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UKT1C101MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X