Part Number Hot Search : 
R3709Z CS937 6670AL 4953A 80515 SSM3K ANTXV BA7623
Product Description
Full Text Search
 

To Download M80-8430842 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datamate Connectors
Male Horizontal PC tail
Mates with female connectors on pages 18 to 20. For British Standard versions see pages 14 to 15. Supplied with strain relief straps: order code m80-0030006.
single roW
Friction lock or latch (when fitted) adds 0.5mm to overall length `A'
caLcULatioN
a B
B + 5.60 (Total No. of contacts - 1) x 2
No. 1 contact
Double roW
Friction lock or latch (when fitted) adds 0.5mm to overall length `A'
5.50 max. 0.30
caLcULatioN
a B
No. 1 contact
B + 5.60 Total No. of contacts - 2
No. 1 contact Tail
Tail A max. Tail
3.50 max.
O0.30
Strain relief strap holes (optional) O0.90 min.
A max.
B
2.25 4.75
5.50 max. 0.30
Strain relief strap holes O0.90 min.
2.00
B
A max.
2.25 0.50 4.75
5.90
5.90
Hole O0.80 max.
2.00 5.90 2.00 2.00 B O0.50 2.00 2.00
Hole O0.80 max.
O0.50
B
Strain relief strap holes O0.90 min.
Strain relief strap holes (optional) O0.90 min. Hole O0.80 max. B 2.25 2.00 0.50 4.75 O Pad 1.50 4.75
B
O0.50
Strain relief strap holes O0.90 min. O Pad 1.50
Hole O0.80 max. 2.00 4.75
0.50
Hole O0.80 max.
recommended PC board Pattern
View of strap in place
recommended PC board Pattern
HoW to orDer
m80 - XXX XX XX
SerieS coDe Strain relief strap holes O0.90 min.
O Pad 1.50 Hole O0.80 max. 2.00
FiNiSh
05
Gold Gold + Tin/Lead Gold + Tin Gold
rohS
843 842 846 793 792 796
Non-rohS
Double Single
Single
Double
0.50
22 42 45
841 851 839 791 771 789
878 876 804 793 792 796
868 866 814 791 771 789
4.75
Unlatched (3mm tail) Latched (3mm tail) Friction latched (3mm tail) Unlatched (4.5mm tail) Latched (4.5mm tail) Friction latch (4.5mm tail)
totaL No. oF coNtactS
Single Row Double Row
02 to 07, 17, 22 04, 06, 08, 10, 12, 14, 16, 18, 20, 26, 34, 44
Strain relief straps are supplied with all horizontal pc tail connectors. There is no need to order separately. Straps are located at the end of each connector.
All dimensions in mm.
www.harwin.com
22


▲Up To Search▲   

 
Price & Availability of M80-8430842

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X