Part Number Hot Search : 
D1020 SI1867DL MSP430 LN183HK AP3700M WG5030S 319211A DSP10
Product Description
Full Text Search
 

To Download MBR20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E
L
E
C
T
R
O
N
I
C
MBR20100CT
Power Schottky Rectifier - 20Amp 100Volt
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 -High Junction Temperature Capability -Low forward voltage, high current capability -High surge capacity -Low power loss, high efficiency -ESD performance human body mode > 8 KV
TO-220AB
B C D K E A L M
Application
-AC/DC Switching Adaptor and other Switching Power Supply -TFT-LCD and DVD Power Supply
Absolute maximum ratings
Symbol Ratings 20 100 150 0.66 -50 to +175 -50 to +150 Unit A V A V C C Conditions Average Forward Current Repetitive Peak Reverse Voltage Peak Forward Surge Current Forward Voltage Drop Operating Temperature Storage Temperature
H
A1
F O I J G
IF(AV) VRRM IFSM VF(max) Tj Tstg
H
N
K A2
Electrical characteristics
Parameters Maximum Instantaneous Forward Voltage Maximum Reverse Leakage Current Maximum Voltage Rate of Change Typical Thermal Resistance, Junction to Case Symbol Ratings 0.82V 0.66V 0.01mA 10mA 10,000 V/s Conditions Tc = 25C Tc = 125C Tc = 25C Tc = 125C Rated VR
DIM A B C D E F G H I J K L M N O
VF IR
dv/dt
R (j-c)
2.2 C/W
Per diode
DIMENSIONS INCHES MM MAX MIN MAX MIN .579 .606 14.70 15.40 .392 .411 9.95 10.45 .104 .116 2.65 2.95 .248 .272 6.30 6.90 .325 .350 8.25 8.90 .126 .157 3.20 4.00 .492 .551 12.50 14.00 .096 .108 2.45 2.75 .028 .039 0.70 1.00 .010 .022 0.25 0.55 .146 .157 3.70 4.00 .167 .187 4.25 4.75 .045 .057 1.15 1.45 .089 .114 2.25 2.90 .047 .055 1.20 1.40
NOTE
Note: Pulse Test : 380s pulse width, 2% duty cycle
August 2008 / Rev.6.1
http:// www.sirectsemi.com
1
MBR20100CT
100 60 40
10 6 4
20 10 6 4 2
2 1 .6 .4 .2 .1 .06 .04
25
1 .6 .4
.2 .1 .06 .04
INSTANTANEOUS REVERSE LEAKAGE ( AMPS)
INSTANTANEOUS FORWARD CURRENT (AMPS)
TA=25
.02 .01 .006 .004
.02 .01
.002 .001
0.2
0.3
0.4
0.5
0.6
0.7
0.8
20
50
75
100
125
150
175
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PERCENT OF RATED PEAK REVERSE VOLTAGE (VOLTS)
Figure 1. Typical Forward Characteristics
Figure 2. Typical Reverse Characteristics
PEAK FORWARD SURGE CURRENT AMPERES
20
150
AVERAGE FORWARD CURRENT AMPERES
15
120
90
10
60
5
RESISTIVE OR INDUCTIVE LOAD
30
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
0
1
2
5
10
20
50
100
CASE TEMPERATURE (C)
NUMBER OF CYCLES AT 60Hz
Figure 3. Forward Current Derating Curve
Figure 4. Maximum Non-repetitive Surge Current
Sirectifier Global Corp., Delaware, U.S.A. U.S.A.: sgc@sirectsemi.com France: ss@sirectsemi.com Taiwan: se@sirectsemi.com Hong Kong: hk@sirectsemi.com China: st@sirectsemi.com ...Thailand: th@sirectsemi.com Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com
http:// www.sirectsemi.com
2


▲Up To Search▲   

 
Price & Availability of MBR20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X