Part Number Hot Search : 
TB0612A A2168 33AD1 6DN2550M SMB36A LP101 SMCJ51CA TDA8102B
Product Description
Full Text Search
 

To Download PL00202-WCG05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00202 Series SMD LED 1206 Package
Features
*Flat Lens Package 3.2 x 1.6 x 1.1mm *GaN Ultra Bright Green Chip used *Low Current Requirements *High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *2000 or 1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation............................................................................. 120mW Reverse Voltage (<100A) ......................................................................... 5.0V Max Forward Current .......................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)................................... 100mA Operating Temperature Range .................................................... -40C to +85C Storage Temperature Range ....................................................... -40C to +85C Reflow Soldering Temperature............................................. 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00202-WCG05 Pure Green GaN Emitting Color Chip Material Peak Wave Length nm 523 Dominant Wave Length nm 525 Viewing Angle 21/2 Degrees 120 Forward Voltage @20mA (V) Typ Max 3.5 4.0 Luminous Intensity @20mA (mcd) Min Typ 135.0 200.0
Package Dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified.
CATHODE MARK
3.2 2.2
1.6
R0.25
1
2
2.0 1.9 1.1 0.5
1
2
Recommended Soldering Pad Layout
1.5
1.75
2.0
1.75
01-23-07 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL00202-WCG05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X