Part Number Hot Search : 
02K100 DDZ17 TDA9806 STLM20W8 5A200 74HCT37 V600ME PB2041NL
Product Description
Full Text Search
 

To Download 0190030009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190030009 Active
InsulKrimpTM Quick Disconnect, Female, for 18-22 (0.80-0.35), Continuous Molded Strip, Tab 6.35mm (.250") x 0.81mm (
Documents: Drawing (PDF) Product Specification PS-19902-008 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR18689 E79133
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment Product Name Type Quick Disconnects 19003 Funnel Entry Yes InsulKrimpTM Quick Disconnect
Physical
Barrel Type Color - Resin Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural 94V-2 Female No Nylon (PA) None Brass Tin Tin Nylon Straight Reel 160 4 160 4 No 0.81mm (.032") 6.35mm (.250") -65C to +105C Crimp or Compression 5.84mm (.230") max. 18, 20, 22 0.35 - 0.80
Search Parts in this Series 19003Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM 0638837200 Applicator
Electrical
Voltage - Maximum 600V
Material Info
Old Part Number AA-2201XC
Reference - Drawing Numbers
Product Specification Sales Drawing PS-19902-008 SD-19003-006
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0190030009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X